Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE1032 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE1032
Description  Linear Integrated Circuit,OTL Audio Power Amp, 1W
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1032 Datasheet(HTML) 2 Page - NTE Electronics

  NTE1032 Datasheet HTML 1Page - NTE Electronics NTE1032 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
VCC
Pin Connection Diagram
Bypass
GND
N.C.
Feedback
Bypass
AF Input
1
2
3
Predriver Output
4
5
GND
6
12
11
10
Driver Input
9
8
Output
7
N.C.
.236 (6.0)
.788
(20.0)
Max
.583
(14.8)
.125 (3.2) Dia
.756 (19.2)
.100 (2.54)
.165 (4.2)
.244
(6.2)
.020
(.508)
.145 (3.68) Min
.300 (7.62)
1
6
7
12
1.062 (26.9)


Similar Part No. - NTE1032

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1039 NTE-NTE1039 Datasheet
78Kb / 2P
   Integrated Circuit FM IF Amplifier
More results

Similar Description - NTE1032

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA6278P KEC-KIA6278P Datasheet
104Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (1W SINGLE AUDIO POWER AMPLIFIER)
logo
NTE Electronics
NTE1075A NTE-NTE1075A Datasheet
76Kb / 1P
   Integrated Circuit Audio Power Amplifier, 1W
NTE1224 NTE-NTE1224 Datasheet
76Kb / 1P
   Integrated Circuit Audio Power Amplifier, 1W
NTE812 NTE-NTE812 Datasheet
21Kb / 2P
   Integrated Circuit Audio Power Amplifier, 1W
NTE1381 NTE-NTE1381 Datasheet
81Kb / 2P
   Integrated Circuit Audio Power Amp, 2.1W
NTE1228 NTE-NTE1228 Datasheet
21Kb / 2P
   Integrated Circuit Audio Power Amp, 2.1W
NTE1110 NTE-NTE1110 Datasheet
82Kb / 3P
   Integrated Circuit Audio Power Amp, 2W
NTE828 NTE-NTE828 Datasheet
21Kb / 2P
   Integrated Circuit Audio Power Amp, 1.5W
NTE1240 NTE-NTE1240 Datasheet
72Kb / 2P
   Integrated Circuit Audio Power Amp, 5.5W
NTE1278 NTE-NTE1278 Datasheet
73Kb / 2P
   Integrated Circuit Audio Power Amp, 5.8W
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com