Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF306 Datasheet(PDF) 2 Page - DAESAN ELECTRONIC CORP.

Part # SF306
Description  CURRENT 30.0 Amperes VOLTAGE 50 to 400 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

SF306 Datasheet(HTML) 2 Page - DAESAN ELECTRONIC CORP.

  SF306 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. SF306 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES SF301 THRU SF306
FIG . 1 -REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
trr
1cm
50
NONINDUCTIVE
10
NONINDUCTIVE
DUT
OSCILLOSCOPE
(NOTE 2)
(+ )
50Vdc
(approx)
(-)
NOTES: 1 . RISE TIME = 7nsmax. INPUT
IMPEDANCE= 1 MEGOHM 22p
2 . RISETIME = 10ns max.SOURSE
IMPEDANCE = 50ohmsf
+0.5A
-0.25A
0
-1.0A
SET TIME BASE FOR
5/ 10ns / cm
NONINDUCTIVE
FIG . 2 -MAXIMUM AVERAGE FORWARD CURRENT
DERATING CURVE
FIG . 3 -TYPICAL REVERSE CHARACTERISTICS
PULSE
GENERATOR
( NOTE 2 )
PER LEG
0
50
100
150
36
30
24
12
6.0
0
1000
100
10
1.0
0.1
0
20
40
60
80
100 120 140
O
TC=100 C
O
TC=25 C
PERCENT OF RATED PEAK REVERSE VOLTAGE . (%)
NMBER OF CYCLES AT 60Hz
FIG . 5 -TYPICAL JUNCTIOON CAPACITANCE PER LEG
FIG . 6 -TYPICAL FRWARD CHARACTERISTICS
PER LEG
O
CASE TEMPERATURE. ( C )
1
2
5
10
20
50
100
300
250
200
150
100
50
0
8.3ms Single Half Sine
Wave JEDEC Method
T = T max
J
J
O
Tj=25 C
t=1MHz
Vsig= 50M Vp-p
.1
.5
1.0
5.0
10.0
50
100
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
100
20
10
4
1.0
.4
.1
forward voltage . (v)
O
125 C
O
25 C
SF305-306
SF301-304
Pulse Width=300 s
2% Duty Cycle
REVERSE VOLTAGE . (V )


Similar Part No. - SF306

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SF306 WTE-SF306 Datasheet
47Kb / 3P
   3.0A SOFT FAST RECOVERY RECTIFIER
logo
Bytes
SF306 BYTES-SF306 Datasheet
166Kb / 2P
   30.0 AMP SUPER FAST RECTIFIERS
logo
Formosa MS
SF306 FORMOSA-SF306 Datasheet
39Kb / 2P
   30.0 AMP SUPER FAST RECTIFIERS
logo
GOOD-ARK Electronics
SF306 GOOD-ARK-SF306 Datasheet
177Kb / 2P
   SUPER FAST RECOVERY RECTIFIER
logo
UNIOHM CORPORATION
SF306 UNIOHM-SF306 Datasheet
74Kb / 2P
   30.0 AMP SUPER FAST RECTIFIERS
More results

Similar Description - SF306

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
HER3001 DAESAN-HER3001 Datasheet
323Kb / 2P
   CURRENT 30.0 Amperes VOLTAGE 50 to 600 Volts
ES2A DAESAN-ES2A Datasheet
340Kb / 2P
   CURRENT 2.0 Amperes VOLTAGE 50 to 400 Volts
ES3A DAESAN-ES3A Datasheet
336Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 400 Volts
logo
PACELEADER INDUSTRIAL
SF51 PACELEADER-SF51 Datasheet
554Kb / 2P
   VOLTAGE RANGE 50 to 400 Volts CURRENT 5.0 Amperes
logo
Pan Jit International I...
ER1000CT PANJIT-ER1000CT Datasheet
57Kb / 3P
   SUPERFAST RECOVERY RECTIFIERS(VOLTAGE- 50 to 400 Volts CURRENT- 10.0 Amperes)?
ER1000F PANJIT-ER1000F Datasheet
350Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS(VOLTAGE: 50 to 400 Volts CURRENT: 10.0 Amperes)
ER800 PANJIT-ER800 Datasheet
54Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS(VOLTAGE - 50 to 400 Volts CURRENT - 8.0 Amperes)
ER1000 PANJIT-ER1000 Datasheet
269Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS(VOLTAGE: 50 to 400 Volts CURRENT: 10.0 Amperes)
logo
Formosa MS
MBR3040CT FORMOSA-MBR3040CT Datasheet
367Kb / 2P
   REVERSE VOLTAGE 40 to 200 Volts RORWARD CURRENT 30.0 Amperes
logo
Rectron Semiconductor
HER1601C RECTRON-HER1601C Datasheet
24Kb / 2P
   HIGH EFFICIENCY RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 16.0 Amperes)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com