Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC441LM1 Datasheet(PDF) 8 Page - Hittite Microwave Corporation

Part # HMC441LM1
Description  GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 7.0 - 15.5 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC441LM1 Datasheet(HTML) 8 Page - Hittite Microwave Corporation

  HMC441LM1_07 Datasheet HTML 1Page - Hittite Microwave Corporation HMC441LM1_07 Datasheet HTML 2Page - Hittite Microwave Corporation HMC441LM1_07 Datasheet HTML 3Page - Hittite Microwave Corporation HMC441LM1_07 Datasheet HTML 4Page - Hittite Microwave Corporation HMC441LM1_07 Datasheet HTML 5Page - Hittite Microwave Corporation HMC441LM1_07 Datasheet HTML 6Page - Hittite Microwave Corporation HMC441LM1_07 Datasheet HTML 7Page - Hittite Microwave Corporation HMC441LM1_07 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
9
9 - 97
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Recommended SMT Attachment Technique
Preparation & Handling of the LM1 Microwave Package for Surface Mounting
The HMC LM1 package was designed to be compatible with high volume
surface mount PCB assembly processes.
The LM1 package requires a
specific mounting pattern to allow proper mechanical attachment and to
optimize electrical performance at millimeterwave frequencies. This PCB
layout pattern can be found on each LM1 product data sheet. It can also
be provided as an electronic drawing upon request from Hittite Sales &
Application Engineering.
Follow these precautions to avoid permanent damage:
Cleanliness: Observe proper handling procedures to ensure clean devices
and PCBs. LM1 devices should remain in their original packaging until
component placement to ensure no contamination or damage to RF, DC &
ground contact areas.
Static Sensitivity: Follow ESD precautions to protect against ESD strikes.
General Handling: Handle the LM1 package on the top with a vacuum collet or along the edges with a sharp pair of bent tweezers.
Avoiding damaging the RF, DC, & ground contacts on the package bottom. Do not apply excess pressure to the top of the lid.
Solder Materials & Temperature Profile: Follow the information contained in the application note. Hand soldering is not recommended.
Conductive epoxy attachment is not recommended.
Solder Paste: Solder paste should be selected based on the user’s experience and be compatible with the metallization systems
used. See the LM1 data sheet Outline drawing for pin & ground contact metallization schemes.
Solder Paste Application: Solder paste is generally applied to the PCB using either a stencil printer or dot placement. The volume of
solder paste will be dependent on PCB and component layout and should be controlled to ensure consistent mechanical & electrical
performance. Excess solder may create unwanted electrical parasitics at high frequencies.
Solder Reflow: The soldering process is usually accomplished in a reflow oven but may also use a vapor phase process. A solder
reflow profile is suggested above.
Prior to reflowing product, temperature profiles should be measured using the same mass as the actual assemblies. The thermo-
couple should be moved to various positions on the board to account for edge and corner effects and varying component masses.
The final profile should be determined by mounting the thermocouple to the PCB at the location of the device.
Follow solder paste and oven vendor’s recommendations when developing a solder reflow profile. A standard profile will have a
steady ramp up from room temperature to the pre-heat temperature to avoid damage due to thermal shock. Allow enough time
between reaching pre-heat temperature and reflow for the solvent in the paste to evaporate and the flux to completely activate.
Reflow must then occur prior to the flux being completely driven off. The duration of peak reflow temperature should not exceed
15 seconds. Packages have been qualified to withstand a peak temperature of 235°C for 15 seconds. Verify that the profile will not
expose device to temperatures in excess of 235°C.
Cleaning: A water-based flux wash may be used.
25
50
75
100
125
150
175
200
225
01234567
8
TIME (min)
HMC441LM1
v01.0907
GaAs PHEMT MMIC MEDIUM
POWER AMPLIFIER, 7 - 15.5 GHz


Similar Part No. - HMC441LM1_07

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC441LM1 HITTITE-HMC441LM1_09 Datasheet
256Kb / 8P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 7.0 - 15.5 GHz
More results

Similar Description - HMC441LM1_07

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC441LH5 HITTITE-HMC441LH5 Datasheet
305Kb / 6P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 7.0 - 15.5 GHz
HMC441LM1 HITTITE-HMC441LM1 Datasheet
318Kb / 8P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 7.0 - 15.5 GHz
HMC441LM1 HITTITE-HMC441LM1_09 Datasheet
256Kb / 8P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 7.0 - 15.5 GHz
HMC441LH5 HITTITE-HMC441LH5_09 Datasheet
216Kb / 6P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 7 - 15.5 GHz
HMC486 HITTITE-HMC486 Datasheet
365Kb / 8P
   GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 7.0 - 9.0 GHz
logo
Analog Devices
HMC451LC3 AD-HMC451LC3 Datasheet
317Kb / 6P
   Gaas PHEMT MMIC MEDIUM POWER aMPLIFIER
HMC451LP3 AD-HMC451LP3 Datasheet
310Kb / 6P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER
HMC441LH5 AD-HMC441LH5 Datasheet
1Mb / 6P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER
HMC383 AD-HMC383 Datasheet
286Kb / 6P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER
HMC451 AD-HMC451 Datasheet
299Kb / 6P
   GAAS PHEMT MMIC MEDIUM POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com