Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBP1680 Datasheet(PDF) 2 Page - DAESAN ELECTRONIC CORP.

Part # SBP1680
Description  CURRENT 16.0Amperes VOLTAGE 20 to 100 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

SBP1680 Datasheet(HTML) 2 Page - DAESAN ELECTRONIC CORP.

  SBP1680 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. SBP1680 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.1-FORWARD CURRENT DERATING CURVE
LEAD TEMPERATURE (℃)
0
150
100
50
SINGLE PHASE
HALF WAVE 50Hz
INDUCTIVE OR
RESISTIVE LOAD
0
12
16
8.0
4.0
20
──
SBP1620-SBP1640
- - - SBP1650-SBP16100
FIG.4-TYPICAL JUNCTION CAPACITANCE
100
4000
1000
200
2000
0.1
100
10
1.0
40 60
0.4
──
SBP1650-SBP16100
- - - SBP1620-SBP1640
REVERSE VOLTAGE(VOLTS)
NUMBER OF CYCLES AT 60Hz
FIG.5-MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
25
125
100
75
50
150
1.0
100
10
5.0
2.0
50
20
FIG.2-TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
PULSE WIDTH=300
1% DUTY CYCLE
INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
40
1.0
0.1
2
9
8
7
6
5
4
3
10
TC=25℃
TC=125℃
FIG.3-TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE
0.01
100
10
1.0
0.1
TC=25℃
100
80
60
40
20
140
120
TC=125℃
TC=75℃
RATINGS AND CHARACTERISTIC CURVES SBP1620 THRU SBP16100


Similar Part No. - SBP1680

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SBP10-20T ETC-SBP10-20T Datasheet
97Kb / 2P
   SCHOTTKY RECTIFIER
SBP10-30T ETC-SBP10-30T Datasheet
97Kb / 2P
   SCHOTTKY RECTIFIER
SBP10-35T ETC-SBP10-35T Datasheet
97Kb / 2P
   SCHOTTKY RECTIFIER
SBP10-40T ETC-SBP10-40T Datasheet
97Kb / 2P
   SCHOTTKY RECTIFIER
SBP10-45T ETC-SBP10-45T Datasheet
97Kb / 2P
   SCHOTTKY RECTIFIER
More results

Similar Description - SBP1680

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
SBR1620 DAESAN-SBR1620 Datasheet
374Kb / 2P
   CURRENT 16.0Amperes VOLTAGE 20 to 100 Volts
SBP820 DAESAN-SBP820 Datasheet
381Kb / 2P
   CURRENT 8.0Amperes VOLTAGE 20 to 100 Volts
SR202 DAESAN-SR202 Datasheet
349Kb / 2P
   CURRENT 2.0Amperes VOLTAGE 20 to 100 Volts
SS22 DAESAN-SS22 Datasheet
310Kb / 2P
   CURRENT 2.0Amperes VOLTAGE 20 to 100 Volts
SB120 DAESAN-SB120 Datasheet
356Kb / 2P
   CURRENT 1.0Ampere VOLTAGE 20 to 100 Volts
SK52 DAESAN-SK52 Datasheet
320Kb / 2P
   CURRENT 5.0Amperes VOLTAGE 20 to 100 Volts
SR502 DAESAN-SR502 Datasheet
346Kb / 2P
   CURRENT 5.0Amperes VOLTAGE 20 to 100 Volts
SR102 DAESAN-SR102 Datasheet
356Kb / 2P
   CURRENT 1.0Ampere VOLTAGE 20 to 100 Volts
SS12 DAESAN-SS12 Datasheet
255Kb / 2P
   CURRENT 1.0Ampere VOLTAGE 20 to 100 Volts
SBP1020 DAESAN-SBP1020 Datasheet
381Kb / 2P
   CURRENT 10.0Amperes VOLTAGE 20 to 100 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com