Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC401QS16G Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC401QS16G
Description  Ku-Band MMIC VCO with DIVIDE-BY-8, 13.2 - 13.5 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC401QS16G Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC401QS16G_06 Datasheet HTML 1Page - Hittite Microwave Corporation HMC401QS16G_06 Datasheet HTML 2Page - Hittite Microwave Corporation HMC401QS16G_06 Datasheet HTML 3Page - Hittite Microwave Corporation HMC401QS16G_06 Datasheet HTML 4Page - Hittite Microwave Corporation HMC401QS16G_06 Datasheet HTML 5Page - Hittite Microwave Corporation HMC401QS16G_06 Datasheet HTML 6Page - Hittite Microwave Corporation HMC401QS16G_06 Datasheet HTML 7Page - Hittite Microwave Corporation HMC401QS16G_06 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
9
9 - 58
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
General Description
Features
Functional Diagram
The HMC401QS16G & HMC401QS16GE are GaAs
InGaP Heterojunction Bipolar Transistor (HBT) MMIC
VCOs.
The
HMC401QS16G
&
HMC401QS16GE
integrate resonators, negative resistance devices,
varactor diodes and divide-by-8 prescalers. The
VCO’s phase noise performance is excellent over
temperature, shock, and process due to the oscillator’s
monolithic structure. Power output is -7 dBm typical
from a 5V supply voltage. The voltage controlled
oscillator is packaged in a low cost, surface mount
16 leaded QSOP package with an exposed base for
improved RF and thermal performance.
Pout: -7 dBm
Phase Noise: -105 dBc/Hz @100 KHz Typ.
No External Resonator Needed
Single Supply: 5V @ 290 mA
QSOP16G SMT Package
Typical Applications
Low noise MMIC VCO w/Divide-by-8
for Ku-Band applications such as:
• Point-to-Point Radios
• Point-to-Multi-Point Radios / LMDS
• VSAT
Electrical Specifications, T
A = +25° C, Vcc1, Vcc2 = +5V
Parameter
Min.
Typ.
Max.
Units
Frequency Range
13.2 - 13.5
GHz
Power Output
FR Output
Divided Output
-10
-9
-7
-6
dBm
dBm
SSB Phase Noise @ 100 kHz Offset, Vtune= +5V @ RF Output
-105
dBc/Hz
Tune Voltage
Vtune
0
10
V
Supply Current
Icc1 (Digital)
Icc2 (RF)
65
225
mA
mA
Tune Port Leakage Current (Vtune= 10V)
10
μA
Output Return Loss
2dB
Harmonics/Subharmonics
1/2
3/2
2nd
5/2
-7
-28
-17
-40
dBc
dBc
dBc
dBc
Pulling (into a 2.0:1 VSWR)
0.6
MHz pp
Pushing @ Vtune= 5V
5MHz/V
Frequency Drift Rate
1.5
MHz/°C
HMC401QS16G / 401QS16GE
Ku-Band MMIC VCO with
DIVIDE-BY-8, 13.2 - 13.5 GHz
v02.0805


Similar Part No. - HMC401QS16G_06

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC401QS16G HITTITE-HMC401QS16G_08 Datasheet
289Kb / 8P
   Ku-Band MMIC VCO with DIVIDE-BY-8, 13.2 - 13.5 GHz
More results

Similar Description - HMC401QS16G_06

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC401QS16G HITTITE-HMC401QS16G_08 Datasheet
289Kb / 8P
   Ku-Band MMIC VCO with DIVIDE-BY-8, 13.2 - 13.5 GHz
HMC401QS16G HITTITE-HMC401QS16G Datasheet
305Kb / 8P
   Ku-BAND MMIC VCO with DIVIDE-BY-8, 13.2 - 13.5 GHz
HMC398QS16G HITTITE-HMC398QS16G Datasheet
287Kb / 8P
   Ku-Band MMIC VCO with DIVIDE-BY-8, 14.0 - 15.0 GHz
HMC398QS16G HITTITE-HMC398QS16G_08 Datasheet
289Kb / 8P
   Ku-Band MMIC VCO with DIVIDE-BY-8, 14 - 15 GHz
HMC398QS16G HITTITE-HMC398QS16G_06 Datasheet
431Kb / 8P
   8Ku-Band MMIC VCO with DIVIDE-BY-8, 14.0 - 15.0 GHz
logo
TriQuint Semiconductor
TGV2529-SM TRIQUINT-TGV2529-SM_15 Datasheet
861Kb / 14P
   12.5 ??13.5 GHz VCO with Divide by 2
TGV2529-SM TRIQUINT-TGV2529-SM Datasheet
861Kb / 14P
   12.5 ??13.5 GHz VCO with Divide by 2
logo
Hittite Microwave Corpo...
HMC734LP5 HITTITE-HMC734LP5_10 Datasheet
447Kb / 6P
   MMIC VCO w/ DIVIDE-BY-4 8.6 - 10.2 GHz
HMC734LP5 HITTITE-HMC734LP5 Datasheet
262Kb / 6P
   MMIC VCO w/ DIVIDE-BY-4 8.6 - 10.2 GHz
HMC735LP5 HITTITE-HMC735LP5_10 Datasheet
438Kb / 6P
   MMIC VCO w/ DIVIDE-BY-4 10.5 - 12.2 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com