Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC400MS8 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC400MS8
Description  HIGH IP3 GaAs MMIC MIXER, 1.7 - 2.2 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC400MS8 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC400MS8_06 Datasheet HTML 1Page - Hittite Microwave Corporation HMC400MS8_06 Datasheet HTML 2Page - Hittite Microwave Corporation HMC400MS8_06 Datasheet HTML 3Page - Hittite Microwave Corporation HMC400MS8_06 Datasheet HTML 4Page - Hittite Microwave Corporation HMC400MS8_06 Datasheet HTML 5Page - Hittite Microwave Corporation HMC400MS8_06 Datasheet HTML 6Page - Hittite Microwave Corporation HMC400MS8_06 Datasheet HTML 7Page - Hittite Microwave Corporation HMC400MS8_06 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
7
7 - 273
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Conversion Gain vs.
Temperature @ LO = +17 dBm
Isolation @ LO = +17 dBm
Conversion Gain vs. LO Drive
Return Loss @ LO = +17 dBm
If Bandwidth @ LO = +17 dBm
Upconverter Performance
Conversion Gain @ LO = +17 dBm
*Unless otherwise noted, all measurements performed as a downconverter, with low side LO & IF = 200 MHz.
HMC400MS8 / 400MS8E
HIGH IP3 GaAs MMIC
MIXER, 1.7 - 2.2 GHz
v02.0705
-20
-15
-10
-5
0
1.7
1.8
1.9
2
2.1
2.2
2.3
+ 25C
+ 85C
- 40C
RF FREQUENCY (GHz)
-20
-15
-10
-5
0
50
100
150
200
250
300
350
400
450
500
CONVERSION GAIN
RETURN LOSS
IF FREQUENCY (MHz)
-20
-15
-10
-5
0
1.7
1.8
1.9
2
2.1
2.2
2.3
RF FREQUENCY (GHz)
-30
-25
-20
-15
-10
-5
0
1.7
1.8
1.9
2
2.1
2.2
2.3
RF
LO
RF FREQUENCY (GHz)
-20
-15
-10
-5
0
1.7
1.8
1.9
2
2.1
2.2
2.3
LO = +15 dBm
LO = +16 dBm
LO = +17 dBm
LO = +19 dBm
RF FREQUENCY (GHz)
-40
-30
-20
-10
0
1.7
1.8
1.9
2
2.1
2.2
2.3
RF TO IF
LO TO RF
LO TO IF
FREQUENCY (GHz)


Similar Part No. - HMC400MS8_06

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC400MS8 HITTITE-HMC400MS8_08 Datasheet
233Kb / 8P
   HIGH IP3 GaAs MMIC MIXER, 1.7 - 2.2 GHz
More results

Similar Description - HMC400MS8_06

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC400MS8 HITTITE-HMC400MS8 Datasheet
223Kb / 6P
   HIGH IP3 GaAs MMIC MIXER, 1.7 - 2.2 GHz
HMC400MS8 HITTITE-HMC400MS8_08 Datasheet
233Kb / 8P
   HIGH IP3 GaAs MMIC MIXER, 1.7 - 2.2 GHz
HMC485MS8G HITTITE-HMC485MS8G Datasheet
260Kb / 8P
   HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC402MS8 HITTITE-HMC402MS8 Datasheet
215Kb / 6P
   HIGH IP3 GaAs MMIC MIXER, 1.8 - 2.2 GHz
HMC402MS8 HITTITE-HMC402MS8_06 Datasheet
317Kb / 8P
   HIGH IP3 GaAs MMIC MIXER, 1.8 - 2.2 GHz
HMC402MS8 HITTITE-HMC402MS8_08 Datasheet
219Kb / 8P
   HIGH IP3 GaAs MMIC MIXER, 1.8 - 2.2 GHz
HMC304MS8 HITTITE-HMC304MS8_06 Datasheet
263Kb / 6P
   GaAs MMIC HIGH IP3 SINGLEBALANCED SMT MIXER, 1.7 - 3 GHz
HMC304MS8 HITTITE-HMC304MS8 Datasheet
196Kb / 6P
   GaAs MMIC HIGH IP3 SINGLEBALANCED SMT MIXER, 1.7 - 3 GHz
HMC304MS8 HITTITE-HMC304MS8_08 Datasheet
181Kb / 6P
   GaAs MMIC HIGH IP3 SINGLE-BALANCED SMT MIXER, 1.7 - 3 GHz
HMC485MS8G HITTITE-HMC485MS8G_08 Datasheet
264Kb / 8P
   HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER, 1.7 - 2.4 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com