Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA48A Datasheet(PDF) 4 Page - DAESAN ELECTRONIC CORP.

Part # SA48A
Description  POWER 500Watts VOLTAGE 5.0 to 170 Volts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

SA48A Datasheet(HTML) 4 Page - DAESAN ELECTRONIC CORP.

  SA48A Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. SA48A Datasheet HTML 2Page - DAESAN ELECTRONIC CORP. SA48A Datasheet HTML 3Page - DAESAN ELECTRONIC CORP. SA48A Datasheet HTML 4Page - DAESAN ELECTRONIC CORP. SA48A Datasheet HTML 5Page - DAESAN ELECTRONIC CORP. SA48A Datasheet HTML 6Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
RATINGS AND CHARACTERISTIC CURVES SA5.0 THRU SA170CA
0
50
100
150
200
0
25
50
75
100
25
75
125
175
0
50
100
150
200
0
1.0
2.0
3.0
4.0
75
25
125
175
1
10
100
10
100
200
5
100
500
10
100
1,000
10,000
0.1μs
1.0μs
10μs
100μs
1.0ms
10ms
0.1
1.0
10
30
F ig. 1Ð P eak P uls e P ower R ating C urve
Non-repetitive P ulse
Waveform shown in F ig. 3
T A = 25
oC
td , P ulse Width
T A ,
Ambient Temperature (
oC )
Fig. 2Ð P uls e Derating C urve
F ig. 4 - Maximum Non-R epetitive F orwar d
S urge C urrent Uni-Directional Only
Number of C ycles at 60 Hz
8.3ms S ingle Half S ine-Wave
(J E DE C Method)
F ig. 5Ð S teady S tate P ower
Derating C ur ve
T L ,
Lead Temperature (
oC )
L = 0.375" (9.5mm)
Lead Lengths
1.6 x 1.6 x .040"
(40 x 40 x 1mm)
C opper Heat S inks
VWM , R everse S tand-off Voltage (V)
Fig. 6Ð C apacitance
V R = 0
V R = R ated
S tand-off voltage
Unidirectional
B idirectional
td
td
td
C urrent Waveforms
Impulse
E xponential
Decay
Half S ine
S quare
P P K".5"
P P K
P P K
td = 7 tp
0
50
100
150
Fig. 3Ð P uls e Waveform
T J = 25
oC
P ulse Width (td)
is defined as the point
where the peak current
decays to 50% of IPPM
tr = 10μ
s
P eak Value
IPPM
Half Value
IP P
IPPM
2
td
10/1000μ
s W aveform
as defined by R .E .A.
0
1.0
2.0
3.0
4.0
t ,
Time (ms)
T J = 25
oC
f = 1MHZ
V sig = 50mVp-p


Similar Part No. - SA48A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SA48A MOTOROLA-SA48A Datasheet
50Kb / 3P
   MOSORB ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
Taiwan Semiconductor Co...
SA48A TSC-SA48A Datasheet
667Kb / 5P
   500 Watts Transient Voltage Suppressor
logo
Littelfuse
SA48A LITTELFUSE-SA48A Datasheet
126Kb / 4P
   Silicon Avalanche Diodes - 500 Watt Axial Leaded Transient Voltage Suppressors
logo
Vishay Siliconix
SA48A VISHAY-SA48A Datasheet
96Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
logo
MDE Semiconductor, Inc.
SA48A MDE-SA48A Datasheet
63Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SA48A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SA45-TP MCC-SA45-TP Datasheet
450Kb / 6P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SA50 MCC-SA50 Datasheet
431Kb / 6P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SA20TP MCC-SA20TP Datasheet
450Kb / 6P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SA5.0 MCC-SA5.0_11 Datasheet
255Kb / 4P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SA5.0 MCC-SA5.0_09 Datasheet
165Kb / 4P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
P5KE5.0 MCC-P5KE5.0_11 Datasheet
393Kb / 8P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 200 VOLTS
SMF5.0 MCC-SMF5.0 Datasheet
289Kb / 5P
   200WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SMF5.0A MCC-SMF5.0A_11 Datasheet
327Kb / 5P
   200WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SMLJ5.0 MCC-SMLJ5.0_11 Datasheet
476Kb / 7P
   Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
SMCJ50 MCC-SMCJ50 Datasheet
435Kb / 8P
   Transient Voltage Suppressor 5.0 to 170 Volts 1500 Watt
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com