Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSBB20CH60F Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FSBB20CH60F
Description  Smart Power Module
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSBB20CH60F Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FSBB20CH60F Datasheet HTML 1Page - Fairchild Semiconductor FSBB20CH60F Datasheet HTML 2Page - Fairchild Semiconductor FSBB20CH60F Datasheet HTML 3Page - Fairchild Semiconductor FSBB20CH60F Datasheet HTML 4Page - Fairchild Semiconductor FSBB20CH60F Datasheet HTML 5Page - Fairchild Semiconductor FSBB20CH60F Datasheet HTML 6Page - Fairchild Semiconductor FSBB20CH60F Datasheet HTML 7Page - Fairchild Semiconductor FSBB20CH60F Datasheet HTML 8Page - Fairchild Semiconductor FSBB20CH60F Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
www.fairchildsemi.com
FSBB20CH60F Rev. D
Absolute Maximum Ratings (T
J = 25°C, Unless Otherwise Specified)
Inverter Part
Note:
1. The maximum junction temperature rating of the power chips integrated within the SPM is 150
°C(@T
C ≤ 100°C). However, to insure safe operation of the SPM, the average
junction temperature should be limited to TJ(ave) ≤ 125°C (@TC ≤ 100°C)
Control Part
Total System
Thermal Resistance
Note:
2. For the measurement point of case temperature(TC), please refer to Figure 2.
Package Marking and Ordering Information
Symbol
Parameter
Conditions
Rating
Units
VPN
Supply Voltage
Applied between P- NU, NV, NW
450
V
VPN(Surge)
Supply Voltage (Surge)
Applied between P- NU, NV, NW
500
V
VCES
Collector-emitter Voltage
600
V
± IC
Each IGBT Collector Current
TC = 25°C
20
A
± ICP
Each IGBT Collector Current (Peak)
TC = 25°C, Under 1ms Pulse Width
40
A
PC
Collector Dissipation
TC = 25°C per One Chip
61
W
TJ
Operating Junction Temperature
(Note 1)
-20 ~ 125
°C
Symbol
Parameter
Conditions
Rating
Units
VCC
Control Supply Voltage
Applied between VCC(UH), VCC(VH), VCC(WH), VCC(L) -
COM
20
V
VBS
High-side Control Bias
Voltage
Applied between VB(U) - VS(U), VB(V) - VS(V), VB(W) -
VS(W)
20
V
VIN
Input Signal Voltage
Applied between IN(UH), IN(VH), IN(WH), IN(UL), IN(VL),
IN(WL) - COM
-0.3~17
V
VFO
Fault Output Supply Voltage
Applied between VFO - COM
-0.3~VCC+0.3
V
IFO
Fault Output Current
Sink Current at VFO Pin
5
mA
VSC
Current Sensing Input Voltage Applied between CSC - COM
-0.3~VCC+0.3
V
Symbol
Parameter
Conditions
Rating
Units
VPN(PROT)
Self Protection Supply Voltage Limit
(Short Circuit Protection Capability)
VCC = VBS = 13.5 ~ 16.5V
TJ = 125°C, Non-repetitive, less than 2µs
400
V
TC
Module Case Operation Temperature
-20
°C≤ T
J ≤ 125°C, See Figure 2
-20 ~ 100
°C
TSTG
Storage Temperature
-40 ~ 125
°C
VISO
Isolation Voltage
60Hz, Sinusoidal, AC 1 minute, Connection
Pins to ceramic substrate
2500
Vrms
Symbol
Parameter
Condition
Min.
Typ. Max. Units
Rth(j-c)Q
Junction to Case Thermal
Resistance
Inverter IGBT part (per 1/6 module)
-
-
1.63
°C/W
Rth(j-c)F
Inverter FWD part (per 1/6 module)
-
-
2.55
°C/W
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FSBB20CH60F
FSBB20CH60F
SPM27CA
-
-
10


Similar Part No. - FSBB20CH60F

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
FSBB20CH60 ETRON-FSBB20CH60 Datasheet
544Kb / 16P
   Smart Power Module
logo
Fairchild Semiconductor
FSBB20CH60 FAIRCHILD-FSBB20CH60 Datasheet
544Kb / 16P
   Smart Power Module
FSBB20CH60 FAIRCHILD-FSBB20CH60 Datasheet
588Kb / 14P
   Motion SPM짰 3 Series
FSBB20CH60BT FAIRCHILD-FSBB20CH60BT Datasheet
414Kb / 17P
   Smart Power Module
FSBB20CH60C FAIRCHILD-FSBB20CH60C Datasheet
470Kb / 17P
   Smart Power Module
More results

Similar Description - FSBB20CH60F

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSBS10CH60 FAIRCHILD-FSBS10CH60 Datasheet
553Kb / 16P
   Smart Power Module
FSB32560 FAIRCHILD-FSB32560 Datasheet
264Kb / 16P
   Smart Power Module
FSBB20CH60L FAIRCHILD-FSBB20CH60L Datasheet
251Kb / 16P
   Smart Power Module
FSBF10CH60BT FAIRCHILD-FSBF10CH60BT Datasheet
402Kb / 17P
   Smart Power Module
FSBF15CH60BT FAIRCHILD-FSBF15CH60BT Datasheet
429Kb / 17P
   Smart Power Module
FSBF5CH60B FAIRCHILD-FSBF5CH60B Datasheet
404Kb / 17P
   Smart Power Module
FNA40560 FAIRCHILD-FNA40560 Datasheet
920Kb / 15P
   Smart Power Module
FNB41560 FAIRCHILD-FNB41560 Datasheet
910Kb / 15P
   Smart Power Module
logo
ON Semiconductor
FSB50250AB ONSEMI-FSB50250AB Datasheet
1Mb / 12P
   Smart Power Module
January 2012 Rev. A
logo
Fairchild Semiconductor
FNA41060_1010 FAIRCHILD-FNA41060_1010 Datasheet
1Mb / 16P
   Smart Power Module
FNA40860 FAIRCHILD-FNA40860 Datasheet
920Kb / 15P
   Smart Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com