Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

387MS8E Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part No. 387MS8E
Description  HIGH IP3 GaAs MMIC MIXER, 450 - 500 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

387MS8E Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  387MS8E Datasheet HTML 1Page - Hittite Microwave Corporation 387MS8E Datasheet HTML 2Page - Hittite Microwave Corporation 387MS8E Datasheet HTML 3Page - Hittite Microwave Corporation 387MS8E Datasheet HTML 4Page - Hittite Microwave Corporation 387MS8E Datasheet HTML 5Page - Hittite Microwave Corporation 387MS8E Datasheet HTML 6Page - Hittite Microwave Corporation 387MS8E Datasheet HTML 7Page - Hittite Microwave Corporation 387MS8E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
7
7 - 259
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Input IP2 vs. LO Drive
Input IP2 vs. Temperature
@ LO = +17 dBm
MxN Spurious Outputs
nLO
mRF
0
1234
0xx
-5
13
13
6
11.5
0
27
25
42
254
65
47
53
61
383
77
85
74
70
4
8585858585
RF Freq = 0.45 GHz @ 0 dBm
LO Freq = 0.38 GHz @ +17 dBm
All values in dBc relative to the IF output power.
Harmonics of LO
nLO Spur @ RF Port
LO Freq (GHz)
1
2
3
4
0.35
27
37
38
39
0.37
26
35
43
39
0.39
25
34
44
41
0.41
24
33
41
43
0.43
23
32
38
44
0.45
22
31
37
45
LO = +17 dBm
All values are in dBc below input LO level @ RF port.
30
35
40
45
50
55
60
65
70
0.4
0.45
0.5
0.55
0.6
+25 C
+85 C
-40 C
RF FREQUENCY (GHz)
30
35
40
45
50
55
60
65
70
0.4
0.45
0.5
0.55
0.6
LO= +13dBm
LO= +15dBm
LO= +17dBm
LO= +19dBm
RF FREQUENCY (GHz)
Input P1dB vs. Temperature
IF = 70 MHz
10
15
20
25
30
0.4
0.45
0.5
0.55
0.6
+25 C
+85 C
-40 C
RF FREQUENCY (GHz)
HIGH IP3 GaAs MMIC
MIXER, 450 - 500 MHz
v02.0705
HMC387MS8 / 387MS8E


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn