Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AC374 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74AC374
Description  Octal D-Type Flip-Flop with 3-STATE Outputs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AC374 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74AC374_08 Datasheet HTML 1Page - Fairchild Semiconductor 74AC374_08 Datasheet HTML 2Page - Fairchild Semiconductor 74AC374_08 Datasheet HTML 3Page - Fairchild Semiconductor 74AC374_08 Datasheet HTML 4Page - Fairchild Semiconductor 74AC374_08 Datasheet HTML 5Page - Fairchild Semiconductor 74AC374_08 Datasheet HTML 6Page - Fairchild Semiconductor 74AC374_08 Datasheet HTML 7Page - Fairchild Semiconductor 74AC374_08 Datasheet HTML 8Page - Fairchild Semiconductor 74AC374_08 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
©1988 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74AC374, 74ACT374 Rev. 1.5.0
January 2008
74AC374, 74ACT374
Octal D-Type Flip-Flop with 3-STATE Outputs
Features
ICC and IOZ reduced by 50%
Buffered positive edge-triggered clock
3-STATE outputs for bus-oriented applications
Outputs source/sink 24mA
See 273 for reset version
See 377 for clock enable version
See 373 for transparent latch version
See 574 for broadside pinout version
See 564 for broadside pinout version with inverted
outputs
ACT374 has TTL-compatible inputs
General Description
The AC/ACT374 is a high-speed, low-power octal D-type
flip-flop featuring separate D-type inputs for each flip-flop
and 3-STATE outputs for bus-oriented applications. A
buffered Clock (CP) and Output Enable (OE) are com-
mon to all flip-flops.
Ordering Information
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering number.
All packages are lead free per JEDEC: J-STD-020B standard.
Order
Number
Package
Number
Package Description
74AC374SC
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
74AC374SJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74AC374MTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm
Wide
74AC374PC
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
74ACT374SC
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
74ACT374SJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74ACT374MSA
MSA20
20-Lead Shrink Small Outline Package (SSOP), JEDEC MO-150, 5.3mm Wide
74ACT374MTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm
Wide
74ACT374PC
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide


Similar Part No. - 74AC374_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74AC374B STMICROELECTRONICS-74AC374B Datasheet
238Kb / 11P
   OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
74AC374M STMICROELECTRONICS-74AC374M Datasheet
238Kb / 11P
   OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
logo
Fairchild Semiconductor
74AC374MTC FAIRCHILD-74AC374MTC Datasheet
107Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
STMicroelectronics
74AC374MTR STMICROELECTRONICS-74AC374MTR Datasheet
238Kb / 11P
   OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
logo
Fairchild Semiconductor
74AC374PC FAIRCHILD-74AC374PC Datasheet
107Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
More results

Similar Description - 74AC374_08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC374 FAIRCHILD-74AC374 Datasheet
107Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
NXP Semiconductors
HEF40374B PHILIPS-HEF40374B Datasheet
84Kb / 7P
   Octal D-type flip-flop with 3-state outputs
January 1995
logo
ON Semiconductor
MC74LVX374 ONSEMI-MC74LVX374_11 Datasheet
145Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Fairchild Semiconductor
74AC574 FAIRCHILD-74AC574 Datasheet
100Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_14 Datasheet
117Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
August, 2014 ??Rev. 4
logo
Fairchild Semiconductor
74ABT574CMTCX FAIRCHILD-74ABT574CMTCX Datasheet
123Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74VHC374 FAIRCHILD-74VHC374 Datasheet
209Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_11 Datasheet
144Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Motorola, Inc
MC74AC374 MOTOROLA-MC74AC374 Datasheet
209Kb / 7P
   OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74VHCT574A FAIRCHILD-74VHCT574A Datasheet
105Kb / 8P
   Octal D-Type Flip-Flop with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com