Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS202 Datasheet(PDF) 1 Page - DAESAN ELECTRONIC CORP.

Part # RS202
Description  CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

RS202 Datasheet(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  RS202 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. RS202 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RS201 THRU RS207
Features
Mechanical Data
· Glass Passivated Die Construction
· High Case Dielectric Strength of 1500VRMS
· Low Reverse Leakage Current
· Surge Overload Rating to 65A Peak
· Ideal for Printed Circuit Board Applications
· Plastic Material - UL Flammability Classification 94V-0
Maximum Ratings And Electrical Characteristics
· Case : Molded Plastic
· Terminals : Plated Leads, Solderable per
MIL-STD-202, Method 208
· Polarity : As Marked on Body
· Approx. Weight : 1.52 grams
· Mounting Position : Any
· Marking : Type Number
(Ratings at 25℃ ambient temperature unless otherwise specified, Single phase, half wave 60Hz, resistive or inductive
load. For capacitive load, derate by 20%)
CURRENT 2.0 Amperes
VOLTAGE 50 to 1000 Volts
Notes:
(1) Thermal resistance from junction to case per element. Unit mounted on 75 x 75 x 16mm aluminum plate heat sink.
(2) Measured at 1.0MHz and Applied Reverse Voltage of 4.0V DC.
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
RMS Reverse Voltage
Average Rectified Output Current @ TC = 50
Non-Repetitive Peak Forward Surge Current,
8.3ms single half-sine-wave superimposed
on rated load per element (JEDEC method)
Volts
Forward Voltage (per element)
@ IF=1.0 A
VRMM
VRWM
VR
50
Volts
Symbols
Units
1.0
VFM
VR(RMS)
2.0
Amps
50
IFSM
Tj
TSTG
1000
-55 to +150
Amps
Peak Reverse Current at Rated
DC Blocking Voltage
Typical Junction Capacitance
per Element (Note 2)
Operating and Storage Temperature Range
RS
201
RS
202
RS
203
RS
204
RS
205
RS
206
RS
207
35
10.0
25
100
70
200
140
400
280
600
420
800
560
1000
700
Volts
μA
℃/W
pF
Io
IRM
Cj
JC
@ TC=25℃
@ TC=100℃
Typical Thermal Resistance (Note 1)
38
R S
Dim
Min
Max
A
15.50
16.00
B
10.00
10.50
C
15.00
D
3.70
4.00
E
2.50
3.00
G
2.30
2.50
H
0.70 T ypical
A ll Dimens ions in mm
-
+
A
B
C
E
G
H
D


Similar Part No. - RS202

ManufacturerPart #DatasheetDescription
logo
Bytes
RS202 BYTES-RS202 Datasheet
144Kb / 2P
   SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
RS202 SECOS-RS202 Datasheet
290Kb / 2P
   VOLTAGE 50V ~ 1000V 2.0AMP Single Phase Bridge Rectifiers
logo
Microdiode Electronics ...
RS202 CHENDA-RS202 Datasheet
521Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Dc Components
RS202 DCCOM-RS202 Datasheet
381Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
SEMTECH ELECTRONICS LTD...
RS202 SEMTECH_ELEC-RS202 Datasheet
179Kb / 1P
   SINGLE-PHASE SILICON BRIDGES
More results

Similar Description - RS202

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
HER201G DAESAN-HER201G Datasheet
284Kb / 2P
   CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
RL201 DAESAN-RL201 Datasheet
308Kb / 2P
   CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
UF201 DAESAN-UF201 Datasheet
283Kb / 2P
   CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
HER201 DAESAN-HER201 Datasheet
228Kb / 2P
   CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
KB201 DAESAN-KB201 Datasheet
236Kb / 2P
   CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
KBL201 DAESAN-KBL201 Datasheet
176Kb / 2P
   CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
KBP005 DAESAN-KBP005 Datasheet
234Kb / 2P
   CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
KBP201 DAESAN-KBP201 Datasheet
176Kb / 2P
   CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
FR201G DAESAN-FR201G Datasheet
274Kb / 2P
   CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
FR201 DAESAN-FR201 Datasheet
216Kb / 2P
   CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com