Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA0052E Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HA0052E
Description  Cost-Effective A/D Type 8-Bit MCU
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HA0052E Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HA0052E Datasheet HTML 1Page - Holtek Semiconductor Inc HA0052E Datasheet HTML 2Page - Holtek Semiconductor Inc HA0052E Datasheet HTML 3Page - Holtek Semiconductor Inc HA0052E Datasheet HTML 4Page - Holtek Semiconductor Inc HA0052E Datasheet HTML 5Page - Holtek Semiconductor Inc HA0052E Datasheet HTML 6Page - Holtek Semiconductor Inc HA0052E Datasheet HTML 7Page - Holtek Semiconductor Inc HA0052E Datasheet HTML 8Page - Holtek Semiconductor Inc HA0052E Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
HT46R4A
Cost-Effective A/D Type 8-Bit MCU
Rev. 1.00
1
November 28, 2007
General Description
The HT46R4A is a device from the Cost-Effective A/D
Type Series of MCUs. As an 8-bit high performance
RISC architecture microcontroller, the device is de-
signed especially for applications that interface directly
to analog signals, such as those from sensors. The de-
vices include an integrated multi-channel Analog to Dig-
ital Converter in addition to two Pulse Width Modulation
outputs.
The usual Holtek MCU features such as power down
and wake-up functions, oscillator options, programma-
ble frequency divider, etc. combine to ensure user appli-
cations require a minimum of external components.
The benefits of integrated A/D and PWM functions, in
addition to low power consumption, high performance,
I/O flexibility and low-cost, provides the device with the
versatility to suit a wide range of application possibilities
such as sensor signal processing, motor driving, indus-
trial control, consumer products, subsystem controllers,
etc.
As is the case with all Holtek microcontroller devices,
the HT46R4A is fully supported by a full suite of
profesional hardware and software tools, containing
comprehensive features to ensure user applications are
designed and debugged in as short a time as possible.
Features
· Operating voltage:
fSYS=4MHz: 2.2V~5.5V
fSYS=8MHz: 3.3V~5.5V
· Max of 27 bidirectional I/O lines
· External interrupt input shared with I/O line
· Two 8-bit programmable Timer/Event Counters with
overflow interrupt
· Integrated crystal and RC oscillator
· Watchdog Timer
· 4096´15 program memory
· 192´8 data memory
· PFD for audio frequency generation
· Power down and wake-up functions to reduce power
consumption
· Up to 0.5ms instruction cycle with 8MHz system clock
at VDD=5V
· 6-level subroutine nesting
· 6 channel 9-bit resolution A/D converter
· Dual channel 8-bit PWM output shared with I/O lines
· Bit manipulation instruction
· Table read instructions
· 63 powerful instructions
· All instructions executed in one or two machine
cycles
· Low voltage reset function
· 28-pin SKDIP/SOP, 32-pin DIP, 44-QFP package
Technical Document
· Tools Information
· FAQs
· Application Note
- HA0003E Communicating between the HT48 & HT46 Series MCUs and the HT93LC46 EEPROM
- HA0049E Read and Write Control of the HT1380
- HA0051E Li Battery Charger Demo Board - Using the HT46R47
- HA0052E Microcontroller Application - Battery Charger
- HA0083E Li Battery Charger Demo Board - Using the HT46R46
- HA0075E MCU Reset and Oscillator Circuits Application Note


Similar Part No. - HA0052E

ManufacturerPart #DatasheetDescription
logo
HBH Microwave GmbH
HA0001 HBH-HA0001 Datasheet
17Kb / 1P
   1 - 150 MHz Amplifier
logo
Holtek Semiconductor In...
HA0004E HOLTEK-HA0004E Datasheet
326Kb / 47P
   A/D Type 8-Bit OTP MCU
HA0005E HOLTEK-HA0005E Datasheet
326Kb / 47P
   A/D Type 8-Bit OTP MCU
HA0011E HOLTEK-HA0011E Datasheet
326Kb / 47P
   A/D Type 8-Bit OTP MCU
HA0013E HOLTEK-HA0013E Datasheet
326Kb / 47P
   A/D Type 8-Bit OTP MCU
More results

Similar Description - HA0052E

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R46E HOLTEK-HT46R46E Datasheet
318Kb / 45P
   Cost-Effective A/D Type 8-Bit MCU
HT46R46E HOLTEK-HT46R46E_07 Datasheet
542Kb / 73P
   Cost-Effective A/D Type 8-Bit MCU
HT46R46 HOLTEK-HT46R46 Datasheet
291Kb / 42P
   Cost-Effective A/D Type 8-Bit MCU
HT46R47E HOLTEK-HT46R47E Datasheet
336Kb / 45P
   Cost-Effective A/D Type 8-Bit MCU
HT46R46 HOLTEK-HT46R46_08 Datasheet
580Kb / 77P
   Cost-Effective A/D Type 8-Bit MCU
HT46R48 HOLTEK-HT46R48 Datasheet
292Kb / 42P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT46R46-H HOLTEK-HT46R46-H Datasheet
292Kb / 42P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT46R48E HOLTEK-HT46R48E Datasheet
339Kb / 46P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT46R47-H HOLTEK-HT46R47-H Datasheet
293Kb / 42P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT46R002 HOLTEK-HT46R002 Datasheet
5Mb / 83P
   Cost-Effective A/D 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com