Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC350MS8 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part No. HMC350MS8
Description  GaAs MMIC HIGH IP3 SINGLEBALANCED MIXER, 0.6 - 1.2 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC350MS8 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC350MS8_06 Datasheet HTML 1Page - Hittite Microwave Corporation HMC350MS8_06 Datasheet HTML 2Page - Hittite Microwave Corporation HMC350MS8_06 Datasheet HTML 3Page - Hittite Microwave Corporation HMC350MS8_06 Datasheet HTML 4Page - Hittite Microwave Corporation HMC350MS8_06 Datasheet HTML 5Page - Hittite Microwave Corporation HMC350MS8_06 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
7
7 - 221
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Conversion Gain vs.
Temperature @ LO = +19 dBm
Isolation @ LO = +19 dBm
Conversion Gain vs. LO Drive
Upconverter Performance,
Conversion Gain @ LO = +19 dBm
IF Bandwidth @ LO = +19 dBm
Return Loss @ LO = +19 dBm
HMC350MS8 / 350MS8E
v02.0705
GaAs MMIC HIGH IP3 SINGLE-
BALANCED MIXER, 0.6 - 1.2 GHz
-20
-15
-10
-5
0
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
+25C
-40C
+85C
FREQUENCY (GHz)
-20
-15
-10
-5
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
RETURN LOSS
CONVERSION GAIN
IF FREQUENCY (GHz)
-20
-15
-10
-5
0
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
FREQUENCY (GHz)
-20
-15
-10
-5
0
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
RF
LO
FREQUENCY (GHz)
-20
-15
-10
-5
0
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
+11 dBm
+13 dBm
+15 dBm
+17 dBm
+19 dBm
+21 dBm
FREQUENCY (GHz)
-60
-50
-40
-30
-20
-10
0
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
RF/IF
LO/RF
LO/IF
FREQUENCY (GHz)


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
HMC304MS8_06 GaAs MMIC HIGH IP3 SINGLEBALANCED SMT MIXER 1.7 - 3 GHz 1  2  3  4  5  More Hittite Microwave Corporation
HMC316MS8_06 GaAs MMIC HIGH IP3 DOUBLEBALANCED MIXER 1.5 - 3.8 GHz 1  2  3  4  5  More Hittite Microwave Corporation
HMC353MS8 GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER 0.8 - 1.2 GHz 1  2  3  4  5  More Hittite Microwave Corporation
HMC585MS8G HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER 400 - 650 MHz 1  2  3  4  5  More Hittite Microwave Corporation
HMC338LC3B GaAs MMIC SUB-HARMONIC SMT MIXER 24 - 34 GHz 1  2  3  4  5  More Hittite Microwave Corporation
HMC-C047 GaAs MMIC I/Q MIXER MODULE 30 - 38 GHz 1  2  3  4  5  More Hittite Microwave Corporation
HMC219MS8_06 GaAs MMIC SMT DOUBLEBALANCED MIXER 4.5 - 9 GHz 1  2  3  4  5  More Hittite Microwave Corporation
HMC337_07 GaAs MMIC SUB-HARMONICALLY PUMPED MIXER 17 - 25 GHz 1  2  3  4  5  More Hittite Microwave Corporation
MA4EX2401 GaAs MMIC Double Balanced 24 GHz Mixer 1  2  3  4  Tyco Electronics
HMC175MS8_06 GaAs MMIC SMT DOUBLEBALANCED MIXER 1.7 - 4.5 GHz 1  2  3  4  5  More Hittite Microwave Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn