Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4KE350A Datasheet(PDF) 1 Page - DAESAN ELECTRONIC CORP.

Part # P4KE350A
Description  POWER 600Watts VOLTAGE 6.8 to 440 Volts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

P4KE350A Datasheet(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  P4KE350A Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. P4KE350A Datasheet HTML 2Page - DAESAN ELECTRONIC CORP. P4KE350A Datasheet HTML 3Page - DAESAN ELECTRONIC CORP. P4KE350A Datasheet HTML 4Page - DAESAN ELECTRONIC CORP. P4KE350A Datasheet HTML 5Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
P6KE6.8 THRU P6KE440CA
Features
Mechanical Data
· Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
· Glass passivated junction
· 600W peak pulse power capability with a 10/100μS
waveform, reptition rate(duty cycle) : 0.01%
· Excellent clamping capability
· Low incremental surge resistance
· Fast response time : typically less than 1.0ps from 1 Volts to
V(BR) for uni-directional and 5.0ns for Bi-directional types
· Typical ID less than 1.0μA above 10V
· High temperature soldering guaranteed : 265℃/10seconds,
0.375"(9.5mm) lead length, 5lbs. (2.3kg) tension
Devices For Bidirectional Applications
Maximum Ratings And Electrical Characteristics
· For bi-directional use C or CA suffix for types P6KE7.5 thru types P6KE440CA(e.g. P6KE10C, P6KE220CA),
electrical characteristics apply in both directions.
· Case : DO-15 molded plastic body over passivated junction
· Terminals : Solder plated axial leads, solderable per
MIL-STD-750, method 2026
· Polarity : For uni-directional types the color band denotes
cathode end. which is positive with respect to the
anode under normal TVS operation
· Mounting Position : Any
· Weight : 0.014 ounce, 0.33 gram
Peak power dissipation with a 10/1000μS waveform (Note 1. Fig. 3)
Peak pulse current with a 10/1000μS waveform (Note 1)
Steady state power dissipation at TL=75℃ lead length 0.375"(9.5mm) (Note2)
Volts
Maximum instantaneous forward voltage at 50A for unidirectional only(Note4)
PM(AV)
Peak forward surge current, 8.3mm single half sine-wave superimposed on
rated load(JEDEC method) undirectional (Note 3)
Operating junction and storage temperature range
PPPM
Min.600
Watts
Symbols
Values
Units
3.5/50
VF
IPPM
See Table 1
Amps
5.0
IFSM
TJ,TSTG
100.0
-55 to +175
Watts
Amps
(Ratings at 25℃ ambient temperature unless otherwise specified)
Notes:
(1) Non repetitive current pulse, per Fig.3 and derated above TA=25℃ per Fig.2
(2) Mounted on copper pads area of 1.6×1.6"(40×40mm) per Fig.5
(3) Measured on 8.3ms single half sine-wave or equivalent square wave, duty cycle=4 pulse per minute maximum
(4) VF=3.5 Volts max. for devices of V(BR)≤220V, and VF=5.0 Volts max. for devices of V(BR)>220V
POWER 600Watts
VOLTAGE 6.8 to 440 Volts
Dimensions in inches and (millimeters)
DO-15
1.0(25.4)
MIN.
1.0(25.4)
MIN.
0.300(7.6)
0.230(5.8)
0.034(0.9)
0.028(0.7)
DIA.
0.140(3.6)
0.104(2.6)
DIA.


Similar Part No. - P4KE350A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P4KE350A PANJIT-P4KE350A Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
SUNMATE electronic Co.,...
P4KE350A SUNMATE-P4KE350A Datasheet
122Kb / 4P
   400W Axial Leaded Transient Voltage Suppressrs
logo
Shanghai Shunye Electro...
P4KE350A SY-P4KE350A Datasheet
662Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotec Semiconductor
P4KE350A DIOTEC-P4KE350A Datasheet
153Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Yangzhou yangjie electr...
P4KE350A YANGJIE-P4KE350A Datasheet
2Mb / 7P
   Transient Voltage Suppressor Diodes
More results

Similar Description - P4KE350A

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
P6KE6.8-DO15 YFWDIODE-P6KE6.8-DO15 Datasheet
544Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
Nanjing International G...
P6KE6.8 DGNJDZ-P6KE6.8 Datasheet
83Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
Micro Commercial Compon...
P6KE68 MCC-P6KE68 Datasheet
111Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
DONGGUAN YOU FENG WEI E...
P6KE6.8 YFWDIODE-P6KE6.8 Datasheet
83Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
DAESAN ELECTRONIC CORP.
1N6267 DAESAN-1N6267 Datasheet
1Mb / 6P
   POWER 1500Watts VOLTAGE 6.8 to 440 Volts
P4KE6.8 DAESAN-P4KE6.8 Datasheet
732Kb / 5P
   POWER 400Watts VOLTAGE 6.8 to 440 Volts
logo
Micro Commercial Compon...
P6KE68 MCC-P6KE68_09 Datasheet
208Kb / 5P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 540 VOLTS
logo
DAESAN ELECTRONIC CORP.
SMBJ5.0 DAESAN-SMBJ5.0 Datasheet
709Kb / 4P
   POWER 600Watts VOLTAGE 5.0 to 188 Volts
logo
Zibo Seno Electronic En...
P6SMB ZSELEC-P6SMB Datasheet
104Kb / 5P
   6.8 to 440Volts 600Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
Surge Components
P6KE SURGE-P6KE Datasheet
201Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 to 440 Volts?
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com