Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC28221D Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28221D
Description  INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAX DUTY CYCLE
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28221D Datasheet(HTML) 8 Page - Texas Instruments

Back Button UCC28221D Datasheet HTML 4Page - Texas Instruments UCC28221D Datasheet HTML 5Page - Texas Instruments UCC28221D Datasheet HTML 6Page - Texas Instruments UCC28221D Datasheet HTML 7Page - Texas Instruments UCC28221D Datasheet HTML 8Page - Texas Instruments UCC28221D Datasheet HTML 9Page - Texas Instruments UCC28221D Datasheet HTML 10Page - Texas Instruments UCC28221D Datasheet HTML 11Page - Texas Instruments UCC28221D Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
UCC28220, UCC28221
SLUS544C − SEPTEMBER 2003 − REVISED OCTOBER 2007
8
www.ti.com
CHG: A resistor from this pin to GND sets up the charging current of the internal CT capacitor used in the
oscillator. This resistor, in conjunction with the resistor on the DISCHG pin is used to set up the operating
frequency and maximum duty cycle. Under normal operation the dc voltage on this pin is 2.5 V.
DISCHG: A resistor from this pin to GND sets up the discharge current of the internal CT capacitor used in the
oscillator. This resistor, in conjunction with the resistor on the CHG pin is used to set up the operating frequency
and maximum duty cycle. Under normal operation the dc voltage on this pin is 2.5 V.
OUT1 and OUT2: These output buffers are intended to interface with high current MOSFET drivers. The output
drive capability is approximately 33 mA and has an output impedance of 100
Ω. The outputs swing between
GND and REF.
LINEOV: This pin is connected to a comparator and used to monitor the line voltage for an over voltage
condition. The typical threshold is 1.26 V.
LINEUV: This pin is connected to a comparator and used to monitor the line voltage for an under voltage
condition. The typical threshold is 1.26 V.
LINEHYST: This pin is controlled by both the LINEOV and LINEUV pins. It is used to control the hysteresis
values for both the over and under voltage line detectors.
REF: REF is a 3.3-V output used primarily as a source for the output buffers and other internal circuits. It is
protected from accidental shorts to ground. For improved noise immunity it is recommended that the reference
pin be bypassed with a minimum of 0.1
µF of capacitance to GND.
APPLICATION INFORMATION
General
The device is comprised of several housekeeping blocks as well as two slope compensated PWM channels that
are interleaved. The circuit is intended to run from an external VDD supply voltage between 8 V and 14 V,
however, the UCC28221 has the addition of a high voltage startup JFET with control circuitry which can be used
for system startup. Other functions contained in the device are supply UVLO, 3.3-V reference, accurate line OV
and UV functions, a high speed programmable oscillator for both frequency and duty cycle, programmable slope
compensation, and programmable soft start functions.
The UCC28220/1 is a primary side controller for a two channel interleaved power converter. The device is
compatible with forward or flyback converters as long as a duty cycle clamp between 60 and 90 percent is
required. The active clamp forward and flyback converters as well as the RCD and resonant reset forward
converters are therefore compatible with this device. To ensure the two channels share the total converter output
current, current mode control with internal slope compensation is used. Slope compensation is user
programmable via a dedicated pin and can be set over a 50:1 range, ensuring good small-signal stability over
a wide range of applications.


Similar Part No. - UCC28221D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28221D TI-UCC28221D Datasheet
373Kb / 24P
[Old version datasheet]   INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAX DUTY CYCLE
UCC28221D TI1-UCC28221D Datasheet
918Kb / 32P
[Old version datasheet]   INTERILEAVED DUAL PWM CONTROLLER
UCC28221DG4 TI1-UCC28221DG4 Datasheet
918Kb / 32P
[Old version datasheet]   INTERILEAVED DUAL PWM CONTROLLER
More results

Similar Description - UCC28221D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28220 TI-UCC28220_15 Datasheet
897Kb / 32P
[Old version datasheet]   INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAX DUTY CYCLE
UCC28220 TI-UCC28220 Datasheet
373Kb / 24P
[Old version datasheet]   INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAX DUTY CYCLE
UCC28220-Q1 TI1-UCC28220-Q1 Datasheet
780Kb / 26P
[Old version datasheet]   INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAXIMUM DUTY CYCLE
UCC28220-Q1 TI-UCC28220-Q1_15 Datasheet
940Kb / 27P
[Old version datasheet]   INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAXIMUM DUTY CYCLE
UCC1807 TI-UCC1807 Datasheet
314Kb / 11P
[Old version datasheet]   Programmable Maximum Duty Cycle PWM Controller
logo
Vishay Siliconix
SI9118 VISHAY-SI9118_11 Datasheet
174Kb / 11P
   Programmable Duty Cycle Controller
Rev. E, 16-May-11
SI9118 VISHAY-SI9118_V01 Datasheet
187Kb / 11P
   Programmable Duty Cycle Controller
01-Jan-2022
SI9118 VISHAY-SI9118 Datasheet
91Kb / 8P
   Programmable Duty Cycle Controller
Rev. B, 05 Apr-99
logo
Texas Instruments
UCC1807-1 TI1-UCC1807-1 Datasheet
3Mb / 16P
[Old version datasheet]   Programmable Maximum Duyt Cycle PWM Controller
logo
Cherry Semiconductor Co...
CS52845 CHERRY-CS52845 Datasheet
142Kb / 6P
   Current Mode PWM Control Circuit with 50% Max Duty Cycle
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com