Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4KE220 Datasheet(PDF) 4 Page - DAESAN ELECTRONIC CORP.

Part # P4KE220
Description  POWER 600Watts VOLTAGE 6.8 to 440 Volts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

P4KE220 Datasheet(HTML) 4 Page - DAESAN ELECTRONIC CORP.

  P4KE220 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. P4KE220 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP. P4KE220 Datasheet HTML 3Page - DAESAN ELECTRONIC CORP. P4KE220 Datasheet HTML 4Page - DAESAN ELECTRONIC CORP. P4KE220 Datasheet HTML 5Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
FIG.1-PEAK PULSE POWER RATING CURVE
FIG.2-PULSE DERATING CURVE
FIG.3-PULSE WAVEFORM
FIG.4-TYPICAL JUNCTION CAPACITANCE
UNIDIRECTIONAL
FIG.5-STEADY STATE POWER DERATING CURVE
FIG.6-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT UNIDIRECTIONAL ONLY
td, PULSE WIDTH, sec.
0.1
10
100
1.0
0.1mS
10mS
1.0mS
100mS
10mS
1.0mS
NON-REPETITIVE
PULSE WAVEFORM
SHOWN IN FIG.3
TA =25℃
TA, AMBIENT TEMPERATURE (℃)
100
75
50
0
125
25
150
200
175
0
50
75
25
100
t,TIME, ms
0
100
150
50
2.0
1.0
0
3.0
4.0
td
PULSE WIDTH (td) is DEFINED
as the POINT WHERE the PEAK
CURRENT DECAYS to 50% of IPPM
tr=10msec.
10/100msec.WAVEFORM
as DEFINED by R.E.A.
PEAK VALUE
IPPM
HALF VALUE-IPPM
2
TJ =25℃
f=1.0MHz
Vsig=50mVp-p
MEASURED at
ZERO BIAS
MEASURED at
STAND-OFF
VOLTAGE,VWM
V(BR), BREAKDOWN VOLTAGE,VOLTS
100
1.0
10
200
10
1000
100
100,000
6000
NUMBER OF CYCLES AT 60HZ
10
1
100
0
100
200
TJ=TJ max.
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
TL, LEAD TEMPERATURE (℃)
100
75
50
0
125
25
150
200
175
0
2.50
3.75
1.25
5.00
60Hz
RESISTIVE OR INDUCTIVE LOAD
1.6X1.6X0.040"
(40X40X1mm)
COPPER HEAT SINKS
L=0.375"(9.5mm)
LEAD LENGTHS
RATINGS AND CHARACTERISTIC CURVES P6KE6.8 THRU P6KE440CA


Similar Part No. - P4KE220

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P4KE220 PANJIT-P4KE220 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
DONGGUAN YOU FENG WEI E...
P4KE220 YFWDIODE-P4KE220 Datasheet
917Kb / 6P
   Transient voltage suppressor power 400 watts
logo
Rugao Dachang Electroni...
P4KE220 DACHANG-P4KE220 Datasheet
272Kb / 4P
   Transient Voltage Suppressors Breakdown Voltage 6.8 to 440V
logo
Diotec Semiconductor
P4KE220 DIOTEC-P4KE220 Datasheet
153Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Shenzhen Luguang Electr...
P4KE220 LUGUANG-P4KE220 Datasheet
411Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
More results

Similar Description - P4KE220

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
P6KE6.8-DO15 YFWDIODE-P6KE6.8-DO15 Datasheet
544Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
Nanjing International G...
P6KE6.8 DGNJDZ-P6KE6.8 Datasheet
83Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
Micro Commercial Compon...
P6KE68 MCC-P6KE68 Datasheet
111Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
DONGGUAN YOU FENG WEI E...
P6KE6.8 YFWDIODE-P6KE6.8 Datasheet
83Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
DAESAN ELECTRONIC CORP.
1N6267 DAESAN-1N6267 Datasheet
1Mb / 6P
   POWER 1500Watts VOLTAGE 6.8 to 440 Volts
P4KE6.8 DAESAN-P4KE6.8 Datasheet
732Kb / 5P
   POWER 400Watts VOLTAGE 6.8 to 440 Volts
logo
Micro Commercial Compon...
P6KE68 MCC-P6KE68_09 Datasheet
208Kb / 5P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 540 VOLTS
logo
DAESAN ELECTRONIC CORP.
SMBJ5.0 DAESAN-SMBJ5.0 Datasheet
709Kb / 4P
   POWER 600Watts VOLTAGE 5.0 to 188 Volts
logo
Zibo Seno Electronic En...
P6SMB ZSELEC-P6SMB Datasheet
104Kb / 5P
   6.8 to 440Volts 600Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
Surge Components
P6KE SURGE-P6KE Datasheet
201Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 to 440 Volts?
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com