Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BL-BD03J4 Datasheet(PDF) 1 Page - BRIGHT LED ELECTRONICS CORP

Part No. BL-BD03J4
Description  LED LAMPS SPECIFICATION
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Homepage  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-BD03J4 Datasheet(HTML) 1 Page - BRIGHT LED ELECTRONICS CORP

  BL-BD03J4 Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-BD03J4 Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BL-BD03J4 Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
    
  
G   
G
!"#$ %
G""!"&""  ' (%) 
*+,
"-./01  2+313
 +4
05 //, +5 0
 '" %3")
6')
3+ 
/0/
! 7
8 9
4 *
!'3)
.
",,  5

'3)
!
'38)
6
'3")
! 7
6'3") :,  2
9:,
'35)
+;+4
"40
%<%
'4)
1,
==
8 0 
%
=


>
%=

%
3 7+;+4 40+. *66 2+. 40 ;*+5* *013+/1.+ .+ :+.* 06 * 2+ 0013+/1.+ .+ :
G" "?"# ' (%)
9./0 4@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@
9.1 '()@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@A"
, +43, 1 4@@@@@@@@@@@@@@@@@@@@@@@@@@@   B
/ 4 3, 1  4 @@@@@@@@@@@@@@@@@@@@@@@@@@@@   B
  /0+43, 1@@@@@@@@@@@@@@@@@@@@@@@@@@%= 5/.
G!"C"# 
 $"00+3.+/. +3+00+3 .'+5*.)
%/0 5+. %33')10../ *;+..,5+6+
 ., 5+4+.3 .1;* *0 .346/3 *, 57 4
 ,5+6+5 +/. .1-D5 /5* 4;+ */1 / +5


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BL-B2132LED LAMPS SPECIFICATION 1 2 3 4 BRIGHT LED ELECTRONICS CORP
BL-B2134-LLED LAMPS SPECIFICATION 1 2 3 BRIGHT LED ELECTRONICS CORP
BL-B2141PLED LAMPS SPECIFICATION 1 2 3 4 BRIGHT LED ELECTRONICS CORP
BL-B2330MLED LAMPS SPECIFICATION 1 2 3 BRIGHT LED ELECTRONICS CORP
BL-B2334ALED LAMPS SPECIFICATION 1 2 3 BRIGHT LED ELECTRONICS CORP
BL-B3134-1LED LAMPS SPECIFICATION 1 2 3 BRIGHT LED ELECTRONICS CORP
BL-B3134GLED LAMPS SPECIFICATION 1 2 3 BRIGHT LED ELECTRONICS CORP
BL-B6D120ULED LAMPS SPECIFICATION 1 2 3 BRIGHT LED ELECTRONICS CORP
BL-B3141PLED LAMPS SPECIFICATION 1 2 3 BRIGHT LED ELECTRONICS CORP
BL-B6X1120ULED LAMPS SPECIFICATION 1 2 3 BRIGHT LED ELECTRONICS CORP

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn