Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE39 Datasheet(PDF) 2 Page - DAESAN ELECTRONIC CORP.

Part # P6KE39
Description  POWER 600Watts VOLTAGE 6.8 to 440 Volts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

P6KE39 Datasheet(HTML) 2 Page - DAESAN ELECTRONIC CORP.

  P6KE39 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. P6KE39 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP. P6KE39 Datasheet HTML 3Page - DAESAN ELECTRONIC CORP. P6KE39 Datasheet HTML 4Page - DAESAN ELECTRONIC CORP. P6KE39 Datasheet HTML 5Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Breakdown Voltage
V(BR) (Volts) (Note 1)
Device
Type
Test Current
at IT
(mA)
Stand-off
Voltage VWM
(Volts)
P6KE6.8
6.12
P6KE6.8A
6.45
P6KE7.5
6.75
P6KE7.5A
7.13
P6KE8.2
7.38
P6KE8.2A
7.79
P6KE9.1
8.19
P6KE9.1A
8.65
P6KE10
9.00
P6KE10A
9.50
P6KE11
9.90
P6KE11A
10.5
P6KE12
10.8
P6KE12A
11.4
P6KE13
11.7
P6KE13A
12.4
P6KE15
P6KE15A
P6KE16
14.4
P6KE16A
15.2
P6KE18
16.2
P6KE18A
17.1
P6KE20
18.0
P6KE20A
19.0
P6KE22
19.8
P6KE22A
20.9
P6KE24
21.6
P6KE24A
22.8
P6KE27
24.3
P6KE27A
P6KE30
P6KE30A
P6KE33
P6KE33A
P6KE36
P6KE36A
P6KE39
P6KE39A
P6KE43
P6KE47
P6KE51
P6KE56
P6KE43A
P6KE47A
P6KE51A
P6KE56A
13.5
14.3
25.7
27.0
28.5
29.7
34.2
35.1
37.1
38.7
40.9
42.3
44.7
45.9
48.5
50.4
53.2
31.4
32.4
Max.
7.48
7.14
8.25
7.88
9.02
8.61
10.0
9.55
11.0
10.5
12.1
11.6
13.2
12.6
14.3
13.7
17.6
16.8
19.8
18.9
22.0
21.0
24.2
23.1
26.4
25.2
29.7
16.5
15.8
28.4
33.0
31.5
36.3
37.8
42.9
41.0
47.3
45.2
51.7
49.4
56.1
53.6
61.6
58.8
34.7
39.6
Min.
Max. Reverse
Leakage
at VWM
ID(Note2)
(μA)
Max. Peak
Pulse Current
IPPM(Note 2)
(Amps)
Max.
Clamping
Voltage at
IPPM
VC(VOLTS)
Max. Temp
Coefficient
of V(BR)
(%/℃)
10
5.50
10
5.80
10
6.05
10
6.40
10
6.63
10
7.02
1.0
7.37
1.0
7.78
1.0
8.10
1.0
8.55
1.0
8.92
1.0
9.40
1.0
9.72
1.0
10.2
1.0
10.5
1.0
11.1
1.0
1.0
1.0
12.9
1.0
13.6
14.5
1.0
1.0
15.3
1.0
16.2
1.0
17.1
1.0
17.8
1.0
18.8
1.0
19.4
1.0
20.5
1.0
21.8
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
12.1
12.8
23.1
24.3
25.6
26.8
30.8
31.6
33.3
34.8
36.8
38.1
40.2
41.3
43.6
45.4
47.8
28.2
29.1
1000
1000
500
500
200
200
50
50
10
10
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
55.6
10.8
57.1
10.5
51.3
11.7
53.1
11.3
48.0
12.5
49.6
12.1
43.5
13.8
44.8
13.4
40.0
15.0
41.4
14.5
37.0
16.2
38.5
15.6
34.7
17.3
35.9
16.7
31.6
19.0
33.0
18.2
27.3
28.3
25.5
23.5
26.7
22.5
22.6
26.5
23.8
25.2
20.6
29.1
21.7
27.7
18.8
31.9
19.6
30.6
17.3
34.7
18.1
33.2
15.3
39.1
16.0
13.8
14.5
12.6
13.1
11.5
12.0
10.6
11.1
9.7
8.8
8.2
7.5
10.1
9.3
8.6
7.8
22.0
21.2
37.5
43.5
41.4
47.7
49.9
56.4
53.9
61.9
59.3
67.8
64.8
73.5
70.1
80.5
77.0
45.7
52.0
0.057
0.057
0.061
0.061
0.065
0.065
0.068
0.068
0.073
0.073
0.075
0.075
0.078
0.078
0.081
0.081
0.086
0.086
0.088
0.088
0.090
0.090
0.092
0.092
0.094
0.094
0.096
0.084
0.084
0.096
0.097
0.097
0.098
0.099
0.100
0.100
0.101
0.101
0.101
0.101
0.102
0.102
0.103
0.103
0.098
0.099
ELECTRICAL CHARACTERISTIC at (TA=25℃ unless other specified)


Similar Part No. - P6KE39

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6KE39 PANJIT-P6KE39 Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
Shenzhen Luguang Electr...
P6KE39 LUGUANG-P6KE39 Datasheet
4Mb / 5P
   600 Watts Transient Voltage Suppressor Diodes
logo
Pan Jit International I...
P6KE39 PANJIT-P6KE39 Datasheet
87Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER
logo
Microsemi Corporation
P6KE39 MICROSEMI-P6KE39 Datasheet
83Kb / 2P
   TRANSIENT ABSORPTION ZENER
logo
Leshan Radio Company
P6KE39 LRC-P6KE39 Datasheet
288Kb / 9P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 TO 550 Volts
More results

Similar Description - P6KE39

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
P6KE6.8-DO15 YFWDIODE-P6KE6.8-DO15 Datasheet
544Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
Nanjing International G...
P6KE6.8 DGNJDZ-P6KE6.8 Datasheet
83Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
Micro Commercial Compon...
P6KE68 MCC-P6KE68 Datasheet
111Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
DONGGUAN YOU FENG WEI E...
P6KE6.8 YFWDIODE-P6KE6.8 Datasheet
83Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
DAESAN ELECTRONIC CORP.
1N6267 DAESAN-1N6267 Datasheet
1Mb / 6P
   POWER 1500Watts VOLTAGE 6.8 to 440 Volts
P4KE6.8 DAESAN-P4KE6.8 Datasheet
732Kb / 5P
   POWER 400Watts VOLTAGE 6.8 to 440 Volts
logo
Micro Commercial Compon...
P6KE68 MCC-P6KE68_09 Datasheet
208Kb / 5P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 540 VOLTS
logo
DAESAN ELECTRONIC CORP.
SMBJ5.0 DAESAN-SMBJ5.0 Datasheet
709Kb / 4P
   POWER 600Watts VOLTAGE 5.0 to 188 Volts
logo
Zibo Seno Electronic En...
P6SMB ZSELEC-P6SMB Datasheet
104Kb / 5P
   6.8 to 440Volts 600Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
Surge Components
P6KE SURGE-P6KE Datasheet
201Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 to 440 Volts?
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com