Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE30A Datasheet(PDF) 5 Page - DAESAN ELECTRONIC CORP.

Part # P6KE30A
Description  POWER 600Watts VOLTAGE 6.8 to 440 Volts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

P6KE30A Datasheet(HTML) 5 Page - DAESAN ELECTRONIC CORP.

  P6KE30A Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. P6KE30A Datasheet HTML 2Page - DAESAN ELECTRONIC CORP. P6KE30A Datasheet HTML 3Page - DAESAN ELECTRONIC CORP. P6KE30A Datasheet HTML 4Page - DAESAN ELECTRONIC CORP. P6KE30A Datasheet HTML 5Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
FIG7-TYPICAL REVERSE LEAKAGE CHARACTERISTICS
V(BR), BREAKDOWN VOLTAGE,VOLTS
200
100
0
300
400
500
440
0.001
1
10
0.01
0.1
MEASURED AT DEVICES
STAND-OFF VOLTAGE,
VWM
TA=25℃
Description
This P6KE TVS series is a low cost commercial products for use in applications where large voltage
transients can permanently damage voltage-sensitive components.
The P6KE series device types are designed in a small package size where power and space is a
consideration. They are characterized by their high surge capability, extremely fast response time,
and low impedance, (Ron). Because of the unpredictable nature of transients, and the variation of
the impedance with respect to these transients, per se, is not specified as a parametric value.
However, a minimum voltage at low current conditions (BV) and a maximum clamping voltage (Vc)
at a maximum peak pulse current is specified.
In some instances, the thermal effect (see Vc clamping voltage) may be responsible for 50% to 70%,
of the oberved voltage differential when subjected to high pulses for several duty cycle, thus making
a maximum impedance specification insignificant. In case of a severe current overload or abnromal
transient beyond the maximum ratings. The Tansient Voltage Suppressors will initially fail "short"
thus tripping this system circuit breaker or fuse while protecting the entire circuit. Curves depicting
clamping voltage vs, various current pulses are available from the factory. Extended power curves vs,
pulse time are also available.
RATINGS AND CHARACTERISTIC CURVES P6KE6.8 THRU P6KE440CA


Similar Part No. - P6KE30A

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
P6KE30A BILIN-P6KE30A Datasheet
256Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
P6KE30A ETC2-P6KE30A Datasheet
330Kb / 4P
   Transient Voltage Suppressor
logo
Motorola, Inc
P6KE30A MOTOROLA-P6KE30A Datasheet
81Kb / 7P
   ZENER OVERVOLTAGE TRANSIENTSUPPRESSORS
logo
DONGGUAN YOU FENG WEI E...
P6KE30A YFWDIODE-P6KE30A Datasheet
1,000Kb / 6P
   Transient voltage suppressor power 600 watts
logo
Vishay Siliconix
P6KE30A VISHAY-P6KE30A Datasheet
93Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 18-Sep-12
More results

Similar Description - P6KE30A

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
P6KE6.8-DO15 YFWDIODE-P6KE6.8-DO15 Datasheet
544Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
Nanjing International G...
P6KE6.8 DGNJDZ-P6KE6.8 Datasheet
83Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
Micro Commercial Compon...
P6KE68 MCC-P6KE68 Datasheet
111Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
DONGGUAN YOU FENG WEI E...
P6KE6.8 YFWDIODE-P6KE6.8 Datasheet
83Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
DAESAN ELECTRONIC CORP.
1N6267 DAESAN-1N6267 Datasheet
1Mb / 6P
   POWER 1500Watts VOLTAGE 6.8 to 440 Volts
P4KE6.8 DAESAN-P4KE6.8 Datasheet
732Kb / 5P
   POWER 400Watts VOLTAGE 6.8 to 440 Volts
logo
Micro Commercial Compon...
P6KE68 MCC-P6KE68_09 Datasheet
208Kb / 5P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 540 VOLTS
logo
DAESAN ELECTRONIC CORP.
SMBJ5.0 DAESAN-SMBJ5.0 Datasheet
709Kb / 4P
   POWER 600Watts VOLTAGE 5.0 to 188 Volts
logo
Zibo Seno Electronic En...
P6SMB ZSELEC-P6SMB Datasheet
104Kb / 5P
   6.8 to 440Volts 600Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
Surge Components
P6KE SURGE-P6KE Datasheet
201Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 to 440 Volts?
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com