Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVCP22PWRG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN65LVCP22PWRG4
Description  2x2 LVDS CROSSPOINT SWITCH
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVCP22PWRG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN65LVCP22PWRG4 Datasheet HTML 2Page - Texas Instruments SN65LVCP22PWRG4 Datasheet HTML 3Page - Texas Instruments SN65LVCP22PWRG4 Datasheet HTML 4Page - Texas Instruments SN65LVCP22PWRG4 Datasheet HTML 5Page - Texas Instruments SN65LVCP22PWRG4 Datasheet HTML 6Page - Texas Instruments SN65LVCP22PWRG4 Datasheet HTML 7Page - Texas Instruments SN65LVCP22PWRG4 Datasheet HTML 8Page - Texas Instruments SN65LVCP22PWRG4 Datasheet HTML 9Page - Texas Instruments SN65LVCP22PWRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
IN+
VID
VOD
VIN-
VIN+
VOZ
VOY
IIN-
IIN+
IN+ + IN-
VIC
2
VOUT++ VOUT-
2
IN-
OUT +
OUT -
VOD
75
3.74 k
3.74 k
_
+
0 V
≤ V(test) ≤ 2.4 V
Y
Z
VOS
37.4
Ω ±1%
1 pF
VOC(PP)
VOS
VOC
≈1.4 V
IN-
IN+
≈1 V
OUT+
OUT-
IN+
VID
37.4
Ω ±1%
IN-
SN65LVCP22
SLLS553B – NOVEMBER 2002 – REVISED JUNE 2003
Figure 1. Voltage and Current Definitions
Figure 2. Differential Output Voltage (VOD) Test Circuit
NOTE: All input pulses are supplied by a generator having the following characteristics: tr or tf ≤ 1 ns, pulse-repetition rate
(PRR) = 0.5 Mpps, pulse width = 500 ±10 ns; RL = 100 Ω; CL includes instrumentation and fixture capacitance within
0,06 mm of the D.U.T.; the measurement of VOC(PP) is made on test equipment with a –3 dB bandwidth of at least
300 MHz.
Figure 3. Test Circuit and Definitions for the Driver Common-Mode Output Voltage
6
Submit Documentation Feedback


Similar Part No. - SN65LVCP22PWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP22PWRG4 TI-SN65LVCP22PWRG4 Datasheet
472Kb / 17P
[Old version datasheet]   2 X 2 1000 MBPS LVDS CROSSPOINT SWITCH
More results

Similar Description - SN65LVCP22PWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS10CP152 TI1-DS10CP152_14 Datasheet
767Kb / 16P
[Old version datasheet]   Gbps 2X2 LVDS Crosspoint Switch
SN55LVCP22-SP TI1-SN55LVCP22-SP Datasheet
298Kb / 17P
[Old version datasheet]   CLASS V 2x2 LVDS CROSSPOINT SWITCH
SN55LVCP22 TI1-SN55LVCP22 Datasheet
257Kb / 20P
[Old version datasheet]   CLASS V 2x2 LVDS CROSSPOINT SWITCH
logo
Pericom Semiconductor C...
PI90LV024 PERICOM-PI90LV024 Datasheet
151Kb / 12P
   LVDS Dual 2x2 Crosspoint/Repeater Switch
logo
National Semiconductor ...
DS25CP152 NSC-DS25CP152 Datasheet
272Kb / 12P
   3.125 Gbps LVDS 2x2 Crosspoint Switch
logo
Texas Instruments
DS90CP02 TI1-DS90CP02_15 Datasheet
796Kb / 16P
[Old version datasheet]   1.5 Gbps 2x2 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP152 NSC-DS10CP152_08 Datasheet
277Kb / 12P
   1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
Texas Instruments
DS10CP152 TI1-DS10CP152 Datasheet
766Kb / 15P
[Old version datasheet]   1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP152 NSC-DS10CP152 Datasheet
277Kb / 12P
   1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
Pericom Semiconductor C...
PI90LV044 PERICOM-PI90LV044 Datasheet
461Kb / 12P
   LVDS Dual 2x2 Crosspoint/Repeater Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com