Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75240PWLE Datasheet(PDF) 3 Page - Texas Instruments

Part # SN75240PWLE
Description  USB PORT TRANSIENT SUPPERSSORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75240PWLE Datasheet(HTML) 3 Page - Texas Instruments

  SN75240PWLE Datasheet HTML 1Page - Texas Instruments SN75240PWLE Datasheet HTML 2Page - Texas Instruments SN75240PWLE Datasheet HTML 3Page - Texas Instruments SN75240PWLE Datasheet HTML 4Page - Texas Instruments SN75240PWLE Datasheet HTML 5Page - Texas Instruments SN75240PWLE Datasheet HTML 6Page - Texas Instruments SN75240PWLE Datasheet HTML 7Page - Texas Instruments SN75240PWLE Datasheet HTML 8Page - Texas Instruments SN75240PWLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SN65220
SN65240
SN75240
SLLS266F − FEBRUARY 1997 − REVISED JULY 2004
www.ti.com
3
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C‡
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
DBV
385 mW
3.1 mW/
°C
246 mW
200 mW
P
1150 mW
9.2 mW/
°C
736 mW
598 mW
PW
520 mW
4.2 mW/
°C
331 mW
268 mW
‡ This is the inverse of the junction-to-ambient thermal resistance when board-mounted and with no air flow.
recommended operating conditions
MIN
MAX
UNIT
Operating free-air temperature, TA
SN75240
0
70
°C
Operating free-air temperature, TA
SN65220, SN65240
−40
85
°C
electrical characteristics over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Ilkg
Leakage current
VI = 6 V at A, B, C, or D terminals
1
µA
V(BR)
Breakdown voltage
VI = 1 mA at A, B, C, or D terminals
6.5
7
8
V
CIN
Input capacitance to ground
VI = 0.4 sin (4E6πt) + 0.5 V
35
pF
APPLICATION INFORMATION
GND
15 k
15 k
27
27
GND
SN75220 or
1/2 SNx5240
A
B
D+
D−
Full-Speed or
Low-Speed USB
Host-or-Hub Port
Transceiver
1.5 k
(Low Speed
Only)
27
27
SN75220 or
1/2 SNx5240
A
B
D+
D−
Full-Speed or
Low-Speed USB
Down Stream
Transceiver
1.5 k
(Full Speed Only)


Similar Part No. - SN75240PWLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75240PWLE TI-SN75240PWLE Datasheet
227Kb / 9P
[Old version datasheet]   USB PORT TRANSIENT SUPPRESSORS
SN75240PWLE TI-SN75240PWLE Datasheet
251Kb / 10P
[Old version datasheet]   USB PORT TRANSIENT SUPPRESSORS
More results

Similar Description - SN75240PWLE

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCT316LD SECOS-SCT316LD Datasheet
175Kb / 3P
   300W Transient Voltage Supperssors Array
logo
Texas Instruments
SN65220 TI-SN65220_06 Datasheet
251Kb / 10P
[Old version datasheet]   USB PORT TRANSIENT SUPPRESSORS
logo
TECH PUBLIC Electronics...
TPSN65220DBVR TECHPUBLIC-TPSN65220DBVR Datasheet
1Mb / 4P
   USB PORT TRANSIENT SUPPRESSORS
logo
Texas Instruments
SN65220 TI-SN65220 Datasheet
227Kb / 9P
[Old version datasheet]   USB PORT TRANSIENT SUPPRESSORS
SN65220-Q1 TI-SN65220-Q1 Datasheet
132Kb / 5P
[Old version datasheet]   USB PORT TRANSIENT SUPPRESSORS
logo
Coolgear Inc.
USB2-4COM-M COOLGEAR-USB2-4COM-M Datasheet
122Kb / 2P
   USB 2.0 4-Port USB Serial DB
logo
ON Semiconductor
PACUSBD ONSEMI-PACUSBD Datasheet
392Kb / 8P
   USB Downstream Port Terminator
October, 2011 ??Rev. 3
PACUSBU ONSEMI-PACUSBU Datasheet
116Kb / 6P
   Upstream USB Port Terminator
October, 2011 ??Rev. 3
logo
List of Unclassifed Man...
82C862 ETC2-82C862 Datasheet
302Kb / 51P
   FireLink USB Dual Controller Quad Port USB
MCS7784 ETC1-MCS7784 Datasheet
247Kb / 2P
   USB to IrDa Port
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com