Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4KE6.8 Datasheet(PDF) 3 Page - DAESAN ELECTRONIC CORP.

Part # P4KE6.8
Description  POWER 400Watts VOLTAGE 6.8 to 440 Volts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

P4KE6.8 Datasheet(HTML) 3 Page - DAESAN ELECTRONIC CORP.

  P4KE6.8 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. P4KE6.8 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP. P4KE6.8 Datasheet HTML 3Page - DAESAN ELECTRONIC CORP. P4KE6.8 Datasheet HTML 4Page - DAESAN ELECTRONIC CORP. P4KE6.8 Datasheet HTML 5Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Breakdown Voltage
VF(BR) (Volts) (Note 1)
Device
Type
Test Current
at IT
(mA)
Stand-off
Voltage VWM
(Volts)
P4KE62
55.8
P4KE62A
58.9
P4KE68
61.2
P4KE68A
64.6
P4KE75
67.5
P4KE75A
71.3
P4KE82
73.8
P4KE82A
77.9
P4KE91
81.9
P4KE91A
86.5
P4KE100
90.0
P4KE100A
95.0
P4KE110
99.0
P4KE110A
105
P4KE120
108
P4KE120A
114
P4KE130
P4KE130A
P4KE150
135
P4KE150A
143
P4KE160
144
P4KE160A
152
P4KE170
153
P4KE170A
162
P4KE180
162
P4KE180A
171
P4KE200
180
P4KE200A
190
P4KE220
198
P4KE220A
P4KE250
P4KE250A
P4KE300
P4KE300A
P4KE350
P4KE350A
P4KE400
P4KE400A
P4KE440
P4KE440A
117
124
209
225
237
270
333
360
380
396
418
285
315
Max.
68.2
65.1
74.8
71.4
82.5
78.8
90.2
86.1
100
95.5
110
105
121
116
132
126
165
158
176
168
187
179
198
189
220
210
242
143
137
231
275
263
330
368
440
420
484
462
315
385
Min.
Max. Reverse
Leakage
at VWM
ID(Note2)
(μA)
Max. Peak
Pulse Current
IPPM(Note 2)
(Amps)
Max.
Clamping
Voltage at
IPPM
VC(VOLTS)
Max. Temp
Coefficient
of V(BR)
(%/℃)
50.2
53.0
55.1
58.1
60.7
64.1
1.0
66.4
1.0
70.1
1.0
73.7
1.0
77.8
1.0
81.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
85.5
1.0
89.2
1.0
94.0
1.0
97.2
1.0
102
1.0
1.0
1.0
121
1.0
128
130
1.0
1.0
136
1.0
138
1.0
145
1.0
146
1.0
154
1.0
162
1.0
171
1.0
175
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
105
111
185
202
214
243
300
324
342
356
376
256
284
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
4.5
89.0
4.7
85.0
4.1
98.0
4.3
92.0
3.7
108
3.9
103
3.4
118
3.5
113
3.1
131
3.2
125
2.8
144
2.9
137
2.5
158
2.6
152
2.3
173
2.4
165
2.1
2.2
1.9
215
1.9
207
1.7
230
1.8
219
1.6
244
1.7
234
1.6
258
1.6
246
1.4
287
1.5
274
1.2
344
1.2
1.1
1.2
0.93
1.0
0.79
0.83
0.70
0.73
0.63
0.66
187
179
328
360
344
430
482
574
548
631
602
414
504
0.104
0.104
0.104
0.104
0.105
0.105
0.105
0.105
0.106
0.106
0.106
0.106
0.107
0.107
0.107
0.107
0.108
0.108
0.108
0.108
0.108
0.108
0.108
0.108
0.108
0.108
0.108
0.107
0.107
0.108
0.110
0.110
0.110
0.110
0.110
0.110
0.110
0.110
0.110
0.110
Notes:
(1) V(BR) measured after IT applied for 300μS, IT=square wave pulse or equivalent.
(2) Surge current waveform per Fig.3 and derated per Fig.2
(3) For bidirctional types having VWM of 10 Volts and less. The ID limit is doubled.
(4) All terms and symbols are consistent with ANSI/IEEE C62.35
ELECTRICAL CHARACTERISTIC at (TA=25℃ unless other specified)


Similar Part No. - P4KE6.8

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
P4KE6.8 LRC-P4KE6.8 Datasheet
190Kb / 9P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 TO 550 Volts
logo
Pan Jit International I...
P4KE6.8 PANJIT-P4KE6.8 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
Microdiode Electronics ...
P4KE6.8 CHENDA-P4KE6.8 Datasheet
602Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
P4KE6.8 WTE-P4KE6.8 Datasheet
82Kb / 6P
   400W TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
P4KE6.8 SOCAY-P4KE6.8 Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

Similar Description - P4KE6.8

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
1N6267 DAESAN-1N6267 Datasheet
1Mb / 6P
   POWER 1500Watts VOLTAGE 6.8 to 440 Volts
P6KE6.8 DAESAN-P6KE6.8 Datasheet
748Kb / 5P
   POWER 600Watts VOLTAGE 6.8 to 440 Volts
logo
Nanjing International G...
P6KE6.8 DGNJDZ-P6KE6.8 Datasheet
83Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
Micro Commercial Compon...
P6KE68 MCC-P6KE68 Datasheet
111Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
DONGGUAN YOU FENG WEI E...
P6KE6.8 YFWDIODE-P6KE6.8 Datasheet
83Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
P6KE6.8-DO15 YFWDIODE-P6KE6.8-DO15 Datasheet
544Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
Zibo Seno Electronic En...
P4SMA ZSELEC-P4SMA Datasheet
318Kb / 5P
   6.8 to 440Volts 400Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
DAESAN ELECTRONIC CORP.
SMAJ50 DAESAN-SMAJ50 Datasheet
369Kb / 4P
   POWER 400WATTS VOLTAGE 5.0 TO 188 VOLTS
logo
Surge Components
P6KE SURGE-P6KE Datasheet
201Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 to 440 Volts?
logo
Nanjing International G...
1.5KE DGNJDZ-1.5KE Datasheet
334Kb / 4P
   6.8 to 440 Volts 1500 Watts Peak Power 5.0 Watts Steady State
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com