Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65240PW Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN65240PW
Description  USB PORT TRANSIENT SUPPERSSORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65240PW Datasheet(HTML) 1 Page - Texas Instruments

  SN65240PW Datasheet HTML 1Page - Texas Instruments SN65240PW Datasheet HTML 2Page - Texas Instruments SN65240PW Datasheet HTML 3Page - Texas Instruments SN65240PW Datasheet HTML 4Page - Texas Instruments SN65240PW Datasheet HTML 5Page - Texas Instruments SN65240PW Datasheet HTML 6Page - Texas Instruments SN65240PW Datasheet HTML 7Page - Texas Instruments SN65240PW Datasheet HTML 8Page - Texas Instruments SN65240PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SN65220
SN65240
SN75240
SLLS266F − FEBRUARY 1997 − REVISED JULY 2004
USB PORT TRANSIENT SUPPRESSORS
YZB-4
DBV-6
PW-8
P-8
FEATURES
D Design to Protect Submicron 3-V or 5-V
Circuits from Noise Transients
D Port ESD Protection Capability Exceeds:
− 15-kV Human Body Model
− 2-kV Machine Model
D Available in a WCSP Chip-Scale Package
D Stand-Off Voltage ... 6 V Min
D Low Current Leakage ... 1 µA Max at 6 V
D Low Capacitance ... 35 pF Typical
DESCRIPTION
The SN65220 is a single transient voltage suppressor and
the SN65240 and SN75240 are dual transient voltage
suppressors designed to provide electrical noise transient
protection to Universal Serial Bus (USB) 1.1 ports. Note
that the input capacitance of the device makes it
unsuitable for high-speed USB 2.0 applications.
Any cabled I/O can be subjected to electrical noise
transients from various sources. These noise transients
can cause damage to the USB transceiver and/or the USB
ASIC if they are of sufficient magnitude and duration.
USB ports are typically implemented in 3-V or 5-V digital
CMOS with very limited ESD protection. The SN65220,
SN65240, and SN75240 can significantly increase the
port ESD protection level and reduce the risk of damage
to the circuits of the USB port.
The IEC1000-4-2 ESD performance of the SN65220,
SN65240, and SN75240 is measured at the system level.
Therefore, system design impacts the results of these
tests. A high compliance level may be attained with proper
board design and layout.
APPLICATIONS
D USB 1.1 Host, Hub, or Peripheral Ports
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
Copyright
 1997 − 2003, Texas Instruments Incorporated
A1
A2
B2
B1
A
GND
GND
B
SN65220YZB
(Size: 925
mm x 925 mm +6 mm)
(TOP VIEW)
3
2
4
6
(TOP VIEW)†
1
NC
GND
NC
A
B
SN65220DBV
GND
5
NC − No internal connection
1
2
3
4
8
7
6
5
GND
C
GND
D
A
GND
B
GND
SN65240P, SN65240PW
SN75240P, SN75240PW
(TOP VIEW)
†When read horizontally, Pin 1 is the bottom left pin.
NOTE A:
Typical current versus voltage curve was derived
using the IEC 1.2/50-
µs surge waveform.
CURRENT vs VOLTAGE
−2.5
−5
−7.5
−10
−5
0
0
2.5
5
5
10
15
Voltage − V
−10
7.5
A or C
GND
B or D
(One Suppressor Shown)
NOTE: All GND terminals should be connected to ground.
EQUIVALENT SCHEMATIC DIAGRAM


Similar Part No. - SN65240PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65240PW TI-SN65240PW Datasheet
227Kb / 9P
[Old version datasheet]   USB PORT TRANSIENT SUPPRESSORS
SN65240PW TI-SN65240PW Datasheet
251Kb / 10P
[Old version datasheet]   USB PORT TRANSIENT SUPPRESSORS
SN65240PWG4 TI-SN65240PWG4 Datasheet
251Kb / 10P
[Old version datasheet]   USB PORT TRANSIENT SUPPRESSORS
SN65240PWR TI-SN65240PWR Datasheet
227Kb / 9P
[Old version datasheet]   USB PORT TRANSIENT SUPPRESSORS
SN65240PWR TI-SN65240PWR Datasheet
251Kb / 10P
[Old version datasheet]   USB PORT TRANSIENT SUPPRESSORS
More results

Similar Description - SN65240PW

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCT316LD SECOS-SCT316LD Datasheet
175Kb / 3P
   300W Transient Voltage Supperssors Array
logo
Texas Instruments
SN65220 TI-SN65220_06 Datasheet
251Kb / 10P
[Old version datasheet]   USB PORT TRANSIENT SUPPRESSORS
logo
TECH PUBLIC Electronics...
TPSN65220DBVR TECHPUBLIC-TPSN65220DBVR Datasheet
1Mb / 4P
   USB PORT TRANSIENT SUPPRESSORS
logo
Texas Instruments
SN65220 TI-SN65220 Datasheet
227Kb / 9P
[Old version datasheet]   USB PORT TRANSIENT SUPPRESSORS
SN65220-Q1 TI-SN65220-Q1 Datasheet
132Kb / 5P
[Old version datasheet]   USB PORT TRANSIENT SUPPRESSORS
logo
Coolgear Inc.
USB2-4COM-M COOLGEAR-USB2-4COM-M Datasheet
122Kb / 2P
   USB 2.0 4-Port USB Serial DB
logo
ON Semiconductor
PACUSBD ONSEMI-PACUSBD Datasheet
392Kb / 8P
   USB Downstream Port Terminator
October, 2011 ??Rev. 3
PACUSBU ONSEMI-PACUSBU Datasheet
116Kb / 6P
   Upstream USB Port Terminator
October, 2011 ??Rev. 3
logo
List of Unclassifed Man...
82C862 ETC2-82C862 Datasheet
302Kb / 51P
   FireLink USB Dual Controller Quad Port USB
MCS7784 ETC1-MCS7784 Datasheet
247Kb / 2P
   USB to IrDa Port
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com