Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65220YZBR Datasheet(PDF) 8 Page - Texas Instruments

Part # SN65220YZBR
Description  USB PORT TRANSIENT SUPPERSSORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65220YZBR Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN65220YZBR Datasheet HTML 4Page - Texas Instruments SN65220YZBR Datasheet HTML 5Page - Texas Instruments SN65220YZBR Datasheet HTML 6Page - Texas Instruments SN65220YZBR Datasheet HTML 7Page - Texas Instruments SN65220YZBR Datasheet HTML 8Page - Texas Instruments SN65220YZBR Datasheet HTML 9Page - Texas Instruments SN65220YZBR Datasheet HTML 10Page - Texas Instruments SN65220YZBR Datasheet HTML 11Page - Texas Instruments SN65220YZBR Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MECHANICAL DATA
MPDI001A – JANUARY 1995 – REVISED JUNE 1999
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
P (R-PDIP-T8)
PLASTIC DUAL-IN-LINE
8
4
0.015 (0,38)
Gage Plane
0.325 (8,26)
0.300 (7,62)
0.010 (0,25) NOM
MAX
0.430 (10,92)
4040082/D 05/98
0.200 (5,08) MAX
0.125 (3,18) MIN
5
0.355 (9,02)
0.020 (0,51) MIN
0.070 (1,78) MAX
0.240 (6,10)
0.260 (6,60)
0.400 (10,60)
1
0.015 (0,38)
0.021 (0,53)
Seating Plane
M
0.010 (0,25)
0.100 (2,54)
NOTES: A. All linear dimensions are in inches (millimeters).
B. This drawing is subject to change without notice.
C. Falls within JEDEC MS-001
For the latest package information, go to http://www.ti.com/sc/docs/package/pkg_info.htm


Similar Part No. - SN65220YZBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65220YZBR TI-SN65220YZBR Datasheet
227Kb / 9P
[Old version datasheet]   USB PORT TRANSIENT SUPPRESSORS
SN65220YZBR TI-SN65220YZBR Datasheet
251Kb / 10P
[Old version datasheet]   USB PORT TRANSIENT SUPPRESSORS
More results

Similar Description - SN65220YZBR

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCT316LD SECOS-SCT316LD Datasheet
175Kb / 3P
   300W Transient Voltage Supperssors Array
logo
Texas Instruments
SN65220 TI-SN65220_06 Datasheet
251Kb / 10P
[Old version datasheet]   USB PORT TRANSIENT SUPPRESSORS
logo
TECH PUBLIC Electronics...
TPSN65220DBVR TECHPUBLIC-TPSN65220DBVR Datasheet
1Mb / 4P
   USB PORT TRANSIENT SUPPRESSORS
logo
Texas Instruments
SN65220 TI-SN65220 Datasheet
227Kb / 9P
[Old version datasheet]   USB PORT TRANSIENT SUPPRESSORS
SN65220-Q1 TI-SN65220-Q1 Datasheet
132Kb / 5P
[Old version datasheet]   USB PORT TRANSIENT SUPPRESSORS
logo
Coolgear Inc.
USB2-4COM-M COOLGEAR-USB2-4COM-M Datasheet
122Kb / 2P
   USB 2.0 4-Port USB Serial DB
logo
ON Semiconductor
PACUSBD ONSEMI-PACUSBD Datasheet
392Kb / 8P
   USB Downstream Port Terminator
October, 2011 ??Rev. 3
PACUSBU ONSEMI-PACUSBU Datasheet
116Kb / 6P
   Upstream USB Port Terminator
October, 2011 ??Rev. 3
logo
List of Unclassifed Man...
82C862 ETC2-82C862 Datasheet
302Kb / 51P
   FireLink USB Dual Controller Quad Port USB
MCS7784 ETC1-MCS7784 Datasheet
247Kb / 2P
   USB to IrDa Port
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com