Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MCT5201M Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. MCT5201M
Description  Low Input Current Phototransistor Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MCT5201M Datasheet(HTML) 1 Page - Fairchild Semiconductor

  MCT5201M Datasheet HTML 1Page - Fairchild Semiconductor MCT5201M Datasheet HTML 2Page - Fairchild Semiconductor MCT5201M Datasheet HTML 3Page - Fairchild Semiconductor MCT5201M Datasheet HTML 4Page - Fairchild Semiconductor MCT5201M Datasheet HTML 5Page - Fairchild Semiconductor MCT5201M Datasheet HTML 6Page - Fairchild Semiconductor MCT5201M Datasheet HTML 7Page - Fairchild Semiconductor MCT5201M Datasheet HTML 8Page - Fairchild Semiconductor MCT5201M Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
tm
November 2007
©2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
MCT5201M, MCT5210M, MCT5211M Rev. 1.0.1
MCT5201M, MCT5210M, MCT5211M
Low Input Current Phototransistor Optocouplers
Features
High CTRCE(SAT) comparable to Darlingtons
CTR guaranteed 0°C to 70°C
High common mode transient rejection 5kV/µs
Data rates up to 150kbits/s (NRZ)
Underwriters Laboratory (UL) recognized,
file #E90700, volume 2
IEC60747-5-2 approved (ordering option V)
Applications
CMOS to CMOS/LSTTL logic isolation
LSTTL to CMOS/LSTTL logic isolation
RS-232 line receiver
Telephone ring detector
AC line voltage sensing
Switching power supply
Description
The MCT52XXM series consists of a high-efficiency
AlGaAs, infrared emitting diode, coupled with an NPN
phototransistor in a six pin dual-in-line package.
The MCT52XXM is well suited for CMOS to LSTT/TTL
interfaces, offering 250% CTRCE(SAT) with 1mA of LED
input current. When an LED input current of 1.6mA is
supplied data rates to 20K bits/s are possible.
The MCT52XXM can easily interface LSTTL to LSTTL/
TTL, and with use of an external base to emitter resistor
data rates of 100K bits/s can be achieved.
Schematic
1
2
6
5 COL
4 EMITTER
BASE
ANODE
CATHODE
3
6
1
6
6
1
1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn