Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCT5201M Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # MCT5201M
Description  Low Input Current Phototransistor Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MCT5201M Datasheet(HTML) 4 Page - Fairchild Semiconductor

  MCT5201M Datasheet HTML 1Page - Fairchild Semiconductor MCT5201M Datasheet HTML 2Page - Fairchild Semiconductor MCT5201M Datasheet HTML 3Page - Fairchild Semiconductor MCT5201M Datasheet HTML 4Page - Fairchild Semiconductor MCT5201M Datasheet HTML 5Page - Fairchild Semiconductor MCT5201M Datasheet HTML 6Page - Fairchild Semiconductor MCT5201M Datasheet HTML 7Page - Fairchild Semiconductor MCT5201M Datasheet HTML 8Page - Fairchild Semiconductor MCT5201M Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
©2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
MCT5201M, MCT5210M, MCT5211M Rev. 1.0.1
4
Electrical Characteristics (Continued) (T
A = 25°C unless otherwise specified)
Transfer Characteristics
*All typicals at TA = 25°C
Symbol
Characteristics
Test Conditions
Device
Min. Typ.* Max. Units
DC CHARACTERISTICS
CTRCE(SAT) Saturated Current
Transfer Ratio(1)
(Collector to Emitter)
IF = 5mA, VCE = 0.4V
MCT5201M
120
%
IF = 3.0mA, VCE = 0.4V
MCT5210M
60
IF = 1.6mA, VCE = 0.4V
MCT5211M
100
IF = 1.0mA, VCE = 0.4V
75
CTR(CE)
Current Transfer Ratio
(Collector to Emitter)(1)
IF = 3.0mA, VCE = 5.0V
MCT5210M
70
%
IF = 1.6mA, VCE = 5.0V
MCT5211M
150
IF = 1.0mA, VCE = 5.0V
110
CTR(CB)
Current Transfer Ratio
Collector to Base(2)
IF = 5mA, VCB = 4.3V
MCT5201M
0.28
%
IF = 3.0mA, VCE = 4.3V
MCT5210M
0.2
IF = 1.6mA, VCE = 4.3V
MCT5211M
0.3
IF = 1.0mA, VCE = 4.3V
0.25
VCE(SAT)
Saturation Voltage
IF = 5mA, ICE = 6mA
MCT5201M
0.4
V
IF = 3.0mA, ICE = 1.8mA
MCT5210M
0.4
IF = 1.6mA, ICE = 1.6mA
MCT5211M
0.4
AC CHARACTERISTICS
TPHL
Propagation Delay
HIGH-to-LOW(3)
RL = 330 Ω, RBE = ∞
IF = 3.0mA,
VCC = 5.0V
MCT5210M
10
µs
RL = 3.3 kΩ, RBE = 39kΩ
7
RL = 750 Ω, RBE = ∞
IF = 1.6mA,
VCC = 5.0V
MCT5211M
14
RL = 4.7 kΩ, RBE = 91kΩ
15
RL = 1.5 kΩ, RBE = ∞
IF = 1.0mA,
VCC = 5.0V
17
RL = 10 kΩ, RBE = 160kΩ
24
VCE = 0.4V, VCC = 5V,
RL = fig. 13, RBE = 330kΩ
IF = 5mA
MCT5201M
3
30
TPLH
Propagation Delay
LOW-to-HIGH(4)
RL = 330 Ω, RBE = ∞
IF = 3.0mA,
VCC = 5.0V
MCT5210M
0.4
µs
RL = 3.3 kΩ, RBE = 39kΩ
8
RL = 750 Ω, RBE = ∞
IF = 1.6mA,
VCC = 5.0V
MCT5211M
2.5
RL = 4.7 kΩ, RBE = 91kΩ
11
RL = 1.5 kΩ, RBE = ∞
IF = 1.0mA,
VCC = 5.0V
7
RL = 10 kΩ, RBE = 160kΩ
16
VCE = 0.4V, VCC = 5V,
RL = fig. 13, RBE = 330kΩ
IF = 5mA
MCT5201M
12
13
td
Delay Time(5)
VCE = 0.4V, RBE = 330kΩ,
RL = 1 kΩ, VCC = 5V
IF = 5mA
MCT5201M
1.1
15
µs
tr
Rise Time(6)
VCE = 0.4V, RBE = 330kΩ,
RL = 1 kΩ, VCC = 5V
IF = 5mA
MCT5201M
2.5
20
µs
ts
Storage Time(7)
VCE = 0.4V, RBE = 330 kΩ,
RL = 1 kΩ, VCC = 5V
IF = 5mA
MCT5201M
10
13
µs
tf
Fall Time(8)
VCE = 0.4V, RBE = 330 kΩ,
RL = 1 kΩ, VCC = 5V
IF = 5mA
MCT5201M
16
30
µs


Similar Part No. - MCT5201M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MCT5201M FAIRCHILD-MCT5201M Datasheet
293Kb / 12P
   Low Input Current Phototransistor Optocouplers
MCT5201M_0810 FAIRCHILD-MCT5201M_0810 Datasheet
293Kb / 12P
   Low Input Current Phototransistor Optocouplers
More results

Similar Description - MCT5201M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MCT5200 FAIRCHILD-MCT5200 Datasheet
169Kb / 11P
   LOW INPUT CURRENT PHOTOTRANSISTOR OPTOCOUPLERS
MCT5201M_0810 FAIRCHILD-MCT5201M_0810 Datasheet
293Kb / 12P
   Low Input Current Phototransistor Optocouplers
logo
QT Optoelectronics
H11AA1 QT-H11AA1 Datasheet
307Kb / 4P
   AC INPUT/PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
H11AA1-M FAIRCHILD-H11AA1-M_06 Datasheet
510Kb / 9P
   AC Input/Phototransistor Optocouplers
H11AA1 FAIRCHILD-H11AA1 Datasheet
528Kb / 8P
   AC INPUT/PHOTOTRANSISTOR OPTOCOUPLERS
H11AA1M FAIRCHILD-H11AA1M Datasheet
511Kb / 9P
   AC Input/Phototransistor Optocouplers
H11AA4M FAIRCHILD-H11AA4M Datasheet
261Kb / 10P
   AC Input/Phototransistor Optocouplers
H11AA1-M FAIRCHILD-H11AA1-M Datasheet
119Kb / 9P
   AC INPUT/PHOTOTRANSISTOR OPTOCOUPLERS
logo
Diodes Incorporated
MOCD217R2M DIODES-MOCD217R2M Datasheet
2Mb / 10P
   Dual Channel Phototransistor Small Outline Surface Mount Optocouplers (Low Input Current)
logo
Fairchild Semiconductor
MOCD217-M FAIRCHILD-MOCD217-M_05 Datasheet
113Kb / 8P
   DUAL CHANNEL PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLERS (LOW INPUT CURRENT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com