Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSP430F1101AIPWR Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part No. MSP430F1101AIPWR
Description  MIXED SIGNAL MICROCONTROLLER
Download  40 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

MSP430F1101AIPWR Datasheet(HTML) 24 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
MSP430C11x1, MSP430F11x1A
MIXED SIGNAL MICROCONTROLLER
SLAS241H − SEPTEMBER 1999 − REVISED SEPTEMBER 2004
24
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (continued)
Flash Memory
PARAMETER
TEST
CONDITIONS
VCC
MIN
NOM
MAX
UNIT
VCC(PGM/
ERASE)
Program and Erase supply voltage
2.7
3.6
V
fFTG
Flash Timing Generator frequency
257
476
kHz
IPGM
Supply current from VCC during program
2.7 V/ 3.6 V
3
5
mA
IERASE
Supply current from VCC during erase
2.7 V/ 3.6 V
3
7
mA
tCPT
Cumulative program time
see Note 1
2.7 V/ 3.6 V
4
ms
tCMErase
Cumulative mass erase time
see Note 2
2.7 V/ 3.6 V
200
ms
Program/Erase endurance
104
105
cycles
tRetention
Data retention duration
TJ = 25°C
100
years
tWord
Word or byte program time
35
tBlock, 0
Block program time for 1st byte or word
30
tBlock, 1-63
Block program time for each additional byte or word
see Note 3
21
tFTG
tBlock, End
Block program end-sequence wait time
see Note 3
6
tFTG
tMass Erase
Mass erase time
5297
tSeg Erase
Segment erase time
4819
NOTES:
1. The cumulative program time must not be exceeded when writing to a 64-byte flash block. This parameter applies to all programming
methods: individual word/byte write and block write modes.
2. The mass erase duration generated by the flash timing generator is at least 11.1ms ( = 5297x1/fFTG,max = 5297x1/476kHz). To
achieve the required cumulative mass erase time the Flash Controller’s mass erase operation can be repeated until this time is met.
(A worst case minimum of 19 cycles are required).
3. These values are hardwired into the Flash Controller’s state machine (tFTG = 1/fFTG).
JTAG Interface
PARAMETER
TEST
CONDITIONS
VCC
MIN
NOM
MAX
UNIT
fTCK
TCK input frequency
see Note 1
2.2 V
0
5
MHz
fTCK
TCK input frequency
see Note 1
3 V
0
10
MHz
RInternal
Internal pull-down resistance on TEST
see Note 2
2.2 V/ 3 V
25
60
90
k
NOTES:
1. fTCK may be restricted to meet the timing requirements of the module selected.
2. TEST pull-down resistor implemented in all versions.
JTAG Fuse (see Note 1)
PARAMETER
TEST
CONDITIONS
VCC
MIN
NOM
MAX
UNIT
VCC(FB)
Supply voltage during fuse-blow condition
TA = 25°C
2.5
V
VFB
Voltage level on TEST for fuse-blow - ’C11x1
3.5
3.9
V
VFB
Voltage level on TEST for fuse-blow - ’F11x1A
6
7
V
IFB
Supply current into TEST during fuse blow
100
mA
tFB
Time to blow fuse
1
ms
NOTES:
1. Once the fuse is blown, no further access to the MSP430 JTAG/Test and emulation features is possible. The JTAG block is switched
to bypass mode.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MSP430F2101MIXED SIGNAL MICROCONTROLLER 1 2 3 4 5 MoreTexas Instruments
MSP430X47X3MIXED SIGNAL MICROCONTROLLER 1 2 3 4 5 MoreTexas Instruments
MSP430XW42X_07MIXED SIGNAL MICROCONTROLLER 1 2 3 4 5 MoreTexas Instruments
MSP430X22X2MIXED SIGNAL MICROCONTROLLER 1 2 3 4 5 MoreTexas Instruments
MSP430X43X1MIXED SIGNAL MICROCONTROLLER 1 2 3 4 5 MoreTexas Instruments
MSP430F21X2MIXED SIGNAL MICROCONTROLLER 1 2 3 4 5 MoreTexas Instruments
MSP430X461XMIXED SIGNAL MICROCONTROLLER 1 2 3 4 5 MoreTexas Instruments
MSP430X22X2_1MIXED SIGNAL MICROCONTROLLER 1 2 3 4 5 MoreTexas Instruments
MSP430X21X1_08MIXED SIGNAL MICROCONTROLLER 1 2 3 4 5 MoreTexas Instruments
MSP430F23X0MIXED SIGNAL MICROCONTROLLER 1 2 3 4 5 MoreTexas Instruments

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn