Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSP430F1101AIPWR Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part No. MSP430F1101AIPWR
Description  MIXED SIGNAL MICROCONTROLLER
Download  40 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

MSP430F1101AIPWR Datasheet(HTML) 18 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
MSP430C11x1, MSP430F11x1A
MIXED SIGNAL MICROCONTROLLER
SLAS241H − SEPTEMBER 1999 − REVISED SEPTEMBER 2004
18
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (continued)
optional resistors, individually programmable with ROM code (see Note 1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
R(opt1)
2.5
5
10
k
R(opt2)
3.8
7.7
15
k
R(opt3)
7.6
15
31
k
R(opt4)
11.5
23
46
k
R(opt5)
Resistors, individually programmable with ROM code, all port pins,
VCC = 2.2 V/3 V
23
45
90
k
R(opt6)
Resistors, individually programmable with ROM code, all port pins,
values applicable for pulldown and pullup
VCC = 2.2 V/3 V
46
90
180
k
R(opt7)
values applicable for pulldown and pullup
70
140
280
k
R(opt8)
115
230
460
k
R(opt9)
160
320
640
k
R(opt10)
205
420
830
k
NOTE 1: Optional resistors Roptx for pulldown or pullup are not available in standard flash memory device MSP430F11x1A.
wake-up from lower power modes (LPMx)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
t(LPM0)
VCC = 2.2 V/3 V
100
ns
t(LPM2)
VCC = 2.2 V/3 V
100
ns
f(MCLK) = 1 MHz,
VCC = 2.2 V/3 V
6
t(LPM3)
Delay time (see Note 1)
f(MCLK) = 2 MHz,
VCC = 2.2 V/3 V
6
µs
t(LPM3)
Delay time (see Note 1)
f(MCLK) = 3 MHz,
VCC = 2.2 V/3 V
6
µs
f(MCLK) = 1 MHz,
VCC = 2.2 V/3 V
6
t(LPM4)
f(MCLK) = 2 MHz,
VCC = 2.2 V/3 V
6
µs
t(LPM4)
f(MCLK) = 3 MHz,
VCC = 2.2 V/3 V
6
µs
NOTE 1: Parameter applicable only if DCOCLK is used for MCLK.
RAM
PARAMETER
MIN
NOM
MAX
UNIT
V(RAMh)
CPU halted (see Note 1)
1.6
V
NOTE 1: This parameter defines the minimum supply voltage VCC when the data in the program memory RAM remains unchanged. No program
execution should happen during this supply voltage condition.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MSP430F2101MIXED SIGNAL MICROCONTROLLER 1 2 3 4 5 MoreTexas Instruments
MSP430X47X3MIXED SIGNAL MICROCONTROLLER 1 2 3 4 5 MoreTexas Instruments
MSP430XW42X_07MIXED SIGNAL MICROCONTROLLER 1 2 3 4 5 MoreTexas Instruments
MSP430X22X2MIXED SIGNAL MICROCONTROLLER 1 2 3 4 5 MoreTexas Instruments
MSP430X43X1MIXED SIGNAL MICROCONTROLLER 1 2 3 4 5 MoreTexas Instruments
MSP430F21X2MIXED SIGNAL MICROCONTROLLER 1 2 3 4 5 MoreTexas Instruments
MSP430X461XMIXED SIGNAL MICROCONTROLLER 1 2 3 4 5 MoreTexas Instruments
MSP430X22X2_1MIXED SIGNAL MICROCONTROLLER 1 2 3 4 5 MoreTexas Instruments
MSP430X21X1_08MIXED SIGNAL MICROCONTROLLER 1 2 3 4 5 MoreTexas Instruments
MSP430F23X0MIXED SIGNAL MICROCONTROLLER 1 2 3 4 5 MoreTexas Instruments

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn