Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSP430F1101AIPWR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part No. MSP430F1101AIPWR
Description  MIXED SIGNAL MICROCONTROLLER
Download  40 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

MSP430F1101AIPWR Datasheet(HTML) 16 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
MSP430C11x1, MSP430F11x1A
MIXED SIGNAL MICROCONTROLLER
SLAS241H − SEPTEMBER 1999 − REVISED SEPTEMBER 2004
16
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (continued)
outputs − Ports P1 and P2; (P1.0 to P1.7, P2.0 to P2.5)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High-level output voltage
I(OHmax) = −1.5 mA
VCC = 2.2 V
See Note 1
VCC−0.25
VCC
VOH
High-level output voltage
Port 1 and Port 2 (C11x1)
I(OHmax) = −6 mA
VCC = 2.2 V
See Note 2
VCC−0.6
VCC
V
VOH
Port 1 and Port 2 (C11x1)
Port 1 (F11x1A)
I(OHmax) = −1.5 mA
VCC = 3 V
See Note 1
VCC−0.25
VCC
V
Port 1 (F11x1A)
I(OHmax) = −6 mA
VCC = 3 V
See Note 2
VCC−0.6
VCC
I(OHmax) = −1 mA
VCC = 2.2 V
See Note 3
VCC−0.25
VCC
VOH
High-level output voltage
I(OHmax) = −3.4 mA
VCC = 2.2 V
See Note 3
VCC−0.6
VCC
V
VOH
High-level output voltage
Port 2 (F11x1A)
I(OHmax) = −1 mA
VCC = 3 V
See Note 3
VCC−0.25
VCC
V
Port 2 (F11x1A)
I(OHmax) = −3.4 mA
VCC = 3 V
See Note 3
VCC−0.6
VCC
Low-level output voltage
I(OLmax) = 1.5 mA
VCC = 2.2 V
See Note 1
VSS
VSS+0.25
VOL
Low-level output voltage
Port 1 and Port 2 (C11x1,
I(OLmax) = 6 mA
VCC = 2.2 V
See Note 2
VSS
VSS+0.6
V
VOL
Port 1 and Port 2 (C11x1,
F11x1A)
I(OLmax) = 1.5 mA
VCC = 3 V
See Note 1
VSS
VSS+0.25
V
F11x1A)
I(OLmax) = 6 mA
VCC = 3 V
See Note 2
VSS
VSS+0.6
NOTES:
1. The maximum total current, IOHmax and IOLmax, for all outputs combined, should not exceed ±12 mA to hold the maximum voltage
drop specified.
2. The maximum total current, IOHmax and IOLmax, for all outputs combined, should not exceed ±48 mA to hold the maximum voltage
drop specified.
3. One output loaded at a time.
output frequency
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
fP20
P2.0/ACLK, CL = 20 pF
2.2 V/3 V
fSystem
fTAx
Output frequency
TA0, TA1, TA2, CL = 20 pF
Internal clock source, SMCLK signal applied (see Note 1)
2.2 V/3 V
dc
fSystem
MHz
fSMCLK = fLFXT1 = fXT1
40%
60%
P1.4/SMCLK,
fSMCLK = fLFXT1 = fLF
2.2 V/3 V
35%
65%
P1.4/SMCLK,
CL = 20 pF
fSMCLK = fLFXT1/n
2.2 V/3 V
50%−
15 ns
50%
50%+
15 ns
tXdc
Duty cycle of O/P
frequency
fSMCLK = fDCOCLK
2.2 V/3 V
50%−
15 ns
50%
50%+
15 ns
frequency
P2.0/ACLK,
fP20 = fLFXT1 = fXT1
40%
60%
P2.0/ACLK,
CL = 20 pF
fP20 = fLFXT1 = fLF
2.2 V/3 V
30%
70%
CL = 20 pF
fP20 = fLFXT1/n
2.2 V/3 V
50%
tTAdc
TA0, TA1, TA2, CL = 20 pF, duty cycle = 50%
2.2 V/3 V
0
±50
ns
NOTE 1: The limits of the system clock MCLK has to be met. MCLK and SMCLK can have different frequencies.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MSP430F2101MIXED SIGNAL MICROCONTROLLER 1 2 3 4 5 MoreTexas Instruments
MSP430X47X3MIXED SIGNAL MICROCONTROLLER 1 2 3 4 5 MoreTexas Instruments
MSP430XW42X_07MIXED SIGNAL MICROCONTROLLER 1 2 3 4 5 MoreTexas Instruments
MSP430X22X2MIXED SIGNAL MICROCONTROLLER 1 2 3 4 5 MoreTexas Instruments
MSP430X43X1MIXED SIGNAL MICROCONTROLLER 1 2 3 4 5 MoreTexas Instruments
MSP430F21X2MIXED SIGNAL MICROCONTROLLER 1 2 3 4 5 MoreTexas Instruments
MSP430X461XMIXED SIGNAL MICROCONTROLLER 1 2 3 4 5 MoreTexas Instruments
MSP430X22X2_1MIXED SIGNAL MICROCONTROLLER 1 2 3 4 5 MoreTexas Instruments
MSP430X21X1_08MIXED SIGNAL MICROCONTROLLER 1 2 3 4 5 MoreTexas Instruments
MSP430F23X0MIXED SIGNAL MICROCONTROLLER 1 2 3 4 5 MoreTexas Instruments

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn