Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSP430F1101AIPWR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part No. MSP430F1101AIPWR
Description  MIXED SIGNAL MICROCONTROLLER
Download  40 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

MSP430F1101AIPWR Datasheet(HTML) 13 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
MSP430C11x1, MSP430F11x1A
MIXED SIGNAL MICROCONTROLLER
SLAS241H − SEPTEMBER 1999 − REVISED SEPTEMBER 2004
13
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings
Voltage applied at VCC to VSS
−0.3 V to 4.1 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage applied to any pin (see Note)
−0.3 V to VCC+0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Diode current at any device terminal
±2 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature, Tstg (unprogrammed device)
−55
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature, Tstg (programmed device)
−40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE: All voltages referenced to VSS. The JTAG fuse-blow voltage, VFB, is allowed to exceed the absolute maximum rating. The voltage is applied
to the TEST pin when blowing the JTAG fuse.
recommended operating conditions
MIN
NOM
MAX
UNITS
MSP430C11x1
1.8
3.6
Supply voltage during program execution, VCC (see Note 1)
MSP430C11x1
1.8
3.6
V
Supply voltage during program execution, VCC (see Note 1)
MSP430F11x1A
1.8
3.6
V
Supply voltage during program/erase flash memory, VCC
MSP430F11x1A
2.7
3.6
V
Supply voltage, VSS
0
V
Operating free-air temperature range, TA
MSP430x11x1(A)
−40
85
°C
LFXT1 crystal frequency,
LF mode selected, XTS=0
Watch crystal
32 768
Hz
LFXT1 crystal frequency,
f(LFXT1) (see Note 1 & 2)
XT1 mode selected, XTS=1
Ceramic resonator
450
8000
kHz
f(LFXT1) (see Note 1 & 2)
XT1 mode selected, XTS=1
Crystal
1000
8000
kHz
Processor frequency f(system) (MCLK signal)
VCC = 1.8 V,
MSP430x11x1(A)
dc
4.15
MHz
Processor frequency f(system) (MCLK signal)
VCC = 3.6 V,
MSP430x11x1(A)
dc
8
MHz
NOTES:
1. In LF mode, the LFXT1 oscillator requires a watch crystal. A 5.1M
Ω resistor from XOUT to VSS is recommended when VCC <
2.5 V. In XT1 mode, the LFXT1 and XT2 oscillators accept a ceramic resonator or crystal up to 4.15MHz at VCC ≥ 2.2 V. In XT1 mode,
the LFXT1 and XT2 oscillators accept a ceramic resonator or crystal up to 8MHz at VCC ≥ 2.8 V.
2. In LF mode, the LFXT1 oscillator requires a watch crystal. In XT1 mode, LFXT1 accepts a ceramic resonator or a crystal.
1.8 V
3.6 V
2.7 V 3 V
4.15 MHz
8.0 MHz
Supply Voltage − V
Supply voltage range, ’F11x1A,
during flash memory programming
Supply voltage range,
’x11x1(A), during
program execution
NOTE: Minimum processor frequency is defined by system clock. Flash
program or erase operations require a minimum VCC of 2.7 V.
fSYSTEM (MHz)
Figure 1. Frequency vs Supply Voltage, MSP430x11x1(A)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MSP430F2101MIXED SIGNAL MICROCONTROLLER 1 2 3 4 5 MoreTexas Instruments
MSP430X47X3MIXED SIGNAL MICROCONTROLLER 1 2 3 4 5 MoreTexas Instruments
MSP430XW42X_07MIXED SIGNAL MICROCONTROLLER 1 2 3 4 5 MoreTexas Instruments
MSP430X22X2MIXED SIGNAL MICROCONTROLLER 1 2 3 4 5 MoreTexas Instruments
MSP430X43X1MIXED SIGNAL MICROCONTROLLER 1 2 3 4 5 MoreTexas Instruments
MSP430F21X2MIXED SIGNAL MICROCONTROLLER 1 2 3 4 5 MoreTexas Instruments
MSP430X461XMIXED SIGNAL MICROCONTROLLER 1 2 3 4 5 MoreTexas Instruments
MSP430X22X2_1MIXED SIGNAL MICROCONTROLLER 1 2 3 4 5 MoreTexas Instruments
MSP430X21X1_08MIXED SIGNAL MICROCONTROLLER 1 2 3 4 5 MoreTexas Instruments
MSP430F23X0MIXED SIGNAL MICROCONTROLLER 1 2 3 4 5 MoreTexas Instruments

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn