Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSP430F1101AIPWR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part No. MSP430F1101AIPWR
Description  MIXED SIGNAL MICROCONTROLLER
Download  40 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

MSP430F1101AIPWR Datasheet(HTML) 8 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
MSP430C11x1, MSP430F11x1A
MIXED SIGNAL MICROCONTROLLER
SLAS241H − SEPTEMBER 1999 − REVISED SEPTEMBER 2004
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
memory organization
MSP430C1101
MSP430C1111
MSP430C1121
Memory
Main: interrupt vector
Main: code memory
Size
ROM
ROM
1KB ROM
0FFFFh−0FFE0h
0FFFFh−0FC00h
2KB ROM
0FFFFh−0FFE0h
0FFFFh−0F800h
4KB ROM
0FFFFh−0FFE0h
0FFFFh−0F000h
Information memory
Size
Flash
Not applicable
Not applicable
Not applicable
Boot memory
Size
ROM
Not applicable
Not applicable
Not applicable
RAM
Size
128 Byte
027Fh − 0200h
128 Byte
027Fh − 0200h
256 Byte
02FFh − 0200h
Peripherals
16-bit
8-bit
8-bit SFR
01FFh − 0100h
0FFh − 010h
0Fh − 00h
01FFh − 0100h
0FFh − 010h
0Fh − 00h
01FFh − 0100h
0FFh − 010h
0Fh − 00h
MSP430F1101A
MSP430F1111A
MSP430F1121A
Memory
Main: interrupt vector
Main: code memory
Size
Flash
Flash
1KB Flash
0FFFFh−0FFE0h
0FFFFh−0FC00h
2KB Flash
0FFFFh−0FFE0h
0FFFFh−0F800h
4KB Flash
0FFFFh−0FFE0h
0FFFFh−0F000h
Information memory
Size
Flash
128 Byte
010FFh − 01080h
256 Byte
010FFh − 01000h
256 Byte
010FFh − 01000h
Boot memory
Size
ROM
1KB
0FFFh − 0C00h
1KB
0FFFh − 0C00h
1KB
0FFFh − 0C00h
RAM
Size
128 Byte
027Fh − 0200h
128 Byte
027Fh − 0200h
256 Byte
02FFh − 0200h
Peripherals
16-bit
8-bit
8-bit SFR
01FFh − 0100h
0FFh − 010h
0Fh − 00h
01FFh − 0100h
0FFh − 010h
0Fh − 00h
01FFh − 0100h
0FFh − 010h
0Fh − 00h
bootstrap loader (BSL)
The MSP430 bootstrap loader (BSL) enables users to program the flash memory or RAM using a UART serial
interface. Access to the MSP430 memory via the BSL is protected by user-defined password. For complete
description of the features of the BSL and its implementation, see the Application report Features of the MSP430
Bootstrap Loader, Literature Number SLAA089.
BSL Function
DW, PW & DGV Package Pins
RGE Package Pins
Data Transmit
14 - P1.1
14 - P1.1
Data Receive
10 - P2.2
8 - P2.2


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MSP430F2101MIXED SIGNAL MICROCONTROLLER 1 2 3 4 5 MoreTexas Instruments
MSP430X47X3MIXED SIGNAL MICROCONTROLLER 1 2 3 4 5 MoreTexas Instruments
MSP430XW42X_07MIXED SIGNAL MICROCONTROLLER 1 2 3 4 5 MoreTexas Instruments
MSP430X22X2MIXED SIGNAL MICROCONTROLLER 1 2 3 4 5 MoreTexas Instruments
MSP430X43X1MIXED SIGNAL MICROCONTROLLER 1 2 3 4 5 MoreTexas Instruments
MSP430F21X2MIXED SIGNAL MICROCONTROLLER 1 2 3 4 5 MoreTexas Instruments
MSP430X461XMIXED SIGNAL MICROCONTROLLER 1 2 3 4 5 MoreTexas Instruments
MSP430X22X2_1MIXED SIGNAL MICROCONTROLLER 1 2 3 4 5 MoreTexas Instruments
MSP430X21X1_08MIXED SIGNAL MICROCONTROLLER 1 2 3 4 5 MoreTexas Instruments
MSP430F23X0MIXED SIGNAL MICROCONTROLLER 1 2 3 4 5 MoreTexas Instruments

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn