Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN54AHC16374 Datasheet(PDF) 7 Page - Texas Instruments

Part # SN54AHC16374
Description  16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54AHC16374 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN54AHC16374 Datasheet HTML 3Page - Texas Instruments SN54AHC16374 Datasheet HTML 4Page - Texas Instruments SN54AHC16374 Datasheet HTML 5Page - Texas Instruments SN54AHC16374 Datasheet HTML 6Page - Texas Instruments SN54AHC16374 Datasheet HTML 7Page - Texas Instruments SN54AHC16374 Datasheet HTML 8Page - Texas Instruments SN54AHC16374 Datasheet HTML 9Page - Texas Instruments SN54AHC16374 Datasheet HTML 10Page - Texas Instruments SN54AHC16374 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
SN54AHC16374, SN74AHC16374
16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS
WITH 3-STATE OUTPUTS
SCLS330G – MARCH 1996 – REVISED JANUARY 2000
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
50% VCC
VCC
VCC
0 V
0 V
th
tsu
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
Data Input
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
VCC
0 V
50% VCC
50% VCC
Input
Out-of-Phase
Output
In-Phase
Output
Timing Input
50% VCC
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
INVERTING AND NONINVERTING OUTPUTS
Output
Control
Output
Waveform 1
S1 at VCC
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
≈VCC
0 V
50% VCC
VOL + 0.3 V
50% VCC
≈0 V
VCC
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
LOW- AND HIGH-LEVEL ENABLING
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open Drain
Open
VCC
GND
VCC
TEST
S1
VCC
0 V
50% VCC
tw
VOLTAGE WAVEFORMS
PULSE DURATION
Input
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 1 MHz, ZO = 50 Ω, tr ≤ 3 ns, tf ≤ 3 ns.
D. The outputs are measured one at a time with one input transition per measurement.
From Output
Under Test
CL
(see Note A)
LOAD CIRCUIT FOR
3-STATE AND OPEN-DRAIN OUTPUTS
S1
VCC
RL = 1 kΩ
GND
From Output
Under Test
CL
(see Note A)
Test
Point
LOAD CIRCUIT FOR
TOTEM-POLE OUTPUTS
Open
50% VCC
50% VCC
50% VCC
50% VCC
50% VCC
50% VCC
50% VCC
50% VCC
VOH – 0.3 V
Figure 1. Load Circuit and Voltage Waveforms


Similar Part No. - SN54AHC16374

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC16374 TI-SN54AHC16374 Datasheet
135Kb / 8P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AHC16374 TI-SN54AHC16374 Datasheet
400Kb / 14P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AHC16374WD TI-SN54AHC16374WD Datasheet
135Kb / 8P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AHC16374 TI-SN54AHC16374_08 Datasheet
400Kb / 14P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results

Similar Description - SN54AHC16374

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC16374 TI-SN54AHC16374 Datasheet
135Kb / 8P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162374 HITACHI-HD74ALVCH162374 Datasheet
55Kb / 12P
   16-bit Edge triggered D-type Flip Flops with 3-state Outputs
logo
Texas Instruments
SN54ABT16374A TI-SN54ABT16374A_08 Datasheet
370Kb / 13P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ACT16374 TI-SN54ACT16374 Datasheet
178Kb / 10P
[Old version datasheet]   16-BIT D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AHCT16374 TI-SN54AHCT16374 Datasheet
113Kb / 7P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
54AC16374 TI-54AC16374_08 Datasheet
350Kb / 11P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AHCT16374 TI-SN54AHCT16374_08 Datasheet
377Kb / 13P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT16374A TI-SN54ABT16374A_07 Datasheet
340Kb / 13P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT16374A TI-SN54ABT16374A Datasheet
109Kb / 11P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
54AC16374 TI-54AC16374 Datasheet
187Kb / 9P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com