Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE2084 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE2084
Description  Integrated Circuit 5−Stage Darlington Transistor Array
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE2084 Datasheet(HTML) 2 Page - NTE Electronics

  NTE2084 Datasheet HTML 1Page - NTE Electronics NTE2084 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics: (TA = −20° to +75°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ Max Unit
Output Sustaining Voltage
V(BR)CEO ICER = 100μA
25
V
Output Saturation Voltage
VCE(sat)
VI = 8V, IC = 400mA
1.15
2.2
V
()
VI = 5V, IC = 200mA
0.95
1.4
V
Input Current
Il
VI = 17V
0.8
1.8
mA
DC Foward Current Gain
hFE
VCE = 4V, IC = 400mA, TA = +25°C
1000 4000
Pin Connection Diagram
Output 3
N.C.
N.C.
Input 4
Input 3
Output 4
Output 5
Output 1
1
2
3
4
Input 1
Input 2
5
6
Input 5
7
GND
14
13
12
11
Output 2
10
9
8
N.C.
.600 (15.24)
17
14
8
.300
(7.62)
.200 (5.08)
Max
.100 (2.45)
.099 (2.5) Min
.785 (19.95)
Max


Similar Part No. - NTE2084

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2080 NTE-NTE2080 Datasheet
23Kb / 2P
   Integrated Circuit 7-Stage Driver Array
NTE2081 NTE-NTE2081 Datasheet
22Kb / 2P
   Integrated Circuit 7-Stage Driver Array
NTE2082 NTE-NTE2082 Datasheet
76Kb / 2P
   Integrated Circuit 6−Stage Darlington Transistor Array
NTE2085 NTE-NTE2085 Datasheet
22Kb / 3P
   Integrated Circuit 4-Stage Darlington Array
NTE2086 NTE-NTE2086 Datasheet
22Kb / 3P
   Integrated Circuit 4-Stage Darlington Array
More results

Similar Description - NTE2084

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2082 NTE-NTE2082 Datasheet
76Kb / 2P
   Integrated Circuit 6−Stage Darlington Transistor Array
NTE2078 NTE-NTE2078 Datasheet
19Kb / 2P
   Integrated Circuit 5-Stage Darlington Transistor Array
NTE2074 NTE-NTE2074 Datasheet
76Kb / 2P
   Integrated Circuit 7−Stage Darlington Transistor Array w/Clamp Diode
NTE2077 NTE-NTE2077 Datasheet
78Kb / 2P
   Integrated Circuit 6−Stage Darlington Transistor Array w/Clamp Diode
NTE2079 NTE-NTE2079 Datasheet
20Kb / 2P
   Integrated Circuit 7-Stage Darlington Transistor Array
NTE2085 NTE-NTE2085 Datasheet
22Kb / 3P
   Integrated Circuit 4-Stage Darlington Array
NTE2075 NTE-NTE2075 Datasheet
21Kb / 2P
   Integrated Circuit 5-Stage Transistor Array w/Strobe
NTE2087 NTE-NTE2087 Datasheet
20Kb / 2P
   Integrated Circuit 4-Stage Darlington Array w/Pre-Drive Stage for TTL
logo
KEC(Korea Electronics)
KID65001APV KEC-KID65001APV Datasheet
509Kb / 6P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (7 CIRCUIT DARLINGTON TRANSISTOR ARRAY)
KID65001AP KEC-KID65001AP Datasheet
812Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (7 CIRCUIT DARLINGTON TRANSISTOR ARRAY)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com