Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC316MS8 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part No. HMC316MS8
Description  GaAs MMIC HIGH IP3 DOUBLEBALANCED MIXER, 1.5 - 3.8 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC316MS8 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC316MS8_06 Datasheet HTML 1Page - Hittite Microwave Corporation HMC316MS8_06 Datasheet HTML 2Page - Hittite Microwave Corporation HMC316MS8_06 Datasheet HTML 3Page - Hittite Microwave Corporation HMC316MS8_06 Datasheet HTML 4Page - Hittite Microwave Corporation HMC316MS8_06 Datasheet HTML 5Page - Hittite Microwave Corporation HMC316MS8_06 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
7
7 - 178
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
MxN Spurious Outputs
Input IP3 vs. LO Drive*
Input IP2 vs. LO Drive*
Input IP3 vs.
Temperature @ LO = +17dBm*
Input IP2 vs.
Temperature @ LO = +17 dBm*
* Two-tone input power = 0 dBm each tone, 1 MHz spacing.
Input P1dB vs.
Temperature @ LO = +17 dBm
nLO
mRF
0
1234
0xx
-8
3.6
1.1
29
1100
22
44
48
271
72
77
60
85
3
>110
>110
>110
91
91
4
>110
>110
>110
>110
>110
RF = 2.08 GHz @ -10 dBm
LO = 1.9 GHz @ +17 dBm
All values in dBc relative to the IF output power.
10
15
20
25
30
1
1.5
2
2.5
3
3.5
4
+15 dBm
+17 dBm
+19 dBm
FREQUENCY (GHz)
10
15
20
25
30
1
1.5
2
2.5
3
3.5
4
+25C
+85C
-40C
FREQUENCY (GHz)
40
45
50
55
60
65
70
1
1.5
2
2.5
3
3.5
4
+15 dBm
+17 dBm
+19 dBm
FREQUENCY (GHz)
40
45
50
55
60
65
70
1
1.5
2
2.5
3
3.5
4
+25C
+85C
-40C
FREQUENCY (GHz)
10
11
12
13
14
15
16
17
18
19
20
1
1.5
2
2.5
3
3.5
4
+25C
+85C
-40C
FREQUENCY (GHz)
HMC316MS8 / 316MS8E
GaAs MMIC HIGH IP3 DOUBLE-
BALANCED MIXER, 1.5 - 3.8 GHz
v02.0505


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
HMC304MS8_06 GaAs MMIC HIGH IP3 SINGLEBALANCED SMT MIXER 1.7 - 3 GHz 1  2  3  4  5  More Hittite Microwave Corporation
HMC207S8_06 GaAs MMIC SMT DOUBLEBALANCED MIXER 0.7 - 2.0 GHz 1  2  3  4  5  More Hittite Microwave Corporation
HMC218MS8_06 GaAs MMIC SMT DOUBLEBALANCED MIXER 4.5 - 6 GHz 1  2  3  4  5  More Hittite Microwave Corporation
HMC219MS8_06 GaAs MMIC SMT DOUBLEBALANCED MIXER 4.5 - 9 GHz 1  2  3  4  5  More Hittite Microwave Corporation
HMC220MS8_06 GaAs MMIC SMT DOUBLEBALANCED MIXER 5 - 12 GHz 1  2  3  4  5  More Hittite Microwave Corporation
HMC585MS8G HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER 400 - 650 MHz 1  2  3  4  5  More Hittite Microwave Corporation
HMC128G8_06 GaAs MMIC SMT DOUBLEBALANCED MIXER 1.8 - 5 GHz 1  2  3  4  Hittite Microwave Corporation
HMC141C8_06 GaAs MMIC SMT DOUBLEBALANCED MIXER 6 - 15 GHz 1  2  3  4  Hittite Microwave Corporation
HMC168C8_06 GaAs MMIC SMT DOUBLEBALANCED MIXER 4.5 - 8 GHz 1  2  3  4  Hittite Microwave Corporation
HMC170C8_06 GaAs MMIC SMT DOUBLEBALANCED MIXER 2.5 - 4 GHz 1  2  3  4  Hittite Microwave Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn