Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC316MS8 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part No. HMC316MS8
Description  GaAs MMIC HIGH IP3 DOUBLEBALANCED MIXER, 1.5 - 3.8 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC316MS8 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC316MS8_06 Datasheet HTML 1Page - Hittite Microwave Corporation HMC316MS8_06 Datasheet HTML 2Page - Hittite Microwave Corporation HMC316MS8_06 Datasheet HTML 3Page - Hittite Microwave Corporation HMC316MS8_06 Datasheet HTML 4Page - Hittite Microwave Corporation HMC316MS8_06 Datasheet HTML 5Page - Hittite Microwave Corporation HMC316MS8_06 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
7
7 - 176
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Designer’s Kit
Available
HMC316MS8 / 316MS8E
GaAs MMIC HIGH IP3 DOUBLE-
BALANCED MIXER, 1.5 - 3.8 GHz
v02.0505
General Description
Features
Functional Diagram
Conversion Loss: 8 dB
LO/RF Isolation: >35 dB
Input IP3: +25 dBm
Ultra Small Package: <1 mm High
Included in the HMC-DK003 Designer’s Kit
Electrical Specifications, T
A = +25° C, As a Function of LO Drive
Typical Applications
The HMC316MS8 / HMC316MS8E is ideal for:
• Cellular Basestations
• Cable Modems
• Fixed Wireless Access Systems
• WiMAX
The HMC316MS8 & HMC316MS8E are miniature
double balanced mixers in 8 lead plastic surface
mount packages. The passive GaAs schottky diode
mixer implements planar on chip balun transformers,
and requires no external components. The mixer can
be used as an upconverter, downconverter, or modu-
lator. At mid-band the mixer provides 7.5 dB conver-
sion loss and +25 dBm IIP3 with LO drive levels of
+19 dBm. The design was optimized for low cost high
volume applications where high converter linearity is
required.
Parameter
LO = +15 dBm
IF = 100 MHz
LO = +17 dBm
IF = 100 MHz
LO = +19 dBm
IF = 100 MHz
LO = +19 dBm
IF = 500 MHz
Units
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Frequency Range, RF & LO
1.6 - 3.2
1.6 - 3.2
1.5 - 3.5
3.3 - 3.8
GHz
Frequency Range, IF
DC - 1.0
DC - 1.0
DC - 1.0
DC - 1.0
GHz
Conversion Loss
8
11
8
10
7.5
11
9.5
dB
Noise Figure (SSB)
8
11
8
10
7.5
11
9.5
dB
LO to RF Isolation
28
35
32
38
32
42
34
dB
LO to IF Isolation
22
27
24
28
26
30
40
dB
IP3 (Input)
20
2519
2519
25
25
dBm
1 dB Gain Compression (Input)
12.5
15.5
14
16
14.5
17
17
dBm
*Unless otherwise noted, all measurements performed as downconverter, IF= 100 MHz.


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
HMC304MS8_06 GaAs MMIC HIGH IP3 SINGLEBALANCED SMT MIXER 1.7 - 3 GHz 1  2  3  4  5  More Hittite Microwave Corporation
HMC207S8_06 GaAs MMIC SMT DOUBLEBALANCED MIXER 0.7 - 2.0 GHz 1  2  3  4  5  More Hittite Microwave Corporation
HMC218MS8_06 GaAs MMIC SMT DOUBLEBALANCED MIXER 4.5 - 6 GHz 1  2  3  4  5  More Hittite Microwave Corporation
HMC219MS8_06 GaAs MMIC SMT DOUBLEBALANCED MIXER 4.5 - 9 GHz 1  2  3  4  5  More Hittite Microwave Corporation
HMC220MS8_06 GaAs MMIC SMT DOUBLEBALANCED MIXER 5 - 12 GHz 1  2  3  4  5  More Hittite Microwave Corporation
HMC585MS8G HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER 400 - 650 MHz 1  2  3  4  5  More Hittite Microwave Corporation
HMC128G8_06 GaAs MMIC SMT DOUBLEBALANCED MIXER 1.8 - 5 GHz 1  2  3  4  Hittite Microwave Corporation
HMC141C8_06 GaAs MMIC SMT DOUBLEBALANCED MIXER 6 - 15 GHz 1  2  3  4  Hittite Microwave Corporation
HMC168C8_06 GaAs MMIC SMT DOUBLEBALANCED MIXER 4.5 - 8 GHz 1  2  3  4  Hittite Microwave Corporation
HMC170C8_06 GaAs MMIC SMT DOUBLEBALANCED MIXER 2.5 - 4 GHz 1  2  3  4  Hittite Microwave Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn