Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC316MS8 Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC316MS8
Description  GaAs MMIC HIGH IP3 DOUBLEBALANCED MIXER, 1.5 - 3.8 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC316MS8 Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  HMC316MS8_06 Datasheet HTML 1Page - Hittite Microwave Corporation HMC316MS8_06 Datasheet HTML 2Page - Hittite Microwave Corporation HMC316MS8_06 Datasheet HTML 3Page - Hittite Microwave Corporation HMC316MS8_06 Datasheet HTML 4Page - Hittite Microwave Corporation HMC316MS8_06 Datasheet HTML 5Page - Hittite Microwave Corporation HMC316MS8_06 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
7
7 - 181
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Notes:
HMC316MS8 / 316MS8E
GaAs MMIC HIGH IP3 DOUBLE-
BALANCED MIXER, 1.5 - 3.8 GHz
v02.0505


Similar Part No. - HMC316MS8_06

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC316MS8 HITTITE-HMC316MS8_08 Datasheet
206Kb / 6P
   GaAs MMIC HIGH IP3 DOUBLE-BALANCED MIXER, 1.5 - 3.8 GHz
More results

Similar Description - HMC316MS8_06

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC316MS8 HITTITE-HMC316MS8 Datasheet
199Kb / 6P
   GaAs MMIC HIGH IP3 DOUBLEBALANCED MIXER, 1.5 - 3.5 GHz
HMC316MS8 HITTITE-HMC316MS8_08 Datasheet
206Kb / 6P
   GaAs MMIC HIGH IP3 DOUBLE-BALANCED MIXER, 1.5 - 3.8 GHz
HMC351S8 HITTITE-HMC351S8 Datasheet
182Kb / 6P
   GaAs MMIC HIGH IP3 DOUBLEBALANCED MIXER, 0.7 - 1.2 GHz
HMC351S8 HITTITE-HMC351S8_06 Datasheet
244Kb / 6P
   GaAs MMIC HIGH IP3 DOUBLEBALANCED MIXER, 0.7 - 1.2 GHz
HMC400MS8 HITTITE-HMC400MS8 Datasheet
223Kb / 6P
   HIGH IP3 GaAs MMIC MIXER, 1.7 - 2.2 GHz
HMC402MS8 HITTITE-HMC402MS8 Datasheet
215Kb / 6P
   HIGH IP3 GaAs MMIC MIXER, 1.8 - 2.2 GHz
HMC214MS8 HITTITE-HMC214MS8_09 Datasheet
199Kb / 6P
   HIGH IP3 GaAs MMIC MIXER, 2.4 - 4.0 GHz
HMC214MS8 HITTITE-HMC214MS8 Datasheet
274Kb / 6P
   HIGH IP3 GaAs MMIC MIXER, 2.4 - 4.0 GHz
HMC400MS8 HITTITE-HMC400MS8_08 Datasheet
233Kb / 8P
   HIGH IP3 GaAs MMIC MIXER, 1.7 - 2.2 GHz
HMC400MS8 HITTITE-HMC400MS8_06 Datasheet
332Kb / 8P
   HIGH IP3 GaAs MMIC MIXER, 1.7 - 2.2 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com