Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFU24N15DPBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRFU24N15DPBF
Description  HEXFET짰Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFU24N15DPBF Datasheet(HTML) 3 Page - International Rectifier

  IRFU24N15DPBF Datasheet HTML 1Page - International Rectifier IRFU24N15DPBF Datasheet HTML 2Page - International Rectifier IRFU24N15DPBF Datasheet HTML 3Page - International Rectifier IRFU24N15DPBF Datasheet HTML 4Page - International Rectifier IRFU24N15DPBF Datasheet HTML 5Page - International Rectifier IRFU24N15DPBF Datasheet HTML 6Page - International Rectifier IRFU24N15DPBF Datasheet HTML 7Page - International Rectifier IRFU24N15DPBF Datasheet HTML 8Page - International Rectifier IRFU24N15DPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
www.irf.com
3
IRFR/U24N15DPbF
Fig 4. Normalized On-Resistance
Vs. Temperature
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
0.1
1
10
100
4
6
8
10
12
14
16
V
= 50V
20µs PULSE WIDTH
DS
V
, Gate-to-Source Voltage (V)
GS
T = 175
C
J
°
T = 25
C
J
°
-60
-40
-20
0
20
40
60
80
100
120
140
160
180
0.0
0.5
1.0
1.5
2.0
2.5
3.0
T , Junction Temperature
(
C)
J
°
V
=
I
=
GS
D
10V
24A
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.001
0.01
0.1
1
10
100
1000
5.0V
20µs PULSE WIDTH
Tj = 25°C
VGS
TOP
15V
12V
10V
8.0V
7.0V
6.0V
5.5V
BOTTOM 5.0V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
5.0V
20µs PULSE WIDTH
Tj = 175°C
VGS
TOP
15V
12V
10V
8.0V
7.0V
6.0V
5.5V
BOTTOM 5.0V


Similar Part No. - IRFU24N15DPBF

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRFU24N15DPBF KERSEMI-IRFU24N15DPBF Datasheet
3Mb / 10P
   SMPS MOSFET
More results

Similar Description - IRFU24N15DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRL3715ZPBF IRF-IRL3715ZPBF Datasheet
273Kb / 13P
   HEXFET짰Power MOSFET
IRFZ44NSPBF IRF-IRFZ44NSPBF Datasheet
339Kb / 11P
   HEXFET짰Power MOSFET
IRF7821PBF IRF-IRF7821PBF Datasheet
285Kb / 10P
   HEXFET짰Power MOSFET
IRFP450NPBF IRF-IRFP450NPBF Datasheet
174Kb / 8P
   HEXFET짰Power MOSFET
IRFB4310PBF IRF-IRFB4310PBF Datasheet
381Kb / 12P
   HEXFET짰Power MOSFET
IRF7495PBF IRF-IRF7495PBF Datasheet
147Kb / 8P
   HEXFET짰Power MOSFET
IRFB3207PBF IRF-IRFB3207PBF Datasheet
383Kb / 12P
   HEXFET짰Power MOSFET
IRLI3705NPBF IRF-IRLI3705NPBF Datasheet
1Mb / 9P
   HEXFET짰Power MOSFET
IRLR8743PBF IRF-IRLR8743PBF Datasheet
369Kb / 11P
   HEXFET짰Power MOSFET
IRF9910PBF IRF-IRF9910PBF Datasheet
205Kb / 10P
   HEXFET짰Power MOSFET
IRF7316PBF IRF-IRF7316PBF Datasheet
203Kb / 7P
   HEXFET짰Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com