Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX8386-XXCP Datasheet(PDF) 8 Page - Microsemi Corporation

Part # LX8386-XXCP
Description  1.5A Low Dropout Positive Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8386-XXCP Datasheet(HTML) 8 Page - Microsemi Corporation

Back Button LX8386-XXCP Datasheet HTML 3Page - Microsemi Corporation LX8386-XXCP Datasheet HTML 4Page - Microsemi Corporation LX8386-XXCP Datasheet HTML 5Page - Microsemi Corporation LX8386-XXCP Datasheet HTML 6Page - Microsemi Corporation LX8386-XXCP Datasheet HTML 7Page - Microsemi Corporation LX8386-XXCP Datasheet HTML 8Page - Microsemi Corporation LX8386-XXCP Datasheet HTML 9Page - Microsemi Corporation LX8386-XXCP Datasheet HTML 10Page - Microsemi Corporation LX8386-XXCP Datasheet HTML 11Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Microsemi
Linfinity Microelectronics Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 8
Copyright
© 2000
Rev. 2.0, 2005-11-02
LX8386x-xx
1.5A Low Dropout Positive Regulators
PRODUCTION DATA SHEET
TM
®
TY PICAL APPLICATIONS
10µF
R1
121
Ω 1%
R2
365
Ω 1%
IN
ADJ
OUT
V
IN
V
OUT
C1
10µF*
150µF
+
+
* C1 improves ripple rejection.
X
C should be
R1 at ripple
frequency.
(Note A)
Part
LX8386
Figure 4 –
Improving Ripple Rejection
C1*
10µF
R1
121
Ω 1%
R2
1k
IN
ADJ
OUT
V
IN
V
OUT**
C2
100µF
+
+
* Needed if device is far from filter capacitors.
+
=
R1
R2
1
1.25V
*V
*
OUT
(Note A)
Part
LX8386
Figure 5 –
1.2V – 8V Adjustable Regulator
10µF
365
Ω
1%
100µF
1k
1k
121
Ω
1%
2N3904
IN
ADJ
OUT
TTL
Output
V
IN
5V
+
+
(note A)
Part
LX8386
Figure 6 –
5V Regulator with Shutdown
IN
ADJ
OUT
V
IN
3.3V
10µF Tantalum or
100µF Aluminum
Min. 15µF Tantalum or
100µF Aluminum capacitor.
May be increased without
limit. ESR must be less
than <400m
Ω.
Part
LX8386
Figure 7 –
Fixed 3.3V Output Regulator
Note A:
X)
DROPOUT(MA
OUT
IN(MIN)
V
)
V
V
Intended
+
= (


Similar Part No. - LX8386-XXCP

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8386-XX MICROSEMI-LX8386-XX Datasheet
223Kb / 7P
   1.5 A LOW DROPOUT POSITIVE REGULATORS
More results

Similar Description - LX8386-XXCP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1086 NSC-LM1086 Datasheet
822Kb / 15P
   1.5A Low Dropout Positive Regulators
logo
Texas Instruments
LM1086IS-33 TI1-LM1086IS-33 Datasheet
2Mb / 24P
[Old version datasheet]   LM1086 1.5A Low Dropout Positive Regulators
logo
Linear Technology
RH1086K LINER-RH1086K_15 Datasheet
68Kb / 2P
   1.5A/0.5A Low Dropout Positive Regulators
RH1086K LINER-RH1086K Datasheet
62Kb / 2P
   1.5A/0.5A Low Dropout Positive Regulators
logo
Texas Instruments
LM1086IT-3.3 TI1-LM1086IT-3.3 Datasheet
2Mb / 24P
[Old version datasheet]   LM1086 1.5A Low Dropout Positive Regulators
logo
Linear Technology
RH1086M LINER-RH1086M_1 Datasheet
89Kb / 6P
   0.5A and 1.5A Low Dropout Positive Adjustable Regulators
RH1086M LINER-RH1086M_15 Datasheet
94Kb / 6P
   0.5A and 1.5A Low Dropout Positive Adjustable Regulators
RH1086M LINER-RH1086M Datasheet
164Kb / 4P
   0.5A and 1.5A Low Dropout Positive Adjustable Regulators
logo
Unisonic Technologies
L1119 UTC-L1119_12 Datasheet
168Kb / 4P
   1.5A LOW DROPOUT REGULATORS
L1119 UTC-L1119 Datasheet
165Kb / 7P
   1.5A LOW DROPOUT REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com