Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX8386-XXCDT Datasheet(PDF) 4 Page - Microsemi Corporation

Part # LX8386-XXCDT
Description  1.5A Low Dropout Positive Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8386-XXCDT Datasheet(HTML) 4 Page - Microsemi Corporation

  LX8386-XXCDT Datasheet HTML 1Page - Microsemi Corporation LX8386-XXCDT Datasheet HTML 2Page - Microsemi Corporation LX8386-XXCDT Datasheet HTML 3Page - Microsemi Corporation LX8386-XXCDT Datasheet HTML 4Page - Microsemi Corporation LX8386-XXCDT Datasheet HTML 5Page - Microsemi Corporation LX8386-XXCDT Datasheet HTML 6Page - Microsemi Corporation LX8386-XXCDT Datasheet HTML 7Page - Microsemi Corporation LX8386-XXCDT Datasheet HTML 8Page - Microsemi Corporation LX8386-XXCDT Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Microsemi
Linfinity Microelectronics Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 4
Copyright
© 2000
Rev. 2.0, 2005-11-02
LX8386x-xx
1.5A Low Dropout Positive Regulators
PRODUCTION DATA SHEET
TM
®
ELECTRICAL CHA RACTERISTICS (CONTINUED)
Unless otherwise specified, the following specifications apply over the operating ambient temperature for the LX8386x-xxC with
0
°C
T
A 125°C and the LX8386-xxI with -25°C TA 125°C except where otherwise noted. Test conditions: VIN -VOUT = 3V;
IOUT = 3A. Low duty cycle pulse testing techniques are used which maintains junction and case temperatures equal to the ambient
temperature.
LX8386x-xx
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
LX8386-33 / 8386A-33 / 8386B-33 (3.3V FIXED)(CONTINUED)
Maximum Output Current
IOUT(MAX)
VIN < 7V
1.5
2.0
A
Temperature Stability (Note 3)
ΔVOUT(T)
0.25
%
Long Term Stability (Note 3)
ΔVOUT (t)
TA=125°C, 1000 hours
0.3
1
%
RMS Output Noise (% of VOUT)
(Note 3)
VOUT (RMS)
TA=25°C, 10Hz < f < 10kHz
0.003
%
Note 2
Regulation is measured at constant junction temperature, using pulse testing with a low duty cycle. Changes in output
voltage due to heating effects are covered under the specification for thermal regulation.
Note 3
These parameters, although guaranteed are not tested in production.
Note 4
See Maximum Output Current Section


Similar Part No. - LX8386-XXCDT

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8386-XX MICROSEMI-LX8386-XX Datasheet
223Kb / 7P
   1.5 A LOW DROPOUT POSITIVE REGULATORS
More results

Similar Description - LX8386-XXCDT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1086 NSC-LM1086 Datasheet
822Kb / 15P
   1.5A Low Dropout Positive Regulators
logo
Texas Instruments
LM1086IS-33 TI1-LM1086IS-33 Datasheet
2Mb / 24P
[Old version datasheet]   LM1086 1.5A Low Dropout Positive Regulators
logo
Linear Technology
RH1086K LINER-RH1086K_15 Datasheet
68Kb / 2P
   1.5A/0.5A Low Dropout Positive Regulators
RH1086K LINER-RH1086K Datasheet
62Kb / 2P
   1.5A/0.5A Low Dropout Positive Regulators
logo
Texas Instruments
LM1086IT-3.3 TI1-LM1086IT-3.3 Datasheet
2Mb / 24P
[Old version datasheet]   LM1086 1.5A Low Dropout Positive Regulators
logo
Linear Technology
RH1086M LINER-RH1086M_1 Datasheet
89Kb / 6P
   0.5A and 1.5A Low Dropout Positive Adjustable Regulators
RH1086M LINER-RH1086M_15 Datasheet
94Kb / 6P
   0.5A and 1.5A Low Dropout Positive Adjustable Regulators
RH1086M LINER-RH1086M Datasheet
164Kb / 4P
   0.5A and 1.5A Low Dropout Positive Adjustable Regulators
logo
Unisonic Technologies
L1119 UTC-L1119_12 Datasheet
168Kb / 4P
   1.5A LOW DROPOUT REGULATORS
L1119 UTC-L1119 Datasheet
165Kb / 7P
   1.5A LOW DROPOUT REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com