Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS62P43IRGCT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ADS62P43IRGCT
Description  Dual Channel 14-Bit, 125/105/80/65 MSPS ADC with Parallel CMOS/DDR LVDS outputs
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS62P43IRGCT Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS62P43IRGCT Datasheet HTML 7Page - Texas Instruments ADS62P43IRGCT Datasheet HTML 8Page - Texas Instruments ADS62P43IRGCT Datasheet HTML 9Page - Texas Instruments ADS62P43IRGCT Datasheet HTML 10Page - Texas Instruments ADS62P43IRGCT Datasheet HTML 11Page - Texas Instruments ADS62P43IRGCT Datasheet HTML 12Page - Texas Instruments ADS62P43IRGCT Datasheet HTML 13Page - Texas Instruments ADS62P43IRGCT Datasheet HTML 14Page - Texas Instruments ADS62P43IRGCT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 67 page
background image
ADS62P45, ADS62P44
ADS62P43, ADS62P42
REV1P0 SEP 2007
11
PRODUCT PREVIEW information concerns products in
the formative or design phase of development.
Characteristic data and other specifications are design
goals. Texas Instruments reserves the right to change or
discontinue these products without notice.
www.ti.com
www.ti.com
ELECTRICAL CHARACTERISTICS
Typical values at 25C, min & max values are across the full temperature range TMIN = -40C to TMAX = 85C, AVDD = 3.3V, DRVDD = 3.3V, 50%
clock duty cycle, -1dBFS differential analog input, internal reference, applies to CMOS & LVDS interfaces, unless otherwise noted.
ADS62P45
125 MSPS
ADS62P44
105 MSPS
ADS62P43
80 MSPS
ADS62P42
65 MSPS
PARAMETERS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
Fin= 10MHz
94
94
96
96
Fin = 50MHz
TBD
85
85
TBD
90
90
Fin = 70MHz
88
TBD
88
88
TBD
88
0 dB gain
79
80
81
82
Fin =
170MHz
3.5 dB gain
81
82
83
84
0 dB gain
76
78
79
80
HD2
Second
Harmonic
Distortion
Fin =
230MHz
3.5 dB gain
78
80
81
82
dBc
Fin= 10MHz
92
92
94
94
Fin = 50MHz
TBD
82
82
TBD
88
88
Fin = 70MHz
85
TBD
86
86
TBD
86
0 dB gain
79
80
81
82
Fin =
170MHz
3.5 dB gain
81
82
83
84
0 dB gain
76
78
79
80
HD3
Third
Harmonic
Distortion
Fin =
230MHz
3.5 dB gain
78
80
81
82
dBc


Similar Part No. - ADS62P43IRGCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS62P43IRGCT TI-ADS62P43IRGCT Datasheet
1Mb / 70P
[Old version datasheet]   DUAL CHANNEL, 14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P43IRGCTG4 TI-ADS62P43IRGCTG4 Datasheet
1Mb / 70P
[Old version datasheet]   DUAL CHANNEL, 14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
More results

Similar Description - ADS62P43IRGCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS62P45 TI-ADS62P45_08 Datasheet
1Mb / 70P
[Old version datasheet]   DUAL CHANNEL, 14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6143IRHB25 TI1-ADS6143IRHB25 Datasheet
2Mb / 67P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6145 TI-ADS6145 Datasheet
2Mb / 68P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
logo
NXP Semiconductors
ADC1412D065 NXP-ADC1412D065 Datasheet
295Kb / 37P
   Dual 14-bit ADC 65, 80, 105 or 125 Msps CMOS or LVDS DDR digital outputs
Rev. 02-4 June 2009
ADC1412D NXP-ADC1412D Datasheet
1Mb / 40P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 03-6 August 2010
logo
Integrated Device Techn...
ADC1412D IDT-ADC1412D Datasheet
605Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
Renesas Technology Corp
ADC1412D RENESAS-ADC1412D Datasheet
609Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
Texas Instruments
ADS6245 TI-ADS6245 Datasheet
3Mb / 76P
[Old version datasheet]   DUAL CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS62P25 TI-ADS62P25 Datasheet
1Mb / 71P
[Old version datasheet]   DUAL CHANNEL, 12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P24 TI1-ADS62P24_14 Datasheet
1Mb / 78P
[Old version datasheet]   DUAL CHANNEL, 12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com