Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC285 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC285
Description  GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.5 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC285 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC285_07 Datasheet HTML 1Page - Hittite Microwave Corporation HMC285_07 Datasheet HTML 2Page - Hittite Microwave Corporation HMC285_07 Datasheet HTML 3Page - Hittite Microwave Corporation HMC285_07 Datasheet HTML 4Page - Hittite Microwave Corporation HMC285_07 Datasheet HTML 5Page - Hittite Microwave Corporation HMC285_07 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
8
8 - 137
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Outline Drawing
Absolute Maximum Ratings
RF / IF Input
+13 dBm
LO Drive
+27 dBm
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
Part Number
Package Body Material
Lead Finish
MSL Rating
Package Marking
[3]
HMC285
Low Stress Injection Molded Plastic
Sn/Pb Solder
MSL1
[1]
H285
XXXX
HMC285E
RoHS-compliant Low Stress Injection Molded Plastic
100% matte Sn
MSL1
[2]
285E
XXXX
[1] Max peak reflow temperature of 235 °C
[2] Max peak reflow temperature of 260 °C
[3] 4-Digit lot number XXXX
Package Information
HMC285 / 285E
v02.0907
GaAs MMIC SMT SINGLE
BALANCED MIXER, 1.7 - 3.5 GHz
NOTES:
1. LEADFRAME MATERIAL: COPPER ALLOY
2. DIMENSIONS ARE IN INCHES [MILLIMETERS].
3. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.15mm PER SIDE.
4. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.25mm PER SIDE.
5. ALL GROUND LEADS MUST BE SOLDERED TO PCB RF GROUND.


Similar Part No. - HMC285_07

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC285 HITTITE-HMC285_08 Datasheet
189Kb / 6P
   GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.5 GHz
More results

Similar Description - HMC285_07

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC285 HITTITE-HMC285 Datasheet
215Kb / 6P
   GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.5 GHz
HMC285 HITTITE-HMC285_08 Datasheet
189Kb / 6P
   GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.5 GHz
HMC272MS8 HITTITE-HMC272MS8 Datasheet
229Kb / 6P
   GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3 GHz
HMC272MS8 HITTITE-HMC272MS8_12 Datasheet
745Kb / 6P
   GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.0 GHz
HMC272AMS8 HITTITE-HMC272AMS8 Datasheet
399Kb / 6P
   GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.0 GHz
HMC272MS8 HITTITE-HMC272MS8_06 Datasheet
285Kb / 6P
   GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.0 GHz
HMC304MS8 HITTITE-HMC304MS8_08 Datasheet
181Kb / 6P
   GaAs MMIC HIGH IP3 SINGLE-BALANCED SMT MIXER, 1.7 - 3 GHz
HMC340LP5 HITTITE-HMC340LP5 Datasheet
274Kb / 8P
   GaAs MMIC SMT DOUBLE-BALANCED DUAL MIXER, 1.7 - 4.5 GHz
HMC340LP5 HITTITE-HMC340LP5_05 Datasheet
374Kb / 8P
   GaAs MMIC SMT DOUBLE-BALANCED DUAL MIXER, 1.7 - 4.5 GHz
HMC340LP5 HITTITE-HMC340LP5_10 Datasheet
258Kb / 8P
   GaAs MMIC SMT DOUBLE-BALANCED DUAL MIXER, 1.7 - 4.5 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com