Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS62P45 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # ADS62P45
Description  Dual Channel 14-Bit, 125/105/80/65 MSPS ADC with Parallel CMOS/DDR LVDS outputs
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS62P45 Datasheet(HTML) 15 Page - Texas Instruments

Back Button ADS62P45 Datasheet HTML 11Page - Texas Instruments ADS62P45 Datasheet HTML 12Page - Texas Instruments ADS62P45 Datasheet HTML 13Page - Texas Instruments ADS62P45 Datasheet HTML 14Page - Texas Instruments ADS62P45 Datasheet HTML 15Page - Texas Instruments ADS62P45 Datasheet HTML 16Page - Texas Instruments ADS62P45 Datasheet HTML 17Page - Texas Instruments ADS62P45 Datasheet HTML 18Page - Texas Instruments ADS62P45 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 67 page
background image
ADS62P45, ADS62P44
ADS62P43, ADS62P42
REV1P0 SEP 2007
15
PRODUCT PREVIEW information concerns products in
the formative or design phase of development.
Characteristic data and other specifications are design
goals. Texas Instruments reserves the right to change or
discontinue these products without notice.
www.ti.com
www.ti.com
ADS62P45
ADS62P44
ADS62P43
ADS62P42
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
PARALLEL CMOS INTERFACE, DRVDD = 2.5V TO 3.3V
tsu
Data setup time (5)
Data valid
(7)
to zero-
crossing of CLKOUT
TBD
3.5
TBD
4.3
TBD
5.8
TBD
7.2
ns
th
Data hold time (5)
Zero-crossing of
CLKOUT to data
becoming invalid
(7)
TBD
3.2
TBD
4
TBD
5.5
TBD
7
ns
tPDI
Clock propagation
delay
Input clock rising edge
cross-over to output
clock rising edge
cross-over
TBD
7.3
TBD
TBD
7.3
TBD
TBD
7.3
TBD
TBD
7.3
TBD
ns
Output clock duty
cycle
Duty cycle of output
clock, CLKOUT
53
53
53
53
tRISE, tFALL
Data rise time,
Data fall time
Rise time measured
from 20% to 80% of
DRVDD,
Fall time measured
from 80% to 20% of
DRVDD
1.5
1.5
1.5
1.5
ns
tCLKRISE, tCLKFALL
Output clock rise
time,
Output
clock fall time
Rise time measured
from 20% to 80% of
DRVDD
Fall time measured
from 80% to 20% of
DRVDD
1.5
1.5
1.5
1.5
ns
Notes:
1.
Timing parameters are ensured by design and characterization and not tested in production.
2.
CLOAD is the effective external single-ended load capacitance between each output pin and ground
3.
Io refers to the LVDS buffer current setting; RLOAD is the differential load resistance between the LVDS output pair.
4.
Measurements are done with a transmission line of 100Ω characteristic impedance between the device and the load.
5.
Setup and hold time specifications take into account the effect of jitter on the output data and clock. These specifications also assume that
the data and clock paths are perfectly matched within the receiver. Any mismatch in these paths within the receiver would appear as
reduced timing margin.
6.
Data valid refers to LOGIC HIGH of +100.0mV and LOGIC LOW of -100.0mV.
7.
Data valid refers to LOGIC HIGH of 2.0V and LOGIC LOW of 0.8V for DRVDD = 3.3V &
LOGIC HIGH of 1.7V and LOGIC LOW of 0.7V for DRVDD = 2.5V.


Similar Part No. - ADS62P45

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS62P45 TI-ADS62P45 Datasheet
1Mb / 70P
[Old version datasheet]   DUAL CHANNEL, 14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P45IRGCR TI-ADS62P45IRGCR Datasheet
1Mb / 70P
[Old version datasheet]   DUAL CHANNEL, 14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P45IRGCRG4 TI-ADS62P45IRGCRG4 Datasheet
1Mb / 70P
[Old version datasheet]   DUAL CHANNEL, 14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P45IRGCT TI-ADS62P45IRGCT Datasheet
1Mb / 70P
[Old version datasheet]   DUAL CHANNEL, 14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P45IRGCTG4 TI-ADS62P45IRGCTG4 Datasheet
1Mb / 70P
[Old version datasheet]   DUAL CHANNEL, 14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
More results

Similar Description - ADS62P45

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS62P45 TI-ADS62P45_08 Datasheet
1Mb / 70P
[Old version datasheet]   DUAL CHANNEL, 14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6143IRHB25 TI1-ADS6143IRHB25 Datasheet
2Mb / 67P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6145 TI-ADS6145 Datasheet
2Mb / 68P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
logo
NXP Semiconductors
ADC1412D065 NXP-ADC1412D065 Datasheet
295Kb / 37P
   Dual 14-bit ADC 65, 80, 105 or 125 Msps CMOS or LVDS DDR digital outputs
Rev. 02-4 June 2009
ADC1412D NXP-ADC1412D Datasheet
1Mb / 40P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 03-6 August 2010
logo
Integrated Device Techn...
ADC1412D IDT-ADC1412D Datasheet
605Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
Renesas Technology Corp
ADC1412D RENESAS-ADC1412D Datasheet
609Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
Texas Instruments
ADS6245 TI-ADS6245 Datasheet
3Mb / 76P
[Old version datasheet]   DUAL CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS62P25 TI-ADS62P25 Datasheet
1Mb / 71P
[Old version datasheet]   DUAL CHANNEL, 12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P24 TI1-ADS62P24_14 Datasheet
1Mb / 78P
[Old version datasheet]   DUAL CHANNEL, 12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com