Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF


ADS62P45 Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part No. ADS62P45
Description  Dual Channel 14-Bit, 125/105/80/65 MSPS ADC with Parallel CMOS/DDR LVDS outputs
Download  67 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

 
 63 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
ADS62P42IRGCR
PREVIEW
QFN
RGC
64
2500
TBD
Call TI
Call TI
ADS62P42IRGCT
PREVIEW
QFN
RGC
64
250
TBD
Call TI
Call TI
ADS62P43IRGCR
PREVIEW
QFN
RGC
64
2500
TBD
Call TI
Call TI
ADS62P43IRGCT
PREVIEW
QFN
RGC
64
250
TBD
Call TI
Call TI
ADS62P44IRGCR
PREVIEW
QFN
RGC
64
2500
TBD
Call TI
Call TI
ADS62P44IRGCT
PREVIEW
QFN
RGC
64
250
TBD
Call TI
Call TI
ADS62P45IRGCR
PREVIEW
QFN
RGC
64
2500
TBD
Call TI
Call TI
ADS62P45IRGCT
PREVIEW
QFN
RGC
64
250
TBD
Call TI
Call TI
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
22-Jan-2008
Addendum-Page 1




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ADS6245DUAL CHANNEL 14-BIT 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS 1 2 3 4 5 MoreTexas Instruments
ADS62P15Dual Channel 11-Bits 125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs 1 2 3 4 5 MoreTexas Instruments
ADS6445QUAD CHANNEL 14-BIT 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS 1 2 3 4 5 MoreSTMicroelectronics
ADS6225DUAL CHANNEL 12-BIT 125/105/80/65 MSPS ADC WITH SERIAL LVDS INTERFACE 1 2 3 4 5 MoreTexas Instruments
ADS5547_0714-BIT 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS 1 2 3 4 5 MoreTexas Instruments
ADS554614-BIT 190 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS 1 2 3 4 5 MoreTexas Instruments
ADS614514-BITS 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS 1 2 3 4 5 MoreTexas Instruments
ADC14DC080Dual 14-Bit 80/105 MSPS A/D Converter with CMOS Outputs Coming SoonNational Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl