Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC277MS8 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC277MS8
Description  GaAs MMIC SMT SINGLE GaAs MMIC SMT SINGLE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC277MS8 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC277MS8_06 Datasheet HTML 1Page - Hittite Microwave Corporation HMC277MS8_06 Datasheet HTML 2Page - Hittite Microwave Corporation HMC277MS8_06 Datasheet HTML 3Page - Hittite Microwave Corporation HMC277MS8_06 Datasheet HTML 4Page - Hittite Microwave Corporation HMC277MS8_06 Datasheet HTML 5Page - Hittite Microwave Corporation HMC277MS8_06 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
8
8 - 152
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Functional Diagram
Features
Passive Topology
LO / RF Isolation: 26 dB
Input IP3: +21 dBm
Low Conversion Loss: 9 dB
RoHS Compliant MSOP-8 Package
Electrical Specifications, T
A = +25° C, LO = +13 dBm, IF = 100 MHz*
Typical Applications
The HMC277MS8 / HMC277MS8E is ideal for:
• Cellular / 3G Infrastructure
• Basestations & Repeaters
• GSM, CDMA & WCDMA
• Subscribers & Portables
General Description
The
HMC277MS8
&
HMC277MS8E
are
general
purpose
single
balanced
mixers
in
8
lead
plastic
surface
mount
Mini
Small
Outline
Packages (MSOP). This passive MMIC mixer is
constructed of GaAs Schottky diodes and a novel planar
transformer balun on the chip. The HMC277MS8(E)
requires no external matching components, and is ideal
for upconverter and downconverter applications.The
RF port is balanced via the MMIC balun while the LO
port is connected directly to the diodes. This product is
pin for pin compatible with the HMC272MS8(E) which
operates from 1.7 to 3.0 GHz.
Parameter
Min.
Typ.
Max.
Units
Frequency Range, RF & LO
0.7 - 1.2
GHz
Frequency Range, IF
DC - 0.3
GHz
Conversion Loss
910.5
dB
Noise Figure (SSB)
910.5
dB
LO to RF Isolation
20
26
dB
LO to IF Isolation
812
dB
IP3 (Input)
17
21
dBm
1 dB Compression (Input)
9
12
dBm
*Unless otherwise noted, all measurements performed as a downconverter with low side LO.
HMC277MS8 / 277MS8E
GaAs MMIC SMT SINGLE
BALANCED MIXER, 0.7 - 1.2 GHz
v00.0906


Similar Part No. - HMC277MS8_06

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC277MS8 HITTITE-HMC277MS8_08 Datasheet
192Kb / 6P
   GaAs MMIC SMT SINGLE BALANCED MIXER, 0.7 - 1.2 GHz
More results

Similar Description - HMC277MS8_06

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC272MS8 HITTITE-HMC272MS8_01 Datasheet
169Kb / 6P
   GaAs MMIC SMT SINGLE BALANCED MIXER
logo
Analog Devices
HMC434 AD-HMC434 Datasheet
357Kb / 6P
   SMT GaAs HBT MMIC
logo
Hittite Microwave Corpo...
HMC361G8 HITTITE-HMC361G8 Datasheet
563Kb / 6P
   SMT GaAs HBT MMIC
HMC188MS8 HITTITE-HMC188MS8_09 Datasheet
245Kb / 4P
   GaAs MMIC SMT PASSIVE FREQUENCY
HMC272MS8 HITTITE-HMC272MS8 Datasheet
229Kb / 6P
   GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3 GHz
HMC277MS8 HITTITE-HMC277MS8_08 Datasheet
192Kb / 6P
   GaAs MMIC SMT SINGLE BALANCED MIXER, 0.7 - 1.2 GHz
HMC272AMS8 HITTITE-HMC272AMS8 Datasheet
399Kb / 6P
   GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.0 GHz
HMC272MS8 HITTITE-HMC272MS8_06 Datasheet
285Kb / 6P
   GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.0 GHz
HMC285 HITTITE-HMC285_08 Datasheet
189Kb / 6P
   GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.5 GHz
HMC272MS8 HITTITE-HMC272MS8_12 Datasheet
745Kb / 6P
   GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.0 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com