Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC272MS8 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part No. HMC272MS8
Description  GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.0 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITTITE [Hittite Microwave Corporation]
Homepage  http://www.hittite.com
Logo 

HMC272MS8 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
7
7 - 138
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
General Description
Features
Functional Diagram
RoHS Compliant Product
Ultra Small Package: MSOP8
LO / RF Isolation: 32 dB
IP3 (Input): +20 dBm
Electrical Specifications, T
A = +25° C, As a Function of IF Frequency
Typical Applications
The HMC272MS8 is ideal for:
• Up or Down Converter for PCS
• W-CDMA
• 2.4 GHz ISM
• MMDS
The HMC272MS8 & HMC272MS8E are general
purpose ultra miniature single balanced mixers in
8 lead plastic surface mount Mini Small Outline
Packages (MSOP). This passive MMIC mixer is
constructed of GaAs Schottky diodes and a novel
planar transformer balun on the chip. The RF port
is balanced via the MMIC balun while the LO port
is connected directly to the diodes. The consistent
MMIC performance will improve system operation and
assure regulatory compliance.
Parameter
LO = +10 dBm
IF = 100 MHz
LO = +10 dBm
IF = 400 MHz
Units
Min.
Typ.
Max.
Min.
Typ.
Max.
Frequency Range, RF & LO
2 - 3
1.7 - 2.8
GHz
Frequency Range, IF
DC - 0.8
DC - 0.8
GHz
Conversion Loss
9
10.5
9
11
dB
Noise Figure (SSB)
9
10.5
9
11
dB
LO to RF Isolation
22
30
24
32
dB
LO to IF Isolation
12
20
11
18
dB
IP3 (Input)
17
21
16
20
dBm
1 dB Compression (Input)
8
11
7
10
dBm
HMC272MS8 / 272MS8E
GaAs MMIC SMT SINGLE
BALANCED MIXER, 1.7 - 3.0 GHz
v02.0801


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HMC175MS8_06GaAs MMIC SMT DOUBLEBALANCED MIXER 1.7 - 4.5 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
MA4EX2401GaAs MMIC Double Balanced 24 GHz Mixer 1 2 3 4 Tyco Electronics
HMC264LM3_06GaAs MMIC SUB-HARMONIC SMT MIXER 20 - 30 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC265LM3_06GaAs MMIC SUB-HARMONIC SMT MIXER 20 - 31 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC141C8_06GaAs MMIC SMT DOUBLEBALANCED MIXER 6 - 15 GHz 1 2 3 4 Hittite Microwave Corporation
HMC258LC3BGaAs MMIC SUB-HARMONIC SMT MIXER 14.5 - 19.5 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC207S8_06GaAs MMIC SMT DOUBLEBALANCED MIXER 0.7 - 2.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC-C035GaAs MMIC DOUBLE BALANCED MIXER MODULE 23 - 37 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC168C8_06GaAs MMIC SMT DOUBLEBALANCED MIXER 4.5 - 8 GHz 1 2 3 4 Hittite Microwave Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn