Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC263 Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC263
Description  GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC263 Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  HMC263_07 Datasheet HTML 1Page - Hittite Microwave Corporation HMC263_07 Datasheet HTML 2Page - Hittite Microwave Corporation HMC263_07 Datasheet HTML 3Page - Hittite Microwave Corporation HMC263_07 Datasheet HTML 4Page - Hittite Microwave Corporation HMC263_07 Datasheet HTML 5Page - Hittite Microwave Corporation HMC263_07 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
1
1 - 7
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Mounting & Bonding Techniques for Millimeterwave GaAs MMICs
The die should be attached directly to the ground plane eutectically or
with conductive epoxy (see HMC general Handling, Mounting, Bonding
Note).
50 Ohm Microstrip transmission lines on 0.127mm (5 mil) thick alumina
thin film substrates are recommended for bringing RF to and from the chip
(Figure 1). If 0.254mm (10 mil) thick alumina thin film substrates must be
used, the die should be raised 0.150mm (6 mils) so that the surface of the
die is coplanar with the surface of the substrate. One way to accomplish
this is to attach the 0.102mm (4 mil) thick die to a 0.150mm (6 mil) thick
molybdenum heat spreader (moly-tab) which is then attached to the
ground plane (Figure 2).
Microstrip substrates should brought as close to the die as possible in
order to minimize bond wire length. Typical die-to-substrate spacing is
0.076mm to 0.152 mm (3 to 6 mils).
An RF bypass capacitor should be used on the Vdd input. A 100pF single
layer capacitor (mounted eutectically or by conductive epoxy) placed no
further than 0.762mm (30 Mils) from the chip is recommended.
Handling Precautions
Follow these precautions to avoid permanent damage.
Storage:
All bare die are placed in either Waffle or Gel based ESD
protective containers, and then sealed in an ESD protective bag for
shipment. Once the sealed ESD protective bag has been opened, all die
should be stored in a dry nitrogen environment.
Cleanliness: Handle the chips in a clean environment. DO NOT attempt
to clean the chip using liquid cleaning systems.
Static Sensitivity:
Follow ESD precautions to protect against ESD
strikes.
Transients: Suppress instrument and bias supply transients while bias is applied. Use shielded signal and bias
cables to minimize inductive pick-up.
General Handling: Handle the chip along the edges with a vacuum collet or with a sharp pair of bent tweezers. The
surface of the chip has fragile air bridges and should not be touched with vacuum collet, tweezers, or fingers.
Mounting
The chip is back-metallized and can be die mounted with AuSn eutectic preforms or with electrically conductive epoxy.
The mounting surface should be clean and flat.
Eutectic Die Attach: A 80/20 gold tin preform is recommended with a work surface temperature of 255 °C and a
tool temperature of 265 °C. When hot 90/10 nitrogen/hydrogen gas is applied, tool tip temperature should be 290 °C.
DO NOT expose the chip to a temperature greater than 320 °C for more than 20 seconds. No more than 3 seconds of
scrubbing should be required for attachment.
Epoxy Die Attach: Apply a minimum amount of epoxy to the mounting surface so that a thin epoxy fillet is observed
around the perimeter of the chip once it is placed into position. Cure epoxy per the manufacturer’s schedule.
Wire Bonding
Ball or wedge bond with 0.025mm (1 mil) diameter pure gold wire (DC Bias) or ribbon bond (RF ports) 0.076mm
x 0.013mm (3 mil x 0.5 mil) size is recommended. Thermosonic wirebonding with a nominal stage temperature of
150 °C and a ball bonding force of 40 to 50 grams or wedge bonding force of 18 to 22 grams is recommended. Use
the minimum level of ultrasonic energy to achieve reliable wirebonds. Wirebonds should be started on the chip and
terminated on the package or substrate. All bonds should be as short as possible <0.31mm (12 mils).
0.102mm (0.004”) Thick GaAs MMIC
Ribbon Bond
RF Ground Plane
0.127mm (0.005”) Thick Alumina
Thin Film Substrate
0.076mm
(0.003”)
Figure 1.
0.102mm (0.004”) Thick GaAs MMIC
Ribbon Bond
RF Ground Plane
0.254mm (0.010”) Thick Alumina
Thin Film Substrate
0.076mm
(0.003”)
Figure 2.
0.150mm (0.005”) Thick
Moly Tab
HMC263
v04.0907
GaAs MMIC LOW NOISE
AMPLIFIER, 24 - 36 GHz


Similar Part No. - HMC263_07

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC263LP4E HITTITE-HMC263LP4E Datasheet
963Kb / 8P
   GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
HMC263LP4E HITTITE-HMC263LP4E Datasheet
272Kb / 8P
   GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
HMC263LP4E HITTITE-HMC263LP4E Datasheet
272Kb / 1P
   GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
HMC263LP4E HITTITE-HMC263LP4E Datasheet
272Kb / 8P
   GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
logo
Analog Devices
HMC263LP4E AD-HMC263LP4E Datasheet
1Mb / 7P
   GaAs MMIC LOW NOISE AMPLIFIER
More results

Similar Description - HMC263_07

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC263LP4E HITTITE-HMC263LP4E_10 Datasheet
963Kb / 8P
   GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
HMC263LP4E HITTITE-HMC263LP4E Datasheet
272Kb / 8P
   GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
HMC263LP4E HITTITE-HMC263LP4E_09 Datasheet
272Kb / 8P
   GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
HMC263 HITTITE-HMC263 Datasheet
212Kb / 8P
   GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
HMC263LP4 HITTITE-HMC263LP4_09 Datasheet
272Kb / 1P
   GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
HMC282 HITTITE-HMC282_00 Datasheet
153Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER, 36 - 40 GHz
HMC282 HITTITE-HMC282 Datasheet
109Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER 36 - 40 GHz
logo
Alpha Industries
AA035N1-00 ALPHA-AA035N1-00 Datasheet
173Kb / 3P
   28-36 GHz GaAs MMIC Low Noise Amplifier
logo
Hittite Microwave Corpo...
HMC341 HITTITE-HMC341_07 Datasheet
222Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER, 24 - 30 GHz
logo
Alpha Industries
AA028N1-00 ALPHA-AA028N1-00 Datasheet
96Kb / 2P
   24-30 GHz GaAs MMIC Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com