Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC256 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC256
Description  GaAs MMIC I/Q MIXER 5.9 - 12 GHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC256 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC256_07 Datasheet HTML 1Page - Hittite Microwave Corporation HMC256_07 Datasheet HTML 2Page - Hittite Microwave Corporation HMC256_07 Datasheet HTML 3Page - Hittite Microwave Corporation HMC256_07 Datasheet HTML 4Page - Hittite Microwave Corporation HMC256_07 Datasheet HTML 5Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
3
3 - 6
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Pad Number
Function
Description
Interface Schematic
1RF
This pin is AC coupled
and matched to 50 Ohm.
2LO
This pin is AC coupled
and matched to 50 Ohm.
3, 4
IF1, IF2
This pin is DC coupled. For operation to
DC pin must not sink/source more than
2 mA of current or failure may result.
Backside
GND
The backside of the die must connect to RF ground.
Pad Descriptions
HMC256
v03.1007
GaAs MMIC I/Q MIXER
5.9 - 12 GHz


Similar Part No. - HMC256_07

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC256 HITTITE-HMC256_09 Datasheet
163Kb / 6P
   GaAs MMIC I/Q MIXER 5.9 - 12 GHz
More results

Similar Description - HMC256_07

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC256 HITTITE-HMC256 Datasheet
145Kb / 6P
   GaAs MMIC I/Q MIXER 5.9 - 12 GHz
HMC256 HITTITE-HMC256_09 Datasheet
163Kb / 6P
   GaAs MMIC I/Q MIXER 5.9 - 12 GHz
HMC1042LC4 HITTITE-HMC1042LC4 Datasheet
1Mb / 16P
   GaAs MMIC I/Q MIXER
HMC1041LC4 HITTITE-HMC1041LC4 Datasheet
1Mb / 16P
   GaAs MMIC I/Q MIXER
HMC520LC4 HITTITE-HMC520LC4 Datasheet
288Kb / 6P
   GaAs MMIC I/Q MIXER 6 - 10 GHz
HMC521 HITTITE-HMC521 Datasheet
310Kb / 6P
   GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
HMC521LC4 HITTITE-HMC521LC4 Datasheet
289Kb / 6P
   GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
HMC522 HITTITE-HMC522 Datasheet
307Kb / 6P
   GaAs MMIC I/Q MIXER 11 - 16 GHz
HMC555 HITTITE-HMC555 Datasheet
320Kb / 6P
   GaAs MMIC I/Q MIXER 31 - 38 GHz
HMC524 HITTITE-HMC524 Datasheet
305Kb / 6P
   GaAs MMIC I/Q MIXER 22 - 32 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com