Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC232G8 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC232G8
Description  GaAs MMIC HIGH ISOLATION SMT SPDT SWITCH, DC - 6.0 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC232G8 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC232G8_06 Datasheet HTML 1Page - Hittite Microwave Corporation HMC232G8_06 Datasheet HTML 2Page - Hittite Microwave Corporation HMC232G8_06 Datasheet HTML 3Page - Hittite Microwave Corporation HMC232G8_06 Datasheet HTML 4Page - Hittite Microwave Corporation HMC232G8_06 Datasheet HTML 5Page - Hittite Microwave Corporation HMC232G8_06 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
8
8 - 73
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Input Third Order Intercept Point
Return Loss
0.1 and 1 dB Input Compression Point
Insertion Loss
Isolation
-5
-4
-3
-2
-1
0
0
123
456
7
+ 25C
+ 85C
- 40C
FREQUENCY (GHz)
-70
-60
-50
-40
-30
-20
-10
0
012
3
456
7
RF1
RF2
FREQUENCY (GHz)
-25
-20
-15
-10
-5
0
012
3
456
7
RFC
RF1, RF2 ON
RF1, RF2 OFF
FREQUENCY (GHz)
15
20
25
30
35
012
3
456
7
1 dB Compression Point
0.1 dB Compression Point
FREQUENCY (GHz)
30
35
40
45
50
55
60
012
3
456
7
+ 25C
+ 85C
- 40C
FREQUENCY (GHz)
HMC232G8
GaAs MMIC HIGH ISOLATION SMT
SPDT SWITCH, DC - 6.0 GHz
v01.1105


Similar Part No. - HMC232G8_06

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC232G8 HITTITE-HMC232G8_08 Datasheet
147Kb / 6P
   GaAs MMIC HIGH ISOLATION SMT SPDT SWITCH, DC - 6 GHz
More results

Similar Description - HMC232G8_06

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC232G7 HITTITE-HMC232G7_06 Datasheet
261Kb / 6P
   GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 6.0 GHz
HMC232G7 HITTITE-HMC232G7 Datasheet
173Kb / 6P
   GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 6.0 GHz
HMC233G8 HITTITE-HMC233G8_06 Datasheet
224Kb / 6P
   GaAs MMIC HIGH ISOLATION SMT SPDT SWITCH, DC - 6.0 GHz
HMC232G8 HITTITE-HMC232G8 Datasheet
172Kb / 6P
   GaAs MMIC HIGH ISOLATION SMT SPDT SWITCH, DC - 6.0 GHz
HMC607G7 HITTITE-HMC607G7 Datasheet
270Kb / 6P
   GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 6.0 GHz
HMC233G8 HITTITE-HMC233G8 Datasheet
192Kb / 6P
   GaAs MMIC HIGH ISOLATION SMT SPDT SWITCH, DC - 6.0 GHz
HMC231G7 HITTITE-HMC231G7 Datasheet
172Kb / 6P
   GaAs MMIC SMT HIGH ISOLATION SPST SWITCH, DC - 6.0 GHz
HMC231G7 HITTITE-HMC231G7_07 Datasheet
258Kb / 6P
   GaAs MMIC SMT HIGH ISOLATION SPST SWITCH, DC - 6.0 GHz
HMC347C8 HITTITE-HMC347C8 Datasheet
179Kb / 6P
   GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 8.0 GHz
HMC234C8 HITTITE-HMC234C8 Datasheet
191Kb / 6P
   GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 8.0 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com