Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR302G Datasheet(PDF) 2 Page - DAESAN ELECTRONIC CORP.

Part # FR302G
Description  CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

FR302G Datasheet(HTML) 2 Page - DAESAN ELECTRONIC CORP.

  FR302G Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. FR302G Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Trr
1cm
SET TIME BASE FOR 50/100 ns/cm
-1.0A
+0.5A
0
-0.25A
FIG.1-TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
OSCILLOSCOPE
(NOTE1)
1W
NON IN-
DUCTIVE
50W
NON INDUCTIVE
10W
NON INDUCTIVE
D.U.T.
25Vdc
(APPROX)
( + )
NOTES : 1.Rise Time=7ns max. input impedance=1
megohm 22pF
2.Rise Time=10ns max. source impedance
=50 ohms
PULSE
GENERATOR
(NOTE2)
( )
FIG.2-TYPICAL FORWARD CURRENT
DERATING CURVE
125
0
25
150
100
75
50
175
AMBIENT TEMPERATURE ( ℃)
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
0
2.0
0.5
1.0
1.5
3.0
2.5
FIG.4-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
1.2
0.4
0.6
1.4
1.0
0.8
1.6
INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
10
0.1
0.01
1
TJ=25℃
Pulse Width=300mS
1% Duty Cycle
FIG.5-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE. (V)
10
0.1 0.2
4
20
0.4
2
1
40
100
TJ=25℃
1
2
6
4
100
40
20
10
200
60
FIG.3-MAXIMUM NON-REPETITIVE
FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
1
100
20
10
4
60
40
8
6
2
8.3m SINGLE HALF SINE WAVE
(JEDEC Method)
25
50
0
100
75
125
RATINGS AND CHARACTERISTIC CURVES FR301G THRU FR307G


Similar Part No. - FR302G

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FR302G RECTRON-FR302G Datasheet
238Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Amperes)
logo
Diode Semiconductor Kor...
FR302G DSK-FR302G Datasheet
276Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
Galaxy Semi-Conductor H...
FR302G BILIN-FR302G Datasheet
53Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
Shenzhen Luguang Electr...
FR302G LUGUANG-FR302G Datasheet
178Kb / 2P
   3.0 AMP. Glass Passivated Fast Recovery Rectifiers
logo
Jinan Gude Electronic D...
FR302G JGD-FR302G Datasheet
145Kb / 2P
   3.0 AMPS. GLASS PASSIVATED FAST RECOVERY RECTIFIERS
More results

Similar Description - FR302G

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
KBPC3005 DAESAN-KBPC3005 Datasheet
178Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
HER301G DAESAN-HER301G Datasheet
306Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
FR301 DAESAN-FR301 Datasheet
312Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
HER301 DAESAN-HER301 Datasheet
229Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
UF5400 DAESAN-UF5400 Datasheet
230Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
1N5400 DAESAN-1N5400 Datasheet
213Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
S3A DAESAN-S3A Datasheet
336Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
KBL3005 DAESAN-KBL3005 Datasheet
227Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
logo
DONGGUAN YOU FENG WEI E...
KBP301-KBP YFWDIODE-KBP301-KBP Datasheet
895Kb / 2P
   Voltage Range 50 to 1000 Volts Current 3.0 Amperes
logo
PACELEADER INDUSTRIAL
FR301 PACELEADER-FR301 Datasheet
469Kb / 2P
   VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Amperes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com