Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DL4754A Datasheet(PDF) 2 Page - DAESAN ELECTRONIC CORP.

Part # DL4754A
Description  1W SURFACE MOUNT ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

DL4754A Datasheet(HTML) 2 Page - DAESAN ELECTRONIC CORP.

  DL4754A Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. DL4754A Datasheet HTML 2Page - DAESAN ELECTRONIC CORP. DL4754A Datasheet HTML 3Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
T ype
Number
Nominal
Zener
V oltage (2)
T es t
C urrent
Maximum Zener Impedance (3)
Maximum R evers e
L eakage C urrent
Max S urge
C urrent
8.3ms
Maximum
Zener
C urrent
V Z @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR
@ V R
IZS
IZM
V
m
Ω
Ω
mA
µA
V
mA
mA
DL4728A
3.3
76
10
400
1.0
100
1.0
1380
276
DL4729A
3.6
69
10
400
1.0
100
1.0
1260
252
DL4730A
3.9
64
9.0
400
1.0
50
1.0
1190
234
DL4731A
4.3
58
9.0
400
1.0
10
1.0
1070
217
DL4732A
4.7
53
8.0
500
1.0
10
1.0
970
193
DL4733A
5.1
49
7.0
550
1.0
10
1.0
890
178
DL4734A
5.6
45
5.0
600
1.0
10
2.0
810
162
DL4735A
6.2
41
2.0
700
1.0
10
3.0
730
146
DL4736A
6.8
37
3.5
700
1.0
10
4.0
660
133
DL4737A
7.5
34
4.0
700
0.5
10
5.0
605
121
DL4738A
8.2
31
4.5
700
0.5
10
6.0
550
110
DL4739A
9.1
28
5.0
700
0.5
10
7.0
500
100
DL4740A
10
25
7.0
700
0.25
10
7.6
454
91
DL4741A
11
23
8.0
700
0.25
5.0
8.4
414
83
DL4742A
12
21
9.0
700
0.25
5.0
9.1
380
76
DL4743A
13
19
10
700
0.25
5.0
9.9
344
69
DL4744A
15
17
14
700
0.25
5.0
11.4
304
61
DL4745A
16
15.5
16
700
0.25
5.0
12.2
285
57
DL4746A
18
14
20
750
0.25
5.0
13.7
250
50
DL4747A
20
12.5
22
750
0.25
5.0
15.2
225
45
DL4748A
22
11.5
23
750
0.25
5.0
16.7
205
41
DL4749A
24
10.5
25
750
0.25
5.0
18.2
190
38
DL4750A
27
9.5
35
750
0.25
5.0
20.6
170
34
DL4751A
30
8.5
40
1000
0.25
5.0
22.8
150
30
DL4752A
33
7.5
45
1000
0.25
5.0
25.1
135
27
DL4753A
36
7.0
50
1000
0.25
5.0
27.4
125
25
DL4754A
39
6.5
60
1000
0.25
5.0
29.7
115
23
DL4755A
43
6.0
70
1500
0.25
5.0
32.7
110
22
DL4756A
47
5.5
80
1500
0.25
5.0
35.8
95
19
DL4757A
51
5.0
95
1500
0.25
5.0
38.8
90
18
DL4758A
56
4.5
110
2000
0.25
5.0
42.6
80
16
DL4759A
62
4.0
125
2000
0.25
5.0
47.1
70
14
DL4760A
68
3.7
150
2000
0.25
5.0
51.7
65
13
DL4761A
75
3.3
175
2000
0.25
5.0
56.0
60
12
DL4762A
82
3.0
200
3000
0.25
5.0
62.2
55
11
DL4763A
91
2.8
250
3000
0.25
5.0
69.2
50
10
DL4764A
100
2.5
350
3000
0.25
5.0
76.0
45
9.0
ELECTRICAL CHARACTERISTIC at (TA=25℃ unless other specified)


Similar Part No. - DL4754A

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
DL4754A RECTRON-DL4754A Datasheet
24Kb / 2P
   Surface Mount M.E.L.F ZENER DIODE
logo
Rugao Dachang Electroni...
DL4754A DACHANG-DL4754A Datasheet
119Kb / 2P
   Low reverse leakage
logo
Dc Components
DL4754A DCCOM-DL4754A Datasheet
188Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
logo
SeCoS Halbleitertechnol...
DL4754A SECOS-DL4754A Datasheet
147Kb / 3P
   1W , MELF Surface Mount Zener Diodes
logo
Formosa MS
DL4754A FORMOSA-DL4754A Datasheet
82Kb / 3P
   Zener diode
More results

Similar Description - DL4754A

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
ZM4728A TAITRON-ZM4728A Datasheet
201Kb / 4P
   Surface Mount 1W Zener Diodes
logo
Formosa MS
SMA4728A FORMOSA-SMA4728A Datasheet
151Kb / 4P
   Surface Mount Zener Diodes 1W
logo
SeCoS Halbleitertechnol...
DL47XXA SECOS-DL47XXA Datasheet
147Kb / 3P
   1W , MELF Surface Mount Zener Diodes
logo
Taiwan Semiconductor Co...
1SMA4737 TSC-1SMA4737_15 Datasheet
226Kb / 6P
   1W, 7.5V - 200V Surface Mount Silicon Zener Diodes
logo
TAITRON Components Inco...
1N4728A TAITRON-1N4728A Datasheet
200Kb / 4P
   1W Zener Diodes
logo
Zibo Seno Electronic En...
ZM4728 ZSELEC-ZM4728 Datasheet
194Kb / 3P
   1W SURFACE MOUNT ZENER DIODE
logo
Formosa MS
1N4728 FORMOSA-1N4728 Datasheet
156Kb / 3P
   1W ZENER DIODES
logo
Nanjing International G...
1N4728 DGNJDZ-1N4728 Datasheet
954Kb / 2P
   1W ZENER DIODES
logo
Cystech Electonics Corp...
ZD4728ASA CYSTEKEC-ZD4728ASA Datasheet
271Kb / 4P
   1W Zener Diodes
logo
TAITRON Components Inco...
TZ100B TAITRON-TZ100B Datasheet
168Kb / 4P
   1W Zener Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com